Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

SCA3000-E01 Fiches technique(PDF) 1 Page - VTI technologies

No de pièce SCA3000-E01
Description  3-AXIS ULTRA LOW POWER ACCELEROMETER WITH DIGITAL SPI INTERFACE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VTI [VTI technologies]
Site Internet  http://www.vti.fi
Logo VTI - VTI technologies

SCA3000-E01 Fiches technique(HTML) 1 Page - VTI technologies

  SCA3000-E01 Datasheet HTML 1Page - VTI technologies SCA3000-E01 Datasheet HTML 2Page - VTI technologies SCA3000-E01 Datasheet HTML 3Page - VTI technologies SCA3000-E01 Datasheet HTML 4Page - VTI technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SCA3000-E01
VTI Technologies Oy
PRELIMINARY - Subject to changes
1/4
www.vti.fi
Doc. Nr. 8255900A.01
Rev. A.01
INT
DE-
MUX
1:3
Low-pass
Filter
Low-pass
Filter
Low-pass
Filter
Decimation
Decimation
Decimation
Coordinate
Mapping
and
Calibration
Oscillator
&
clock
Motion
detector
Free fall
detector
Non-Volatile
Memory
Reference
SPI
i/f
Control
&
INT
SCK
MISO
MOSI
CSB
Ring
Buffer
C/V
Analog
calibration
&
ADC
SCA3000-E01 3-AXIS ULTRA LOW POWER ACCELEROMETER
WITH DIGITAL SPI INTERFACE
Features
2.35 V – 3.6 V supply voltage,
1.7 – 3.6 V digital I/O voltage
±3 g measurement range
SPI digital interface
Selectable frequency response
Ultra low power consumption
(2.5 V, 120
µA typ)
64 samples/axis buffer memory for output
acceleration data and advanced features
enable significant power and resource
savings at system level
Interrupt signal triggered by motion and
free fall
Size 7x7x1.8 mm
Proven capacitive 3D-MEMS technology
High shock durability
RoHS compliant / lead free soldering
Applications
SCA3000-E01 is targeted to battery operated
wrist and hand-held devices. Typical
applications are but not limited
Motion activated functions in mobile
terminals and antitheft systems
Gaming input devices
Inclination sensing in digital inclinometers
Tilt compensation in electronic compass
Hard disk protection
Pedometers and activity monitors
Figure 1
SCA3000-E01 Block Diagram
Data Sheet


Html Pages

1  2  3  4 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn