Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SCA3000-D02 Fiches technique(PDF) 1 Page - VTI technologies

No de pièce SCA3000-D02
Description  3-AXIS LOW POWER ACCELEROMETER WITH DIGITAL I2C INTERFACE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VTI [VTI technologies]
Site Internet  http://www.vti.fi
Logo VTI - VTI technologies

SCA3000-D02 Fiches technique(HTML) 1 Page - VTI technologies

  SCA3000-D02 Datasheet HTML 1Page - VTI technologies SCA3000-D02 Datasheet HTML 2Page - VTI technologies SCA3000-D02 Datasheet HTML 3Page - VTI technologies SCA3000-D02 Datasheet HTML 4Page - VTI technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SCA3000-D02
VTI Technologies Oy
PRELIMINARY - Subject to changes
1/4
www.vti.fi
Doc.no.8255800A.01
Rev.A.01
INT
DE-
MUX
1:3
Low-pass
Filter
Low-pass
Filter
Low-pass
Filter
Decimation
Decimation
Decimation
Coordinate
Mapping
and
Calibration
Oscillator
&
clock
Motion
detector
Free fall
detector
Reference
I2C
i/f
Control
&
INT
SCL
SDA
Ring
Buffer
C/V
Analog
calibration
&
ADC
Non-
Volatile
Memory
Temperature
sensor
SCA3000-D02 3-AXIS LOW POWER ACCELEROMETER WITH DIGITAL
I
2C INTERFACE
Features
2.35 V – 3.6 V supply voltage,
1.7 V – 3.6 V digital I/O voltage
±2 g measurement range
I
2C digital interface: V2.1 compliant, 10-bit
addressing, supports standard mode and
fast mode
Selectable frequency response
Very low current consumption
(2.5 V, 650
µA typ)
Temperature output
64 samples/axis buffer memory for output
acceleration data and advanced features
enable significant power and resource
savings at system level
Interrupt signal triggered by motion and free
fall
Size 7x7x1.8 mm
Proven capacitive 3D-MEMS technology
High shock durability
RoHS compliant / lead free soldering
Applications
SCA3000-D02 is targeted to battery operated
devices. Typical applications are but not limited
Motion activated functions in mobile
terminals and antitheft systems
Inertial navigation
Inclination sensing in digital inclinometers
Tilt compensation in electronic compass
Figure 1
SCA3000-D02 Block Diagram
Data Sheet


Numéro de pièce similaire - SCA3000-D02

FabricantNo de pièceFiches techniqueDescription
logo
VTI technologies
SCA3000-D02 VTI-SCA3000-D02 Datasheet
936Kb / 43P
   Product Family Specification
SCA3000-D02-1 VTI-SCA3000-D02-1 Datasheet
936Kb / 43P
   Product Family Specification
SCA3000-D02-10 VTI-SCA3000-D02-10 Datasheet
936Kb / 43P
   Product Family Specification
SCA3000-D02-25 VTI-SCA3000-D02-25 Datasheet
936Kb / 43P
   Product Family Specification
More results

Description similaire - SCA3000-D02

FabricantNo de pièceFiches techniqueDescription
logo
VTI technologies
SCA3000-E02 VTI-SCA3000-E02 Datasheet
207Kb / 4P
   3-AXIS ULTRA LOW POWER ACCELEROMETER WITH DIGITAL I2C INTERFACE
CMA3000-D01 VTI-CMA3000-D01 Datasheet
201Kb / 4P
   3-AXIS ULTRA LOW POWER ACCELEROMETER WITH DIGITAL SPI AND I2C INTERFACE
SCA3000-D01 VTI-SCA3000-D01 Datasheet
209Kb / 4P
   3-AXIS LOW POWER ACCELEROMETER WITH DIGITAL SPI INTERFACE
SCA3000-E01 VTI-SCA3000-E01 Datasheet
204Kb / 4P
   3-AXIS ULTRA LOW POWER ACCELEROMETER WITH DIGITAL SPI INTERFACE
SCA3000-E05 VTI-SCA3000-E05 Datasheet
193Kb / 4P
   3-AXIS ULTRA LOW POWER ACCELEROMETER WITH DIGITAL SPI INTERFACE
SCA3000-E04 VTI-SCA3000-E04 Datasheet
226Kb / 4P
   3-AXIS ULTRA LOW POWER ACCELEROMETER WITH DIGITAL SPI INTERFACE
SCA3100-D01 VTI-SCA3100-D01 Datasheet
106Kb / 3P
   3-AXIS ACCELEROMETER WITH DIGITAL SPI INTERFACE
logo
List of Unclassifed Man...
MXC6202G ETC1-MXC6202G Datasheet
965Kb / 10P
   Low Power, Low Profile 짹2 g Dual Axis Accelerometer with I2C Interface
logo
MEMSIC Semiconductor (T...
MXC6232XG MEMSIC-MXC6232XG Datasheet
236Kb / 8P
   Low Power, Low Profile 짹2 g Dual Axis Accelerometer with I2C Interface
Rev.A
logo
VTI technologies
SCA3100-D07 VTI-SCA3100-D07 Datasheet
129Kb / 4P
   3-AXIS HIGH PERFORMANCE ACCELEROMETER WITH DIGITAL SPI INTERFACE
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com