Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

1N5545 Fiches technique(PDF) 2 Page - Microsemi Corporation

No de pièce 1N5545
Description  Low Voltage Avalanche 500 mW Zener Diodes DO-35
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROSEMI [Microsemi Corporation]
Site Internet  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

1N5545 Fiches technique(HTML) 2 Page - Microsemi Corporation

  1N5545 Datasheet HTML 1Page - Microsemi Corporation 1N5545 Datasheet HTML 2Page - Microsemi Corporation 1N5545 Datasheet HTML 3Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Low Voltage Avalanche
500 mW Zener Diodes DO-35
SCOTTSD A L E DIVISION
1N5518B thru 1N5546B-1 DO-35
ELECTRICAL CHARACTERISTICS (TA = 25oC unless otherwise noted. Based on DC measurements at
thermal equilibrium; VF = 1.1 Max @ IF = 200 mA for all types.)
MAX. REVERSE LEAKAGE
CURRENT (Note 4)
VR – VOLTS
JEDEC
TYPE
NUMBER
(Note 1)
NOMINAL
ZENER
VOLTAGE
VZ @ IZT
(Note 2)
VOLTS
TEST
CURRENT
IZT
mAdc
MAX. ZENER
IMPEDANCE
B-C-D SUFFIX
ZZT @ IZT
(Note 3)
OHMS
IR
µAdc
NON & A-
SUFFIX
B-C-D
SUFFIX
B-C-D
SUFFIX
MAXIMUM
DC ZENER
CURRENT
IZM
(Note 5)
mAdc
B-C-D SUFFIX
MAX. NOISE
DENSITY
AT IZ = 250µA
ND
µV/ √Hz
REGULATION
FACTOR
∆VZ
(Note 6)
VOLTS
LOW VZ
CURRENT
IZL
(Note 6)
mAdc
1N5518
1N5519
1N5520
1N5521
1N5522
3.3
3.6
3.9
4.3
4.7
20
20
20
20
10
26
24
22
18
22
5.0
3.0
1.0
3.0
2.0
0.90
0.90
0.90
1.0
1.5
1.0
1.0
1.0
1.5
2.0
115
105
98
88
81
0.5
0.5
0.5
0.5
0.5
0.90
0.90
0.85
0.75
0.60
2.0
2.0
2.0
2.0
1.0
1N5523
1N5524
1N5525
1N5526
1N5527
5.1
5.6
6.2
6.8
7.5
5.0
3.0
1.0
1.0
1.0
26
30
30
30
35
2.0
2.0
1.0
1.0
0.5
2.0
3.0
4.5
5.5
6.0
2.5
3.5
5.0
6.2
6.8
75
68
61
56
51
0.5
1.0
1.0
1.0
2.0
0.65
0.30
0.20
0.10
0.05
0.25
0.25
0.01
0.01
0.01
1N5528
1N5529
1N5530
1N5531
1N5532
8.2
9.1
10.0
11.0
12.0
1.0
1.0
1.0
1.0
1.0
40
45
60
80
90
0.5
0.1
0.05
0.05
0.05
6.5
7.0
8.0
9.0
9.5
7.5
8.2
9.1
9.9
10.8
46
42
38
35
32
4.0
4.0
4.0
5.0
10
0.05
0.05
0.10
0.20
0.20
0.01
0.01
0.01
0.01
0.01
1N5533
1N5534
1N5535
1N5536
1N5537
13.0
14.0
15.0
16.0
17.0
1.0
1.0
1.0
1.0
1.0
90
100
100
100
100
0.01
0.01
0.01
0.01
0.01
10.5
11.5
12.5
13.0
14.0
11.7
12.6
13.5
14.4
15.3
29
27
25
24
22
15
20
20
20
20
0.20
0.20
0.20
0.20
0.20
0.01
0.01
0.01
0.01
0.01
1N5538
1N5539
1N5540
1N5541
1N5542
18.0
19.0
20.0
22.0
24.0
1.0
1.0
1.0
1.0
1.0
100
100
100
100
100
0.01
0.01
0.01
0.01
0.01
15.0
16.0
17.0
18.0
20.0
16.2
17.1
18.0
19.8
21.6
21
20
19
17
16
20
20
20
20
20
0.20
0.20
0.20
0.25
0.30
0.01
0.01
0.01
0.01
0.01
1N5543
1N5544
1N5545
1N5546
25.0
28.0
30.0
33.0
1.0
1.0
1.0
1.0
100
100
100
100
0.01
0.01
0.01
0.01
21.0
23.0
24.0
28.0
22.4
25.2
27.0
29.7
15
14
13
12
20
20
20
20
0.35
0.40
0.45
0.50
0.01
0.01
0.01
0.01
NOTES:
1.
TOLERANCE AND VOLTAGE DESIGNATION –
The JEDEC type numbers shown are +/-20% with guaranteed limits for only VZ, IR, and VF. Units with A suffix are +/-10% with
guaranteed limits for VZ, IR, and VF. Units with guaranteed limits for all six parameters are indicated by a B suffix for +/-5.0% units,
C suffix for +/-2.0% and D suffix for +/-1.0%.
2.
ZENER VOLTAGE (VZ) MEASUREMENT –
Nominal zener voltage is measured with the device junction in thermal equilibrium with ambient temperature of 25
oC.
3.
ZENER IMPEDANCE (ZZ) MEASUREMENT –
The zener impedance is derived from the 60 Hz ac voltage, which results when an ac current having an rms value equal to 10%
of the dc zener current (IZT) is superimposed on IZT.
4.
REVERSE LEAKAGE CURRENT (IR) –
Reverse leakage currents are guaranteed and are measured at VR as shown on the table.
5.
MAXIMUM REGULATOR CURRENT (IZM) –
The maximum current shown is as shown in MIL-PRF-19500/437.
6.
MAXIMUM REGULATION FACTOR (
∆VZ) –
∆VZ is the maximum difference between VZ at IZT and VZ at IZL measured with the device junction in thermal equilibrium.
Microsemi
Scottsdale Division
8700 E. Thomas Rd. PO Box 1390, Scottsdale, AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503
Page 2
Copyright
 2003
11-12-2003 REV B


Numéro de pièce similaire - 1N5545

FabricantNo de pièceFiches techniqueDescription
logo
Jinan Gude Electronic D...
1N5545 JGD-1N5545 Datasheet
243Kb / 2P
   0.4W LOW VOLTAGE AVALANCHE DIODES
logo
Knox Semiconductor, Inc
1N5545 KNOX-1N5545 Datasheet
39Kb / 1P
   LOW VOLTAGE AVALANCHE ZENER DIODES HIGH PERFORMANCE: LOW NOISE, LOW LEAKAGE
logo
Microsemi Corporation
1N5545 MICROSEMI-1N5545 Datasheet
81Kb / 2P
   LOW VOLTAGE AVALANCHE DIODES DO-35
1N5545 MICROSEMI-1N5545 Datasheet
83Kb / 2P
   LOW VOLTAGE AVALANCHE DIODES DO-7
1N5545 MICROSEMI-1N5545 Datasheet
113Kb / 2P
   LEADLESS PACKAGE FOR SURFACE MOUNT ZENER DIODE, 500mW
More results

Description similaire - 1N5545

FabricantNo de pièceFiches techniqueDescription
logo
SeCoS Halbleitertechnol...
1N52XXB SECOS-1N52XXB Datasheet
122Kb / 2P
   500 mW , DO-35 Zener Diodes
logo
Motorola, Inc
MZ4625 MOTOROLA-MZ4625 Datasheet
424Kb / 42P
   500 mW DO-35 Glass Zener Voltage Regulator Diodes
1N4370A MOTOROLA-1N4370A Datasheet
424Kb / 42P
   500 mW DO-35 Glass Zener Voltage Regulator Diodes
BZX55C2V4RL MOTOROLA-BZX55C2V4RL Datasheet
424Kb / 42P
   500 mW DO-35 Glass Zener Voltage Regulator Diodes
logo
Microsemi Corporation
1N5518-1 MICROSEMI-1N5518-1 Datasheet
81Kb / 2P
   LOW VOLTAGE AVALANCHE DIODES DO-35
logo
NEC
RD200E NEC-RD200E Datasheet
95Kb / 12P
   500 mW DHD ZENER DIODE DO-35
logo
Tak Cheong Electronics ...
TCZX2V0 TAK_CHEONG-TCZX2V0 Datasheet
173Kb / 6P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
TC1N5985B TAK_CHEONG-TC1N5985B Datasheet
93Kb / 3P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
TC2V0 TAK_CHEONG-TC2V0 Datasheet
171Kb / 5P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
TCBZX79C2V0 TAK_CHEONG-TCBZX79C2V0 Datasheet
180Kb / 6P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com