Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

1N5615 Fiches technique(PDF) 1 Page - Microsemi Corporation

No de pièce 1N5615
Description  VOIDLESS-HERMETICALLY SEALED FAST RECOVERY GLASS RECTIFIERS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROSEMI [Microsemi Corporation]
Site Internet  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

1N5615 Fiches technique(HTML) 1 Page - Microsemi Corporation

  1N5615 Datasheet HTML 1Page - Microsemi Corporation 1N5615 Datasheet HTML 2Page - Microsemi Corporation 1N5615 Datasheet HTML 3Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
VOIDLESS-HERMETICALLY SEALED
FAST RECOVERY GLASS RECTIFIERS
Microsemi
Scottsdale Division
8700 E. Thomas Rd. PO Box 1390, Scottsdale, AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503
Page 1
Copyright
© 2007
1-15-2007 REV D
S C O T TS DALE DIVISION
1N5615 thru 1N5623
DESCRIPTION
APPEARANCE
This “fast recovery” rectifier diode series is military qualified to MIL-PRF-19500/429
and is ideal for high-reliability applications where a failure cannot be tolerated.
These industry-recognized 1.0 Amp rated rectifiers for working peak reverse
voltages from 200 to 1000 volts are hermetically sealed with voidless-glass
construction using an internal “Category I” metallurgical bond. These devices are
also available in surface mount MELF package configurations by adding a “US”
suffix (see separate data sheet for 1N5615US thru 1N5623US). Microsemi also
offers numerous other rectifier products to meet higher and lower current ratings
with various recovery time speed requirements including fast and ultrafast device
types in both through-hole and surface mount packages.
IMPORTANT: For the most current data, consult MICROSEMI’s website: http://www.microsemi.com
FEATURES
APPLICATIONS / BENEFITS
• Popular JEDEC registered 1N5615 to 1N5623 series
• Voidless hermetically sealed glass package
• Triple-Layer Passivation
• Internal “Category I” Metallurgical bonds
• Working Peak Reverse Voltage 200 to 1000 Volts.
• JAN, JANTX, JANTXV, and JANS available per MIL-
PRF-19500/429
• Surface mount equivalents also available in a square
end-cap MELF configuration with “US” suffix (see
separate data sheet for 1N5615US thru 1N5623US)
• Fast recovery 1 Amp rectifiers 200 to 1000 V
• Military and other high-reliability applications
• General rectifier applications including bridges, half-
bridges, catch diodes, etc.
• High forward surge current capability
• Extremely robust construction
• Low thermal resistance
• Controlled avalanche with peak reverse power
capability
• Inherently radiation hard as described in Microsemi
MicroNote 050
MAXIMUM RATINGS
MECHANICAL AND PACKAGING
• Junction & Storage Temperature: -65oC to +175oC
• Thermal Resistance: 38oC/W junction to lead at 3/8
inch (10 mm) lead length from body
• Thermal Impedance: 4.5oC/W @ 10 ms heating time
• Average Rectified Forward Current (I
O): 1.0 Amps @
TA = 55ºC
• Forward Surge Current: 30 Amps @ 8.3 ms half-sine
• Solder Temperatures: 260ºC for 10 s (maximum)
• CASE: Hermetically sealed voidless hard glass with
Tungsten slugs (package dimensions on last page)
• TERMINATIONS: Axial leads are copper with
Tin/Lead (Sn/Pb) finish. Note: Previous inventory
had solid Silver axial-leads and no finish.
• MARKING: Body paint and part number, etc.
• POLARITY: Cathode band
• TAPE & REEL option: Standard per EIA-296
• WEIGHT: 340 mg
ELECTRICAL CHARACTERISTICS
TYPE
WORKING
PEAK
REVERSE
VOLTAGE
VRWM
MINIMUM
BREAKDOWN
VOLTAGE
VBR @ 50μA
AVERAGE
RECTIFIED
CURRENT
IO @ TA
(NOTE 1)
FORWAR
D
VOLTAGE
(MAX.)
VF @ 3A
REVERSE
CURRENT
(MAX.)
IR @ VRWM
CAPACITANCE
(MAX.)
C @ VR =12 V
f=1 MHz
MAXIMUM
SURGE
CURRENT
IFSM
(NOTE 2)
REVERSE
RECOVERY
(MAX.)
(NOTE 3)
trr
VOLTS
VOLTS
AMPS
VOLTS
μA
pF
AMPS
ns
50
oC
100
oC
25
oC
100
oC
1N5615
1N5617
1N5619
1N5621
1N5623
200
400
600
800
1000
220
440
660
880
1100
1.00
1.00
1.00
1.00
1.00
.750
.750
.750
.750
.750
.8 MIN.
1.6
MAX.
.5
.5
.5
.5
.5
25
25
25
25
25
45
35
25
20
15
25
25
25
25
25
150
150
250
300
500
NOTE 1: From 1 Amp at TA = 55
oC, derate linearly at 5.56 mA/ oC to 0.75 Amp at T
A = 100
oC. From T
A = 100
oC,
derate linearly at 7.5 mA/
oC to 0 Amps at T
A = 200
oC. These ambient ratings are for PC boards where thermal
resistance from mounting point to ambient is sufficiently controlled where TJ(max) does not exceed 175
oC.
NOTE 2: TA = 100
oC, f = 60 Hz, I
O = 750 mA for ten 8.3 ms surges @ 1 minute intervals
NOTE 3: IF = 0.5 A, IRM = 1 A, IR(REC) = 0.250 A
“A” Package


Numéro de pièce similaire - 1N5615

FabricantNo de pièceFiches techniqueDescription
logo
General Semiconductor
1N5615 GE-1N5615 Datasheet
52Kb / 2P
   GLASS PASSIVATED FAST SWITCHING RECTIFIER
logo
Microsemi Corporation
1N5615 MICROSEMI-1N5615 Datasheet
51Kb / 2P
   MILITARY RECTIFIERS
logo
Semtech Corporation
1N5615 SEMTECH-1N5615 Datasheet
190Kb / 4P
   RECTIFIER, up to 1kV, 2A, 150-500ns
logo
Sensitron
1N5615 SENSITRON-1N5615 Datasheet
47Kb / 3P
   Fast Recovery Rectifier
logo
New Jersey Semi-Conduct...
1N5615 NJSEMI-1N5615 Datasheet
104Kb / 1P
   RECTIFIERS Fast Recovery, 1 Amp
More results

Description similaire - 1N5615

FabricantNo de pièceFiches techniqueDescription
logo
Microsemi Corporation
JANS1N5618US MICROSEMI-JANS1N5618US Datasheet
155Kb / 3P
   VOIDLESS-HERMETICALLY-SEALED VOIDLESS-HERMETICALLY-SEALED RECOVERY GLASS RECTIFIERS
JANTX1N4946 MICROSEMI-JANTX1N4946 Datasheet
268Kb / 2P
   VOIDLESS-HERMETICALLY SEALED FAST RECOVERY GLASS RECTIFIERS
1N4942 MICROSEMI-1N4942_04 Datasheet
252Kb / 2P
   VOIDLESS-HERMETICALLY SEALED FAST RECOVERY GLASS RECTIFIERS
1N5415 MICROSEMI-1N5415_08 Datasheet
225Kb / 3P
   VOIDLESS-HERMETICALLY SEALED FAST RECOVERY GLASS RECTIFIERS
1N5186 MICROSEMI-1N5186_08 Datasheet
106Kb / 2P
   VOIDLESS-HERMETICALLY SEALED FAST RECOVERY GLASS RECTIFIERS
1N5418JAN MICROSEMI-1N5418JAN Datasheet
270Kb / 5P
   VOIDLESS HERMETICALLY SEALED FAST RECOVERY GLASS RECTIFIERS
JANTXV1N6623 MICROSEMI-JANTXV1N6623 Datasheet
334Kb / 4P
   VOIDLESS-HERMETICALLY SEALED ULTRA FAST RECOVERY GLASS RECTIFIERS
1N6626 MICROSEMI-1N6626_04 Datasheet
335Kb / 4P
   VOIDLESS-HERMETICALLY SEALED ULTRA FAST RECOVERY GLASS RECTIFIERS
JANTX1N6624 MICROSEMI-JANTX1N6624 Datasheet
334Kb / 4P
   VOIDLESS-HERMETICALLY SEALED ULTRA FAST RECOVERY GLASS RECTIFIERS
1N6626 MICROSEMI-1N6626_09 Datasheet
257Kb / 4P
   VOIDLESS-HERMETICALLY-SEALED ULTRA FAST RECOVERY GLASS RECTIFIERS
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com