Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BB1110RC Fiches technique(PDF) 1 Page - Bi technologies

No de pièce BB1110RC
Description  Resistor capacitor network Thick film resistors Ceramic chip capacitors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BITECH [Bi technologies]
Site Internet  http://www.bitechnologies.com
Logo BITECH - Bi technologies

BB1110RC Fiches technique(HTML) 1 Page - Bi technologies

  BB1110RC Datasheet HTML 1Page - Bi technologies BB1110RC Datasheet HTML 2Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BI Technologies Corporation
4200 Bonita Place, Fullerton, CA 92835 USA
Phone: 714 447 2345
Website: www.bitechnologies.com
August 30, 2005
page 1 of 2
BI technologies
MODEL BB1110RC
MODEL BB1110RC
MODEL BB1110RC
MODEL BB1110RC
Resistor capacitor network
Thick film resistors
Ceramic chip capacitors
DISCRIPTION
DISCRIPTION
DISCRIPTION
DISCRIPTION
Model BB1110RC is designed for terminating high-speed memory buses. Ideally suited for local
decoupling of data line drivers. These specialty networks employ solder balls for surface mount flip
chip attachment. Their unique construction yields extremely low capacitance and inductance
parasitics critical for these high-speed applications.
FEATURES
FEATURES
FEATURES
FEATURES
Integrated resistor and capacitor network
High density packaging
High temperature solder balls
Industry standard ball diameter and pitch
Excellent high frequency performance
SCHEMATIC
SCHEMATIC
SCHEMATIC
SCHEMATIC
C1-9 = 0.1uF
R1-9 = 50
ELECTRICAL
ELECTRICAL
ELECTRICAL
ELECTRICAL
1
1
1
1
Resistance Tolerance
± 1%
Capacitance Tolerance
± 10%
Capacitor Type
X5R
Capacitor Maximum Voltage
10 volts
TCR
200 ppm/°C
Operating Temperature Range
-55°C to +85°C
Maximum Resistor Power
0.05 watts at 70°C
Package Power Rating
1.0 watt @ 70°C
1
Specifications subject to change without notice.


Numéro de pièce similaire - BB1110RC

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
BB1110B ETC-BB1110B Datasheet
91Kb / 4P
   DDR SDRAM TERMINATOR NETWORKS.
logo
Bi technologies
BB1110B BITECH-BB1110B Datasheet
289Kb / 4P
   18 Bit SSTL_2 Termination Sets
logo
Welwyn Components Limit...
BB1110B WELWYN-BB1110B Datasheet
310Kb / 4P
   Terminator Networks 18 Bit SSTL_2 Termination Sets
logo
Bi technologies
BB1110B BITECH-BB1110B_12 Datasheet
289Kb / 4P
   18 Bit SSTL_2 Termination Sets
BB1110DI BITECH-BB1110DI Datasheet
289Kb / 4P
   18 Bit SSTL_2 Termination Sets
More results

Description similaire - BB1110RC

FabricantNo de pièceFiches techniqueDescription
logo
ABCO ELECTRONICS CO.LTD
RTN02-10T ABCO-RTN02-10T Datasheet
481Kb / 2P
   THICK FILM CHIP RESISTORS NETWORK
logo
Dubilier
RN16 DUBILIER-RN16 Datasheet
184Kb / 1P
   THICK FILM RESISTOR NETWORK
logo
Vishay Siliconix
CRCC1206 VISHAY-CRCC1206 Datasheet
224Kb / 3P
   Thick Film, Rectangular, Resistor/Capacitor Chip
Revision: 12-Jan-07
logo
TAITRON Components Inco...
RA05103G-XX-BL TAITRON-RA05103G-XX-BL Datasheet
328Kb / 4P
   Thick Film Low Profile Resistor Network
logo
Rohm
MCR03EZPFX1002 ROHM-MCR03EZPFX1002 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR03EZPJ133 ROHM-MCR03EZPJ133 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR01MZPF1000 ROHM-MCR01MZPF1000 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR18EZPF56R0 ROHM-MCR18EZPF56R0 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
logo
Panasonic Semiconductor
ERJ-6GEYJ241V PANASONIC-ERJ-6GEYJ241V Datasheet
84Kb / 2P
   Thick Film Chip Resistors
ERJ-6GEYJ4R7V PANASONIC-ERJ-6GEYJ4R7V Datasheet
84Kb / 2P
   Thick Film Chip Resistors
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com