Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDA4860 Fiches technique(PDF) 5 Page - NXP Semiconductors

No de pièce TDA4860
Description  Vertical deflection power amplifier for monitors
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA4860 Fiches technique(HTML) 5 Page - NXP Semiconductors

  TDA4860 Datasheet HTML 1Page - NXP Semiconductors TDA4860 Datasheet HTML 2Page - NXP Semiconductors TDA4860 Datasheet HTML 3Page - NXP Semiconductors TDA4860 Datasheet HTML 4Page - NXP Semiconductors TDA4860 Datasheet HTML 5Page - NXP Semiconductors TDA4860 Datasheet HTML 6Page - NXP Semiconductors TDA4860 Datasheet HTML 7Page - NXP Semiconductors TDA4860 Datasheet HTML 8Page - NXP Semiconductors TDA4860 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
1997 Oct 27
5
Philips Semiconductors
Product specification
Vertical deflection power amplifier for
monitors
TDA4860
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134); voltages referenced to substrate (pin 6); unless
otherwise specified.
Notes
1. Internally limited by thermal protection; switching temperature point at 160
±8 °C.
2. Equivalent to discharging a 200 pF capacitor through a 0
Ω series resistor.
THERMAL CHARACTERISTICS
The heatsink can be estimated according to application circuit (see Fig.1):
.
A heatsink is needed at Rth j-c < 10 K/W and Rth c-h = 0.5 K/W (using silicon grease) with
Rth h-a = 22.2 K/W − (10 + 0.5) K/W = 11.7 K/W.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VP1
supply voltage (pin 1)
40
V
VP2
supply voltage (pin 4)
60
V
VP3
supply voltage (pin 8)
60
V
V2,3,9
voltage on pins 2, 3 and 9
VP1
V
V5,7
voltage on pins 5 and 7
60
V
I4
current on pin 4
1A
I5 (M)
output current on pin 5 (peak value)
note 1
−±1.3
A
I7 (M)
flyback current on pin 7 (peak value)
−±1.3
A
I9
current on pin 9
−−8mA
Tstg
storage temperature
−25
+150
°C
Tamb
operating ambient temperature
−20
+75
°C
Tj
junction temperature
note 1
168
°C
Ves
electrostatic handling for all pins
note 2
−±300
V
SYMBOL
PARAMETER
VALUE
UNIT
Rth j-c
thermal resistance from junction to case
10
K/W
R
th j-a
R
th j-c
R
th c-h
R
th h-a
++
T
j(max)
T
amb
P
IC(max)
-----------------------------------
105
°C65 °C
1.8 W
-----------------------------------------
22.2 K/W
==
=
=


Numéro de pièce similaire - TDA4860

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
TDA4861 PHILIPS-TDA4861 Datasheet
111Kb / 12P
   Vertical deflection power amplifier for monitors
1997 Jan 20
logo
Siemens Semiconductor G...
TDA4862 SIEMENS-TDA4862 Datasheet
194Kb / 17P
   Power-Factor Controller PFC IC for High Power Factor and Active Harmonic Filter
logo
Infineon Technologies A...
TDA4862 INFINEON-TDA4862 Datasheet
1Mb / 18P
   Power-Factor Controller (PFC) IC for High Power Factor and Active Harmonic Filter
2005-02-17
logo
Siemens Semiconductor G...
TDA4862G SIEMENS-TDA4862G Datasheet
194Kb / 17P
   Power-Factor Controller PFC IC for High Power Factor and Active Harmonic Filter
logo
Infineon Technologies A...
TDA4862G INFINEON-TDA4862G Datasheet
1Mb / 18P
   Power-Factor Controller (PFC) IC for High Power Factor and Active Harmonic Filter
2005-02-17
More results

Description similaire - TDA4860

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
TDA4861 PHILIPS-TDA4861 Datasheet
111Kb / 12P
   Vertical deflection power amplifier for monitors
1997 Jan 20
logo
NTE Electronics
NTE7135 NTE-NTE7135 Datasheet
26Kb / 4P
   Integrated Circuit Vertical Deflection Power Amplifier for Monitors
NTE7136 NTE-NTE7136 Datasheet
26Kb / 4P
   Integrated Circuit Vertical Deflection Power Amplifier for Monitors
logo
NXP Semiconductors
TDA4852 PHILIPS-TDA4852 Datasheet
175Kb / 16P
   Horizontal and vertical deflection controller for autosync monitors
December 1992
logo
STMicroelectronics
TDA8176 STMICROELECTRONICS-TDA8176 Datasheet
94Kb / 5P
   TV VERTICAL DEFLECTION SYSTEM FOR TV AND MONITORS
logo
Samsung semiconductor
S1D2512X01 SAMSUNG-S1D2512X01 Datasheet
376Kb / 36P
   DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
logo
STMicroelectronics
TDA9105A STMICROELECTRONICS-TDA9105A Datasheet
340Kb / 31P
   DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
TDA9105 STMICROELECTRONICS-TDA9105 Datasheet
340Kb / 32P
   DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
logo
Samsung semiconductor
KB2512 SAMSUNG-KB2512 Datasheet
365Kb / 36P
   DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
KB2511B SAMSUNG-KB2511B Datasheet
337Kb / 35P
   DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com