Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ABS25 Fiches technique(PDF) 1 Page - Abracon Corporation

No de pièce ABS25
Description  32.768kHz SMD LOW PROFILE CRYSTAL
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ABRACON [Abracon Corporation]
Site Internet  https://abracon.com
Logo ABRACON - Abracon Corporation

ABS25 Fiches technique(HTML) 1 Page - Abracon Corporation

  ABS25 Datasheet HTML 1Page - Abracon Corporation ABS25 Datasheet HTML 2Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
|||||||||||||||
ABS25
STANDARD SPECIFICATIONS:
8.0 x 3.8 x 2.5 mm
APPLICATIONS:
• Wide range in communication & measuring equipment
• Commercial & Industrial applications
• Automotive electronics applications
• Wireless communications
• PDA and Palm Pilots
• Ceramic package offers excellent environmental & heat resistance
• Extended temperature -40°C to +85°C for industrial applications
FEATURES:
• Low frequency in small size SMD
• 2.5mm height ideal for high density circuit boards
Operating Temperature
Turn-over Temperature
Storage Temperature
Frequency Tolerance
Equivalent Series Resistance
Load Capacitance CL
Capacitance Ratio
Motional Capacitance C1
Aging (first year) 25°C ± 3°C
PARAMETERS
Nominal Frequency
Frequency Range
32.768 kHz
ABRACON P/N
ABS25
30kHz to 165kHz
±20 ppm max. for 32.768kHz
450 typ. for 32.768kHz
425 to 800 typ. for other frequencies
±30 ppm max. for other frequencies (see options)
-40°C to + 85°C
+25°C to ±5°C
-55°C to +125°C
50 kohms max. for 32.768kHz
30 kohms to 50 kohms max. for other frequencies
- 0.034±0.006 ppm/T²
12.5 pF (see option)
Drive Level
1.0
μW max.
± 3 ppm max. for 32.768kHz
± 5 ppm max. for other frequencies
Insulation Resistance
500 M
Ω with 100 Vdc ±15V
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
OPTIONS AND PART IDENTIFICATION:
(Left blank if standard)
32.768kHz SMD LOW PROFILE CRYSTAL
Shunt Capacitance C0
1.35 pF typ. for 32.768kHz
0.8 pF to 1.7 pF typ. for other frequencies
0.0023 pF typ.
30332 Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000 | fax 949-546-8001 | www.abracon.com
Revised: 07.11.07
Visit www.abracon.com for Terms & Conditions of Sale
Frequency Coefficient ( )
RoHS
Compliant
Pb in High Temperature Solder
(exempt per RoHS 2002/95/EC Annex (7))
1
± 10 ppm
Blank
5
± 15 ppm
T
2
± 20 ppm
3
± 25 ppm
4
± 30 ppm
g
n
i
g
a
k
c
a
P
e
c
n
a
r
e
l
o
T
.
q
e
r
F
Tape and Reel
Bulk
ABS25- Frequency-
--
CL Option
Please specify load cap.
in pF (ex. 6pF)


Numéro de pièce similaire - ABS25

FabricantNo de pièceFiches techniqueDescription
logo
Abracon Corporation
ABS25 ABRACON-ABS25 Datasheet
490Kb / 2P
   LOW PROFILE MOLDED PLASTIC SURFACE MOUNT, kHz FREQUENCY CRYSTAL
03.04.08
ABS25-32.768KHZ-1-T ABRACON-ABS25-32.768KHZ-1-T Datasheet
1Mb / 2P
   32.768 kHz LOW FREQUENCY SMD CRYSTAL
05.31.11
ABS25-32.768KHZ-12.5-1-T ABRACON-ABS25-32.768KHZ-12.5-1-T Datasheet
1Mb / 2P
   32.768 kHz LOW FREQUENCY SMD CRYSTAL
06.06.14
ABS25-32.768KHZ-12.5-2-T ABRACON-ABS25-32.768KHZ-12.5-2-T Datasheet
1Mb / 2P
   32.768 kHz LOW FREQUENCY SMD CRYSTAL
06.06.14
ABS25-32.768KHZ-12.5-3-T ABRACON-ABS25-32.768KHZ-12.5-3-T Datasheet
1Mb / 2P
   32.768 kHz LOW FREQUENCY SMD CRYSTAL
06.06.14
More results

Description similaire - ABS25

FabricantNo de pièceFiches techniqueDescription
logo
Abracon Corporation
ABS09 ABRACON-ABS09_08 Datasheet
733Kb / 2P
   32.768kHz SMD LOW PROFILE CRYSTAL
09.24.08
ABS06L ABRACON-ABS06L Datasheet
1Mb / 2P
   32.768kHz SMD LOW PROFILE CRYSTAL
09.21.14
ABS09 ABRACON-ABS09 Datasheet
245Kb / 2P
   32.768kHz SMD LOW PROFILE CRYSTAL
07.09.07
ABS06-32.768KHZ-T ABRACON-ABS06-32.768KHZ-T Datasheet
892Kb / 2P
   32.768kHz SMD LOW PROFILE CRYSTAL
07.29.11
ABS13 ABRACON-ABS13 Datasheet
230Kb / 2P
   32.768kHz SMD LOW PROFILE CRYSTAL
07.11.07
ABS05 ABRACON-ABS05 Datasheet
2Mb / 2P
   32.768kHz SMD LOW PROFILE CRYSTAL
06.03.15
ABS06 ABRACON-ABS06_15 Datasheet
1Mb / 2P
   32.768kHz SMD LOW PROFILE CRYSTAL
04.09.15
ABS07 ABRACON-ABS07_13 Datasheet
1Mb / 3P
   32.768kHz SMD LOW PROFILE CRYSTAL
04.03.13
ABS07 ABRACON-ABS07 Datasheet
237Kb / 2P
   32.768kHz SMD LOW PROFILE CRYSTAL
07.09.07
ABS10 ABRACON-ABS10 Datasheet
242Kb / 2P
   32.768kHz SMD LOW PROFILE CRYSTAL
07.09.07
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com