Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

9303R20KL.25XX Datasheet(Fiches technique) 3 Page - Bi technologies

Numéro de pièce 9303R20KL.25XX
Description  1-13/16 Diameter 3-Turn Wirewound Precision Potentiometer
Télécharger  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  BITECH [Bi technologies]
Site Internet  http://www.bitechnologies.com
Logo BITECH - Bi technologies

9303R20KL.25XX Datasheet(HTML) 3 Page - Bi technologies

  9303R20KL.25XX Datenblatt HTML 1Page - Bi technologies 9303R20KL.25XX Datenblatt HTML 2Page - Bi technologies 9303R20KL.25XX Datasheet HTML 3Page - Bi technologies 9303R20KL.25XX Datenblatt HTML 4Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2
2-131
Model 9300 Series
OUTLINE DIMENSIONS (Inch/mm)
1.203
30.56
.562±.016
14.3±0.41
Locating Hole
.129±.005/3.277± 0.127 Dia.
x .094±.016/2.388 ± 0.406
positioned as shown
R. Max.
+
Slider CW
CWW
60˚
Max.
1.844±.031
46.84± 0.79
1.344±.031
34.14± 0.79
.812 ±.031
20.6± 0.79
.312± .016
7.93± 0.41
1.812 ±.016
46.03± 0.41Dia.
.405±.001
10.3± 0.03
Dia.
+ .0000
– .0003
+ 0.0000
– 0.0076
.2497
6.3424
Dia.
+ .000
– .010
+ 0.00
– 0.25
.062
1.58
Chamfer
.016/0.41 Max. x 45˚
Mounting Surface
3/8-32 UNEF Thread
OUTLINE DIMENSIONS (Inch/mm)
Slider CW
CWW
1.750
±.031
44.45
±0.79
1.250
±.031
31.75
±0.79
.625
±.031
15.9
±0.79
.093
± .005
2.36
±0.13
.062
± .005
1.58
±0.13
1.812
±.016
46.03
±0.41Dia.
+ .0000
– .0003
+ 0.0000
– 0.0076
.2497
6.3424
Dia.
1.203
30.56
R. Max.
60˚
Max.
+ .000
– .001
+ 0.00
– 0.03
1.875
47.63
Dia.
+ .005
– .010
+ 0.13
– 0.25
2.000
50.80
Dia.
Chamfer
.016/0.41 Max. x 45˚
Mounting Surface
METRIC CONVERSIONS
1 in.
25.4 mm
1 oz.
28.4 gm
1 oz.-in.
0,007 N-m
1 lb.-in.
0,113 N-m
Model 9301
Bushing Mount
Model 9303
Servo Mount


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn