Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

72247 Fiches technique(PDF) 1 Page - List of Unclassifed Manufacturers

No de pièce 72247
Description  For Duct Smoke Detectors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

72247 Fiches technique(HTML) 1 Page - List of Unclassifed Manufacturers

  72247 Datasheet HTML 1Page - List of Unclassifed Manufacturers 72247 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
72247 Enclosure CS-2308 06/23/04
Page 1 of 2
Description
The 72247 enclosure provides
protection for Gamewell duct smoke
detectors in outdoor installations
against rain, sleet, and snow, or
indoors against dripping water. The
72247 enclosure is compatible with
the following analog addressable
models: XP95-PD, XP95-PDR, XP95-
ID, and XP95-IDR. The 72247 is
compatible with the following
conventional models: 30954, 30955,
70957-01, and 70958-01.
Engineer’s Specifications
Gamewell duct detector models XP95-PD, XP95-PDR, XP95-ID, XP95-IDR,
30954, 30955, 70957-01, and 70958-01 used outdoors or in wet locations
shall be installed in a 16-gauge steel enclosure with a drip shield top. The
enclosure shall be Gamewell part number 72247.
Mounting Diagram
Ordering Information
72247
Duct detector enclosure (WP-1).
Features
• 16-gauge steel.
• Eggshell white finish.
• Drip shield top.
• Slip-on removable cover.
• Embossed mounting holes on back of
enclosure.
• Knockouts in bottom of enclosure.
• Compatibles:
Analog: XP95-PD, XP95-PDR, CP95-ID,
and XP95-IDR.
Conventional: 30954, 30955, 70957-01,
and 70958-01.
Dimensions
12.0" H x 12.0" W x 4.0" D (cm: 30.48 H
x 30.48 W x 10.16 D).
Listings
Listings and approvals below apply to the
72247 Gamewell Duct Smoke Detector
Enclosure. In some cases, certain modules
may not be listed by certain approval
agencies, or listing may be in process.
Consult factory for latest listing status.
• UL Listed:
72247 Enclosure
For Duct Smoke Detectors
g2308d1.wmf


Html Pages

1  2 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
HSCH-5300 Beam Lead Schottky Diodes for Mixers and Detectors 1 - 26 GHz 1  2  3  4  5  More Agilent(Hewlett-Packard)
MC145011 Photoelectric Smoke Detector IC with I/O For Line-Powered Applications 1  2  3  4  5  More Freescale Semiconductor, Inc
NBSG111BAEVB Evaluation Board Manual for NBSG111 1  2  3  4  5  More ON Semiconductor
MA26V14 Silicon epitaxial planar type For VCO 1  2  Panasonic Semiconductor
NCP3418B MOSFET Driver with Dual Outputs for Synchronous Buck Converters 1  2  3  4  5  More ON Semiconductor
PCA8575 Remote 16-bit I/O expander for I2C-bus with interrupt 1  2  3  4  5  More NXP Semiconductors
BS521 Photodiode for Visible Light 1  2  Sharp Electrionic Components
CDB53L21 Evaluation Board for CS53L21 1  2  3  4  5  More Cirrus Logic
CDB5366 Evaluation Board for CS5366 1  2  3  4  5  More Cirrus Logic
BD6609FV Spindle Motor Driver for CD/MD 1  2  Rohm

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn