Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

A25L40P Fiches technique(PDF) 3 Page - AMIC Technology

No de pièce A25L40P
Description  4 Mbit, Low Voltage, Serial Flash Memory With 85MHz SPI Bus Interface
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMICC [AMIC Technology]
Site Internet  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A25L40P Fiches technique(HTML) 3 Page - AMIC Technology

  A25L40P Datasheet HTML 1Page - AMIC Technology A25L40P Datasheet HTML 2Page - AMIC Technology A25L40P Datasheet HTML 3Page - AMIC Technology A25L40P Datasheet HTML 4Page - AMIC Technology A25L40P Datasheet HTML 5Page - AMIC Technology A25L40P Datasheet HTML 6Page - AMIC Technology A25L40P Datasheet HTML 7Page - AMIC Technology A25L40P Datasheet HTML 8Page - AMIC Technology A25L40P Datasheet HTML 9Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 38 page
background image
A25L40P Series
PRELIMINARY
(May, 2007, Version 0.4)
2
AMIC Technology Corp.
Block Diagram
Control Logic
High Voltage
Generator
I/O Shift Register
Address register
and Counter
256 Byte
Data Buffer
Status
Register
X Decoder
256 Byte (Page Size)
Size of the
read-only
memory area
D
Q
C
000FFh
00000h
HOLD
W
S
7FFFFh
Pin Descriptions
Pin No.
Description
C
Serial Clock
D
Serial Data Input
Q
Serial Data Output
S
Chip Select
W
Write Protect
HOLD
Hold
VCC
Supply Voltage
VSS
Ground
Logic Symbol
A25L40P
Q
D
S
W
HOLD
V
SS
V
CC
C


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
M25P10-A_06 1 Mbit low voltage Serial Flash memory with 50MHz SPI bus interface 1  2  3  4  5  More STMicroelectronics
M25P16_07 16 Mbit low voltage Serial Flash memory with 50 MHz SPI bus interface 1  2  3  4  5  More STMicroelectronics
M25P64_07 64 Mbit Low Voltage Serial Flash Memory With 50MHz SPI Bus Interface 1  2  3  4  5  More STMicroelectronics
M25P20 2 Mbit Low Voltage Serial Flash Memory With 40MHz SPI Bus Interface 1  2  3  4  5  More STMicroelectronics
M45PE80_06 8 Mbit low voltage Page-Erasable Serial Flash memory with byte alterability and a 50 MHz SPI bus interface 1  2  3  4  5  More STMicroelectronics
M45PE10-07 1 Mbit low voltage Page-Erasable Serial Flash memory with byte-alterability and a 50 MHz SPI bus interface 1  2  3  4  5  More STMicroelectronics
M25PE40 4 Mbit low voltage Page-Erasable Serial Flash memory with byte alterability 50 MHz SPI bus standard pinout 1  2  3  4  5  More STMicroelectronics
M45PE16 16 Mbit low-voltage Page-Erasable Serial Flash memory with byte alterability and a 50 MHz SPI bus interface 1  2  3  4  5  More STMicroelectronics
M25PE80 8 Mbit low-voltage Page-Erasable Serial Flash memory with Byte alterability 50MHz SPI bus standard pinout 1  2  3  4  5  More STMicroelectronics
NX25F011B 1M-BIT 2M-BIT AND 4M-BIT SERIAL FLASH MEMORIES WITH 4-PIN SPI INTERFACE 1  2  3  4  5  More List of Unclassifed Manufacturers

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn