Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

A25L40P Fiches technique(PDF) 24 Page - AMIC Technology

No de pièce A25L40P
Description  4 Mbit, Low Voltage, Serial Flash Memory With 85MHz SPI Bus Interface
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMICC [AMIC Technology]
Site Internet  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A25L40P Fiches technique(HTML) 24 Page - AMIC Technology

Back Button A25L40P Datasheet HTML 20Page - AMIC Technology A25L40P Datasheet HTML 21Page - AMIC Technology A25L40P Datasheet HTML 22Page - AMIC Technology A25L40P Datasheet HTML 23Page - AMIC Technology A25L40P Datasheet HTML 24Page - AMIC Technology A25L40P Datasheet HTML 25Page - AMIC Technology A25L40P Datasheet HTML 26Page - AMIC Technology A25L40P Datasheet HTML 27Page - AMIC Technology A25L40P Datasheet HTML 28Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 38 page
background image
A25L40P Series
PRELIMINARY
(May, 2007, Version 0.4)
23
AMIC Technology Corp.
POWER-UP AND POWER-DOWN
At Power-up and Power-down, the device must not be
selected (that is Chip Select ( S ) must follow the voltage
applied on VCC) until VCC reaches the correct value:
­
VCC (min) at Power-up, and then for a further delay of tVSL
­
VSS at Power-down
Usually a simple pull-up resistor on Chip Select ( S ) can be
used to insure safe and proper Power-up and Power-down.
To avoid data corruption and inadvertent write operations
during power up, a Power On Reset (POR) circuit is included.
The logic inside the device is held reset while VCC is less than
the POR threshold value, VWI – all operations are disabled,
and the device does not respond to any instruction.
Moreover, the device ignores all Write Enable (WREN), Page
Program (PP), Sector Erase (SE), Bulk Erase (BE) and Write
Status Register (WRSR) instructions until a time delay of tPUW
has elapsed after the moment that VCC rises above the VWI
threshold. However, the correct operation of the device is not
guaranteed if, by this time, VCC is still below VCC(min). No
Write Status Register, Program or Erase instructions should
be sent until the later of:
­
tPUW after VCC passed the VWI threshold
- tVSL afterVCC passed the VCC(min) level
These values are specified in Table 7.
If the delay, tVSL, has elapsed, after VCC has risen above
VCC(min), the device can be selected for READ instructions
even if the tPUW delay is not yet fully elapsed.
At Power-up, the device is in the following state:
­
The device is in the Standby mode (not the Deep
Power-down mode).
­
The Write Enable Latch (WEL) bit is reset.
Normal precautions must be taken for supply rail decoupling,
to stabilize the VCC feed. Each device in a system should
have the VCC rail decoupled by a suitable capacitor close to
the package pins. (Generally, this capacitor is of the order of
0.1µF).
At Power-down, when VCC drops from the operating voltage,
to below the POR threshold value, VWI, all operations are
disabled and the device does not respond to any instruction.
(The designer needs to be aware that if a Power-down occurs
while a Write, Program or Erase cycle is in progress, some
data corruption can result.)
Figure 19. Power-up Timing
time
V
CC
V
CC(max)
V
CC(min)
t
PU
Full Device Access


Numéro de pièce similaire - A25L40P

FabricantNo de pièceFiches techniqueDescription
logo
AMIC Technology
A25L40PMF-50 AMICC-A25L40PMF-50 Datasheet
513Kb / 34P
   8 Mbit, Low Voltage, Serial Flash Memory With 50 MHz SPI Bus Interface
A25L40PMF-50F AMICC-A25L40PMF-50F Datasheet
513Kb / 34P
   8 Mbit, Low Voltage, Serial Flash Memory With 50 MHz SPI Bus Interface
A25L40PMF-50U AMICC-A25L40PMF-50U Datasheet
513Kb / 34P
   8 Mbit, Low Voltage, Serial Flash Memory With 50 MHz SPI Bus Interface
A25L40PMF-50UF AMICC-A25L40PMF-50UF Datasheet
513Kb / 34P
   8 Mbit, Low Voltage, Serial Flash Memory With 50 MHz SPI Bus Interface
A25L40PMW-50 AMICC-A25L40PMW-50 Datasheet
513Kb / 34P
   8 Mbit, Low Voltage, Serial Flash Memory With 50 MHz SPI Bus Interface
More results

Description similaire - A25L40P

FabricantNo de pièceFiches techniqueDescription
logo
AMIC Technology
A25L16P AMICC-A25L16P_07 Datasheet
510Kb / 38P
   16 Mbit, Low Voltage, Serial Flash Memory With 85MHz SPI Bus Interface
logo
STMicroelectronics
M25P40 STMICROELECTRONICS-M25P40 Datasheet
262Kb / 40P
   4 Mbit, Low Voltage, Serial Flash Memory With 40MHz SPI Bus Interface
logo
AMIC Technology
A25L20P AMICC-A25L20P Datasheet
544Kb / 43P
   2Mbit / 1Mbit / 512Kbit, Low Voltage, Serial Flash Memory With 85MHz SPI Bus Interface
logo
STMicroelectronics
M25P40 STMICROELECTRONICS-M25P40_07 Datasheet
497Kb / 53P
   4 Mbit, low voltage, serial Flash memory with 50 MHz SPI bus interface
logo
Numonyx B.V
M25P40 NUMONYX-M25P40 Datasheet
1,016Kb / 53P
   4 Mbit, low voltage, serial Flash memory with 50 MHz SPI bus interface
logo
STMicroelectronics
M25P80 STMICROELECTRONICS-M25P80 Datasheet
563Kb / 41P
   8 Mbit, Low Voltage, Serial Flash Memory With 40MHz SPI Bus Interface
August 2004
M25P64 STMICROELECTRONICS-M25P64_07 Datasheet
375Kb / 49P
   64 Mbit, Low Voltage, Serial Flash Memory With 50MHz SPI Bus Interface
M25P20 STMICROELECTRONICS-M25P20 Datasheet
395Kb / 50P
   2 Mbit, Low Voltage, Serial Flash Memory With 40MHz SPI Bus Interface
M25P64 STMICROELECTRONICS-M25P64 Datasheet
519Kb / 38P
   64 Mbit, Low Voltage, Serial Flash Memory With 50MHz SPI Bus Interface
M25P32 STMICROELECTRONICS-M25P32 Datasheet
506Kb / 39P
   32 Mbit, Low Voltage, Serial Flash Memory With 50MHz SPI Bus Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com