Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

5610 Fiches technique(PDF) 4 Page - Bi technologies

No de pièce 5610
Description  2 Diameter Single Turn Wirewound Precision Potentiometer
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BITECH [Bi technologies]
Site Internet  http://www.bitechnologies.com
Logo BITECH - Bi technologies

5610 Fiches technique(HTML) 4 Page - Bi technologies

  5610 Datasheet HTML 1Page - Bi technologies 5610 Datasheet HTML 2Page - Bi technologies 5610 Datasheet HTML 3Page - Bi technologies 5610 Datasheet HTML 4Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
2-54
Model 5610 Series
ORDERING INFORMATION
5611 R 10K T2 L .50 XX
Model Series
Resistance Prefix
Resistance Value
Optional Special
Feature Code
Linearity
Optional
Non-Standard Tolerance
(CCW)
(S)
(CW)
Metric equivalents, based on 1 inch = 25.4mm are rounded to
the same number of significant figures as in the original
English units and are provided for general information only.
Tolerances unless otherwise specified:
Linear = ± .01 inches
(.25mm)
Angular = ± 2 degrees
NOTES
mm
INCH
CIRCUIT DIAGRAM
SPECIAL FEATURES
Center Tap
CT
Linearity Tape
LT
Rear Shaft Extension
RS
Flatted Shaft
FS
Slotted Shaft
SS
Shaft Lock (5611 only)
SL
Additional Gangs
2G or 3G or 4G
STANDARD RESISTANCE VALUES, OHMS
Theoretical
Total
Resolution
Tempco
Resistance
(% Nominal)
of Wire
1K
0.089
*±130 ppm/°C
2K
0.071
*±130 ppm/°C
5K
0.058
±20 ppm/°C
10K
0.053
±20 ppm/°C
20K
0.043
±20 ppm/°C
30K
0.040
± 20 ppm/°C
50K
0.040
± 20 ppm/°C
* Lower tempco available as a non-standard model (consult factory).


Numéro de pièce similaire - 5610

FabricantNo de pièceFiches techniqueDescription
logo
AVX Corporation
5610 AVX-5610 Datasheet
180Kb / 5P
   Compact Flash Memory Card Connectors
logo
TT Electronics.
5610 TTELEC-5610 Datasheet
796Kb / 4P
   Single-Turn Precision Potentiometer
logo
KIA Semiconductor Techn...
5610 KIA-5610 Datasheet
342Kb / 5P
   7A竊?00V N-CHANNEL MOSFET
logo
Bourns Electronic Solut...
5610-RC BOURNS-5610-RC Datasheet
428Kb / 1P
   High Current Chokes
logo
Festo Corporation.
561000 FESTO-561000 Datasheet
75Kb / 1P
   Sub-base
8/1/22
More results

Description similaire - 5610

FabricantNo de pièceFiches techniqueDescription
logo
Bi technologies
5710 BITECH-5710 Datasheet
120Kb / 4P
   3 Diameter Single Turn Wirewound Precision Potentiometer
5100 BITECH-5100 Datasheet
104Kb / 4P
   7/8 Diameter Single Turn Wirewound Precision Potentiometer
logo
List of Unclassifed Man...
5311 ETC2-5311 Datasheet
76Kb / 3P
   1-5/16 Diameter Single Turn Wirewound Precision Potentiometer
logo
Vishay Siliconix
302 VISHAY-302_V01 Datasheet
99Kb / 4P
   2" (50.8 mm) Single Turn Wirewound Precision Potentiometer
01-Jan-2022
302 VISHAY-302 Datasheet
101Kb / 4P
   2" (50.8 mm) Single Turn Wirewound Precision Potentiometer
Revision: 22-Nov-16
logo
Bi technologies
7380 BITECH-7380 Datasheet
78Kb / 5P
   7/8 Diameter 3-Turn Wirewound Precision Potentiometer
7280 BITECH-7280 Datasheet
77Kb / 5P
   7/8 Diameter 10-Turn Wirewound Precision Potentiometer
7281 BITECH-7281 Datasheet
345Kb / 4P
   7/8 Diameter 10-Turn Wirewound Precision Potentiometer
7381 BITECH-7381 Datasheet
294Kb / 4P
   7/8 Diameter 3-Turn Wirewound Precision Potentiometer
7480 BITECH-7480 Datasheet
78Kb / 5P
   7/8 Diameter 5-Turn Wirewound Precision Potentiometer
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com