Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

3371 Fiches technique(PDF) 1 Page - Bi technologies

No de pièce 3371
Description  1-5/16 Diameter Single Turn Conductive Plastic Precision Potentiometer / Position Sensor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BITECH [Bi technologies]
Site Internet  http://www.bitechnologies.com
Logo BITECH - Bi technologies

3371 Fiches technique(HTML) 1 Page - Bi technologies

  3371 Datasheet HTML 1Page - Bi technologies 3371 Datasheet HTML 2Page - Bi technologies 3371 Datasheet HTML 3Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2
2-31
Model 3371
MODEL 3371
1-5/16” Diameter
Single Turn
Conductive Plastic
Precision Potentiometer /
Position Sensor
ELECTRICAL
Resistance Range, Ohms
1K to 900K
Standard Resistance Tolerance
±10%
Minimum Practical Resistance Tolerance
±5%
Independent Linearity*
±0.5%
Minimum Practical Independent Linearity
±0.25%
Input Voltage, Maximum
400Vdc not to exceed power rating
Power Rating, Watts
.75 at 65°C derating to 0 at 105°C
Dielectric Strength
1,000V rms
Insulation Resistance, Minimum
1,000 Megohms
Output Smoothness, Maximum
0.1%
Actual Electrical Travel, Nominal
348°
Electrical Continuity Travel, Minimum
350°
End Voltage, Maximum
0.5% of Input Voltage
Tap Tolerance
0.5% of Input Voltage
Resolution
Essentially infinite
Temperature Coefficient**
–800 ppm/°C
Specifications subject to change without notice.
* Linearity is measured between 1% and 99% of input voltage.
** Special tempco available to ± 100ppm/˚C.
ENVIRONMENTAL (MIL-R-39023)
Operating Temperature Range
–25°C to +105°C
Temperature Cycling
5 cycles, –25°C to +105°C (10%
∆R)
Shock, 6ms Sawtooth
100G’s (0.1ms discontinuity max.)
Vibration
10G’s, 10 to 500 Hz (2%
∆R, 0.1ms discontinuity max.)
Moisture Resistance
Five 24 hour cycles (25%
∆R)
High Temperature Exposure
Mechanical operation at 105°C (0.5%
∆R)
Rotational Life
2 mil. shaft rev.
Rotational Load Life
2 mil. shaft rev. (10%
∆R)


Numéro de pièce similaire - 3371

FabricantNo de pièceFiches techniqueDescription
logo
TT Electronics.
3371 TTELEC-3371 Datasheet
690Kb / 3P
   Single-Turn Precision Potentiometer
logo
Heyco.
3371 HEYCO-3371 Datasheet
176Kb / 1P
   Standoff Cable Holders - Arrowhead Mount
logo
KR Electronics, Inc.
3371-SMA KR-3371-SMA Datasheet
135Kb / 3P
   KR Electronics part number 3371-SMA is a 30 MHz Bandpass Filter.
logo
Freescale Semiconductor...
33710 FREESCALE-33710 Datasheet
1Mb / 17P
   Dual Output DC-DC & Linear Regulator IC
logo
ITT Industries
337100000 ITT-337100000 Datasheet
671Kb / 8P
   Thumbwheel Switches
More results

Description similaire - 3371

FabricantNo de pièceFiches techniqueDescription
logo
Bi technologies
6370 BITECH-6370 Datasheet
61Kb / 4P
   1-5/16 Diameter Single Turn Conductive Plastic Precision Potentiometer / Position Sensor
6143 BITECH-6143 Datasheet
83Kb / 4P
   7/8 Diameter Single Turn Conductive Plastic Precision Potentiometer / Position Sensor
6187R10KT5L1.0 BITECH-6187R10KT5L1.0 Datasheet
374Kb / 3P
   7/8??Diameter Single Turn Conductive Plastic Precision Potentiometer Position Sensor
logo
List of Unclassifed Man...
5311 ETC2-5311 Datasheet
76Kb / 3P
   1-5/16 Diameter Single Turn Wirewound Precision Potentiometer
logo
Vishay Siliconix
128 VISHAY-128 Datasheet
347Kb / 4P
   1 1/16" (27 mm) Single Turn Conductive Plastic Precision Potentiometer
01-Jan-2022
logo
Bi technologies
6130 BITECH-6130 Datasheet
59Kb / 3P
   Low Profile 7/8 Diameter Single Turn Conductive Plastic Bronze Bearing Position Sensor Precision Potentiometer
logo
Vishay Siliconix
MODEL128 VISHAY-MODEL128 Datasheet
255Kb / 4P
   1 1/16 (27 mm) Single Turn Conductive Plastic Precision Potentiometer
Revision: 04-Jul-07
logo
Bi technologies
8136 BITECH-8136 Datasheet
61Kb / 3P
   7/8 Diameter Plastic 10-Turn Hybrid Precision Potentiometer / Position Sensor
logo
Vishay Siliconix
708 VISHAY-708 Datasheet
342Kb / 4P
   (22.2 mm) Single Turn Conductive Plastic Precision Potentiometer
01-Jan-2022
138 VISHAY-138 Datasheet
76Kb / 3P
   1 5/16" (33.3 mm) Industrial Single Turn, Bushing Mount, Conductive Plastic Potentiometer
01-Jan-2022
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com