Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDA4651WP Fiches technique(PDF) 9 Page - NXP Semiconductors

No de pièce TDA4651WP
Description  Multistandard colour decoder with negative colour difference output signals
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA4651WP Fiches technique(HTML) 9 Page - NXP Semiconductors

Back Button TDA4651WP Datasheet HTML 5Page - NXP Semiconductors TDA4651WP Datasheet HTML 6Page - NXP Semiconductors TDA4651WP Datasheet HTML 7Page - NXP Semiconductors TDA4651WP Datasheet HTML 8Page - NXP Semiconductors TDA4651WP Datasheet HTML 9Page - NXP Semiconductors TDA4651WP Datasheet HTML 10Page - NXP Semiconductors TDA4651WP Datasheet HTML 11Page - NXP Semiconductors TDA4651WP Datasheet HTML 12Page - NXP Semiconductors TDA4651WP Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
August 1993
9
Philips Semiconductors
Preliminary specification
Multistandard colour decoder with negative
colour difference output signals
TDA4651
Notes to the characteristics
1. With 20 mV, 3 dB decrease of the output signal is allowed. The level shift at demodulated f0 relative to blanking level
is less than 5 mV.
2. Burst key width for PAL 4.3
µs, for NTSC 3.6 µs
Burst width for PAL and NTSC 2.25
µs, ratio burst chrominance amplitude 1/2.2.
3. For the SEC+AM standard, amplitude and H/2 ripple content of the CD signals (R
−Y) and (B−Y) depend on the
characteristics of the external tuned circuit at pins 7 to 10. The resonant frequency of the external tuned circuit must
be adjusted such that the demodulated fo voltage level is zero in the −(B−Y) output channel at pin 3.
Now it is possible to adjust the quality of the external circuit such that the demodulated fo voltage level is zero in the
−(R−Y) output channel at pin 1. If necessary, the fo voltage level in the −(B−Y) output channel must be readjusted to
zero by the coil of the tuned circuit.
The external capacitors at pins 2 and 4 (each 220 pF) are matched to the internal resistances of the de-emphasis
network such that every alternate scanned line is blanked.
4. Pin 17 open-circuit; proportional to supply voltage.
5. The fo frequencies of the 8.8 MHz crystal at pin 21, and the 7.2 MHz crystal at pin 19, can be adjusted when the
voltage at pin 17 is less than 0.5 V (burst OFF), thus providing double subcarrier frequencies of the chrominance
signal.
6. Switching voltages for chrominance filters and crystals:
at pin 28 for PAL
at pin 27 for SECAM
at pin 26 for NTSC (3.58 MHz)
at pin 25 for NTSC (4.43 MHz).
7. The inquiry sequence for the standard is: PAL - SECAM - NTSC (3.58 MHz) - NTSC (4.43 MHz). PAL has priority
with respect to SECAM, etc.
8. The super sandcastle pulse is compared with three internal threshold levels which are proportional to VP.
Table 1
Specification of quartz crystals in HC-49/U13 holder; standard application.
SYMBOL
PARAMETER
VALUE
UNIT
43221430405 43221430418
fn
nominal frequency
8.867238
7.159090
MHz
CL
load capacitance
20
pF
∆f
n
adjustment tolerance of fn at +25 °C
±40
ppm
Rdld max
in the drive level range between 10−12 W and 1.0
× 10−3 W, the
resonance resistance may not exceed (at +25
°C) the value of
Rdld max
100
50
Rn
resonance resistance of unwanted response
2Rr (+25 °C)
C1
motional capacitance (
±20%)
22
19.5
fF
C0
parallel capacitance (
±20%)
5.5
4.4
pF
T
operating temperature range
−10 to +60
°C
∆fn
frequency tolerance over temperature range
±25
ppm
Rr
maximum resonance resistance over temperature range
60


Numéro de pièce similaire - TDA4651WP

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
TDA4650 PHILIPS-TDA4650 Datasheet
147Kb / 13P
   Multistandard colour decoder, with negative colour difference output signals
March 1991
TDA4650WP PHILIPS-TDA4650WP Datasheet
147Kb / 13P
   Multistandard colour decoder, with negative colour difference output signals
March 1991
TDA4655 PHILIPS-TDA4655 Datasheet
121Kb / 17P
   Generic multi-standard decoder
June 1993
TDA4655T PHILIPS-TDA4655T Datasheet
121Kb / 17P
   Generic multi-standard decoder
June 1993
TDA4657 PHILIPS-TDA4657 Datasheet
121Kb / 17P
   Generic multi-standard decoder
June 1993
More results

Description similaire - TDA4651WP

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
TDA4650 PHILIPS-TDA4650 Datasheet
147Kb / 13P
   Multistandard colour decoder, with negative colour difference output signals
March 1991
SAA7151B PHILIPS-SAA7151B Datasheet
311Kb / 49P
   Digital multistandard colour decoder with SCART interface DMSD2-SCART
April 1993
SAA7151B PHILIPS-SAA7151B Datasheet
235Kb / 49P
   Digital multistandard colour decoder with SCART interface DMSD2-SCART
April 1993
SAA7191B PHILIPS-SAA7191B Datasheet
199Kb / 40P
   Digital Multistandard Colour Decoder, Square Pixel DMSD-SQP
August 1996
logo
Faraday Technology
AH830 FARADAY-AH830 Datasheet
47Kb / 2P
   FULLY BUFFERED COLOUR DIFFERENCE PREFILTER
logo
NXP Semiconductors
TCA660B PHILIPS-TCA660B Datasheet
391Kb / 9P
   CONTRAST, SATURATION AND BRIGHTNESS CONTROL CIRCUIT FOR COLOUR DIFFERENCE AND LUMINANCE SIGNALS
November 1976
TDA4504B PHILIPS-TDA4504B Datasheet
190Kb / 26P
   Small signal combination for multistandard colour TV
February 1992
logo
Zarlink Semiconductor I...
VP7615 ZARLINK-VP7615 Datasheet
286Kb / 26P
   Colour Digital Video Camera Decoder IC
logo
Mitel Networks Corporat...
VP7615 MITEL-VP7615 Datasheet
106Kb / 25P
   Colour Digital Video Camera Decoder IC
logo
List of Unclassifed Man...
VP7610 ETC-VP7610 Datasheet
248Kb / 14P
   COLOUR DIGITAL VIDEO CAMERA DECODER IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com