Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDA3827 Fiches technique(PDF) 11 Page - NXP Semiconductors

No de pièce TDA3827
Description  TV-sound demodulator circuit with SCART switches and AF control
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA3827 Fiches technique(HTML) 11 Page - NXP Semiconductors

Back Button TDA3827 Datasheet HTML 4Page - NXP Semiconductors TDA3827 Datasheet HTML 5Page - NXP Semiconductors TDA3827 Datasheet HTML 6Page - NXP Semiconductors TDA3827 Datasheet HTML 7Page - NXP Semiconductors TDA3827 Datasheet HTML 8Page - NXP Semiconductors TDA3827 Datasheet HTML 9Page - NXP Semiconductors TDA3827 Datasheet HTML 10Page - NXP Semiconductors TDA3827 Datasheet HTML 11Page - NXP Semiconductors TDA3827 Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
March 1991
11
Philips Semiconductors
Preliminary specification
TV-sound demodulator circuit with SCART
switches and AF control
TDA3827
PACKAGE OUTLINE
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
EIAJ
SOT102-2
93-10-14
95-01-23
UNIT
A
max.
12
b1
(1)
(1)
(1)
b2
cD
E
e
M
Z
H
L
mm
DIMENSIONS (inch dimensions are derived from the original mm dimensions)
A
min.
A
max.
b
max.
w
ME
e 1
1.40
1.14
0.53
0.38
0.32
0.23
21.8
21.4
6.48
6.20
3.9
3.4
0.254
2.54
7.62
8.25
7.80
9.5
8.3
0.85
4.7
0.51
3.7
inches
0.055
0.045
0.021
0.015
0.013
0.009
1.05
0.75
0.041
0.030
0.86
0.84
0.26
0.24
0.15
0.13
0.01
0.10
0.30
0.32
0.31
0.37
0.33
0.033
0.19
0.020
0.15
b2
MH
c
(e )
1
ME
A
L
A1
w M
b1
e
D
A2
Z
18
1
10
9
b
E
0
5
10 mm
scale
Note
1. Plastic or metal protrusions of 0.25 mm maximum per side are not included.
pin 1 index
DIP18: plastic dual in-line package; 18 leads (300 mil); slim corner leads
SOT102-2


Numéro de pièce similaire - TDA3827

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
TDA3825 PHILIPS-TDA3825 Datasheet
166Kb / 18P
   Quasi split-sound circuit and AM demodulator
January 1993
More results

Description similaire - TDA3827

FabricantNo de pièceFiches techniqueDescription
logo
NTE Electronics
NTE1789 NTE-NTE1789 Datasheet
24Kb / 2P
   Integrated Circuit TV Sound Preamp, AF Output, Volume Control
logo
STMicroelectronics
STV8203 STMICROELECTRONICS-STV8203 Datasheet
192Kb / 31P
   MULTISTANDARD TV SOUND DEMODULATOR
logo
Siemens Semiconductor G...
TBA121-5 SIEMENS-TBA121-5 Datasheet
430Kb / 10P
   FM-Sound IF with SCART Switch and Volume Control
TDA5950X SIEMENS-TDA5950X Datasheet
450Kb / 11P
   Video and Sound IF with FM-PLL Demodulator, AFC and V & S SCART
logo
NXP Semiconductors
TDA9874H PHILIPS-TDA9874H Datasheet
254Kb / 56P
   Digital TV sound demodulator/decoder
1998 Apr 27
TDA2555 PHILIPS-TDA2555 Datasheet
65Kb / 10P
   Dual TV sound demodulator circuits
March 1986
logo
List of Unclassifed Man...
AN5825 ETC1-AN5825 Datasheet
282Kb / 4P
   TV MULTIPLEX SOUND SYSTEM DEMODULATOR
logo
NXP Semiconductors
TDA9874A PHILIPS-TDA9874A Datasheet
231Kb / 68P
   Digital TV sound demodulator/decoder
1999 Dec 03
TDA9830 PHILIPS-TDA9830 Datasheet
138Kb / 15P
   TV sound AM-demodulator and audio source switch
June 1994
logo
NTE Electronics
NTE1404 NTE-NTE1404 Datasheet
24Kb / 2P
   Integrated Circuit TV Sound IF Amplifier, Detector, AF Output Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com