Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDA3676T Fiches technique(PDF) 9 Page - NXP Semiconductors

No de pièce TDA3676T
Description  Low dropout voltage/quiescent current 10 V voltage regulator with enable
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA3676T Fiches technique(HTML) 9 Page - NXP Semiconductors

Back Button TDA3676T Datasheet HTML 5Page - NXP Semiconductors TDA3676T Datasheet HTML 6Page - NXP Semiconductors TDA3676T Datasheet HTML 7Page - NXP Semiconductors TDA3676T Datasheet HTML 8Page - NXP Semiconductors TDA3676T Datasheet HTML 9Page - NXP Semiconductors TDA3676T Datasheet HTML 10Page - NXP Semiconductors TDA3676T Datasheet HTML 11Page - NXP Semiconductors TDA3676T Datasheet HTML 12Page - NXP Semiconductors TDA3676T Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
2000 Feb 01
9
Philips Semiconductors
Preliminary specification
Low dropout voltage/quiescent current
10 V voltage regulator with enable
TDA3676
handbook, halfpage
5
1.4
1.6
1.8
2
10
15
VP (V)
Iq
(mA)
25
20
MDA950
Fig.11 Quiescent current as a function of the
supply voltage.
IREG = 50 mA.
handbook, halfpage
0
20
100
4
3
1
0
2
40
60
IREG (mA)
Iq
(mA)
80
MDA952
Fig.12 Quiescent current as a function of the load
current.
handbook, halfpage
−50
200
10.2
9.9
10
10.1
050
Tj (°C)
VREG
(V)
100
150
MGL840
Fig.13 Output voltage as a function of the
junction temperature.
IREG = 0 mA.
handbook, halfpage
−50
200
12
0
4
8
050
Tj (°C)
VREG
(V)
100
150
MGL841
Fig.14 Output voltage thermal protection as a
function of the junction temperature.
IREG = 0 mA.


Numéro de pièce similaire - TDA3676T

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
TDA3672 PHILIPS-TDA3672 Datasheet
83Kb / 16P
   Very low dropout voltage/quiescent current 3.0 V voltage regulator with enable
2000 Apr 26
TDA3672AT PHILIPS-TDA3672AT Datasheet
83Kb / 16P
   Very low dropout voltage/quiescent current 3.0 V voltage regulator with enable
2000 Apr 26
TDA3673 PHILIPS-TDA3673 Datasheet
83Kb / 16P
   Very low dropout voltage/quiescent current 3.3 V voltage regulator with enable
2000 Feb 01
TDA3673AT PHILIPS-TDA3673AT Datasheet
83Kb / 16P
   Very low dropout voltage/quiescent current 3.3 V voltage regulator with enable
2000 Feb 01
TDA3673T PHILIPS-TDA3673T Datasheet
83Kb / 16P
   Very low dropout voltage/quiescent current 3.3 V voltage regulator with enable
2000 Feb 01
More results

Description similaire - TDA3676T

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
TDA3674 PHILIPS-TDA3674 Datasheet
83Kb / 16P
   Low dropout voltage/quiescent current 5 V voltage regulator with enable
2000 Feb 01
TDA3675 PHILIPS-TDA3675 Datasheet
83Kb / 16P
   Low dropout voltage/quiescent current 8.5 V voltage regulator with enable
2000 Feb 01
TDA3673 PHILIPS-TDA3673 Datasheet
83Kb / 16P
   Very low dropout voltage/quiescent current 3.3 V voltage regulator with enable
2000 Feb 01
TDA3672 PHILIPS-TDA3672 Datasheet
83Kb / 16P
   Very low dropout voltage/quiescent current 3.0 V voltage regulator with enable
2000 Apr 26
TDA3666 PHILIPS-TDA3666 Datasheet
93Kb / 20P
   Very low dropout voltage/quiescent current 10 V voltage regulator
2000 Apr 26
TDA3662 PHILIPS-TDA3662 Datasheet
93Kb / 20P
   Very low dropout voltage/quiescent current 3.0 V voltage regulator
2000 Apr 26
TDA3664 PHILIPS-TDA3664 Datasheet
88Kb / 16P
   Very low dropout voltage/quiescent current 5 V voltage regulator
1999 Sep 01
TDA3665 PHILIPS-TDA3665 Datasheet
93Kb / 20P
   Very low dropout voltage/quiescent current 8.5 V voltage regulator
2000 Apr 25
TDA3664 NXP-TDA3664 Datasheet
98Kb / 16P
   Very low dropout voltage/quiescent current 5 V voltage regulator
Rev. 07-25 June 2007
TDA3663 NXP-TDA3663 Datasheet
91Kb / 15P
   Very low dropout voltage/quiescent current 3.3 V voltage regulator
Rev. 06-26 June 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com