Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDA3654 Fiches technique(PDF) 6 Page - NXP Semiconductors

No de pièce TDA3654
Description  Vertical deflection and guard circuit 110째
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA3654 Fiches technique(HTML) 6 Page - NXP Semiconductors

Back Button TDA3654 Datasheet HTML 2Page - NXP Semiconductors TDA3654 Datasheet HTML 3Page - NXP Semiconductors TDA3654 Datasheet HTML 4Page - NXP Semiconductors TDA3654 Datasheet HTML 5Page - NXP Semiconductors TDA3654 Datasheet HTML 6Page - NXP Semiconductors TDA3654 Datasheet HTML 7Page - NXP Semiconductors TDA3654 Datasheet HTML 8Page - NXP Semiconductors TDA3654 Datasheet HTML 9Page - NXP Semiconductors TDA3654 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
March 1991
6
Philips Semiconductors
Product specification
Vertical deflection and guard circuit (110˚)
TDA3654
TDA3654Q
CHARACTERISTICS
Tamb =25 °C, supply voltage (V9-4) = 26 V; unless otherwise stated; pin 1 externally connected to pin 3.
Pins 2 and 4 externally connected to ground.
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT
Supply
Supply voltage, pin 9 (note 2)
V9-4
10
40
V
Supply voltage output stage
V6-4
−−
60
V
Supply current, pins
6 and 9 (note 3)
I6+I9
35
55
85
mA
Quiescent current (note 4)
I4
25
40
65
mA
Variation of quiescent current
with temperature
TC
−−0,04 −
mA/K
Output current
Output current, pin 5
(peak-to-peak)
I5(p-p)
2,5
3
A
Output current flyback
generator, pin 8
+ I8(p-p)
1,25
1,5
A
−I
8(p-p)
1,35
1,6
A
Output voltage
Peak voltage during flyback
V5-4
−−
60
V
Saturation voltage to supply
at I5 = −1,5 A
V6-5(sat)
2,5
3,2
V
at I5 = 1,5 A (note 5)
V5-6(sat)
2,5
3,2
V
at I5 = −1,2 A
V6-5(sat)
2,2
2,7
V
at I5 = 1,2 A (note 5)
V5-6(sat)
2,3
2,8
V
Saturation voltage to ground
at I5 = 1,2 A
V5-4(sat)
2,2
2,7
V
at I5 = 1,5 A
V5-4(sat)
2,5
3,2
V
Flyback generator
Saturation voltage
at I8 = −1,6 A
V9-8(sat)
1,6
2,1
V
at I8 = 1,5 A (note 5)
V8-9(sat)
2,3
3
V
at I8 = −1,3 A
V9-8(sat)
1,4
1,9
V
at I8 = 1,2 A (note 5)
V8-9(sat)
2,2
2,7
V
Leakage current at pin 8
−I
8
5
100
µA
Flyback generator active if:
V5-9
4
−−
V
Input
Input current, pin 1,
for I5 = 1,5 A
I1
0,33
0,55
mA
Input voltage during scan, pin 1
V1-2
2,35
3
V


Numéro de pièce similaire - TDA3654

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
TDA3651 PHILIPS-TDA3651 Datasheet
349Kb / 8P
   VERTICAL DEFLECTION CIRCUIT
February 1987
TDA3651A PHILIPS-TDA3651A Datasheet
349Kb / 8P
   VERTICAL DEFLECTION CIRCUIT
February 1987
TDA3651Q PHILIPS-TDA3651Q Datasheet
349Kb / 8P
   VERTICAL DEFLECTION CIRCUIT
February 1987
logo
List of Unclassifed Man...
TDA3652 ETC1-TDA3652 Datasheet
124Kb / 1P
   TDA2578A SYNC APPLICATION TDA3652 VERTICAL DEFLECTION APPLICATION
logo
NXP Semiconductors
TDA3653 PHILIPS-TDA3653 Datasheet
118Kb / 13P
   Vertical deflection and guard circuit 90째
March 1991
More results

Description similaire - TDA3654

FabricantNo de pièceFiches techniqueDescription
logo
KODENSHI_AUK CORP.
KKA3654 KODENSHI-KKA3654 Datasheet
192Kb / 5P
   VERTICAL DEFLECTION AND GUARD CIRCUIT (110째)
logo
Integral Corp.
ILA3654 INTEGRAL-ILA3654 Datasheet
173Kb / 3P
   VERTICAL DEFLECTION AND GUARD CIRCUIT
logo
NXP Semiconductors
TDA3653B PHILIPS-TDA3653B Datasheet
118Kb / 13P
   VERTICAL DEFLECTION AND GUARD CIRCUIT 90째
March 1991
TDA3653B PHILIPS-TDA3653B Datasheet
118Kb / 13P
   Vertical deflection and guard circuit 90째
March 1991
logo
STMicroelectronics
TDA8218 STMICROELECTRONICS-TDA8218 Datasheet
120Kb / 9P
   HORIZONTAL AND VERTICAL DEFLECTION CIRCUIT
September 1993
TDA8214B STMICROELECTRONICS-TDA8214B Datasheet
160Kb / 9P
   HORIZONTAL AND VERTICAL DEFLECTION CIRCUIT
TDA8215B STMICROELECTRONICS-TDA8215B Datasheet
145Kb / 9P
   HORIZONTAL AND VERTICAL DEFLECTION CIRCUIT
September 1993
TDA1770A STMICROELECTRONICS-TDA1770A Datasheet
592Kb / 13P
   VERTICAL DEFLECTION CIRCUIT
TDA8174A STMICROELECTRONICS-TDA8174A_03 Datasheet
119Kb / 7P
   VERTICAL DEFLECTION CIRCUIT
TDA1670A STMICROELECTRONICS-TDA1670A Datasheet
604Kb / 15P
   VERTICAL DEFLECTION CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com