Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TSC2046EIPW Fiches technique(PDF) 9 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
No de pièce TSC2046EIPW
Description  Low Voltage I/O TOUCH SCREEN CONTROLLER
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BURR-BROWN [Burr-Brown (TI)]
Site Internet  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

TSC2046EIPW Fiches technique(HTML) 9 Page - Burr-Brown (TI)

Back Button TSC2046EIPW Datasheet HTML 5Page - Burr-Brown (TI) TSC2046EIPW Datasheet HTML 6Page - Burr-Brown (TI) TSC2046EIPW Datasheet HTML 7Page - Burr-Brown (TI) TSC2046EIPW Datasheet HTML 8Page - Burr-Brown (TI) TSC2046EIPW Datasheet HTML 9Page - Burr-Brown (TI) TSC2046EIPW Datasheet HTML 10Page - Burr-Brown (TI) TSC2046EIPW Datasheet HTML 11Page - Burr-Brown (TI) TSC2046EIPW Datasheet HTML 12Page - Burr-Brown (TI) TSC2046EIPW Datasheet HTML 13Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
TSC2046E
SBAS417 − JUNE 2007
www.ti.com
9
TYPICAL CHARACTERISTICS (continued)
At TA = +25°C, +VCC = +2.7V, IOVDD = +1.8V, VREF = External +2.5V, 12-bit mode, PD0 = 0, fSAMPLE = 125kHz, and fCLK = 16 • fSAMPLE = 2MHz,
unless otherwise noted.
TEMP1 DIODE VOLTAGE vs +V
CC
2.7
3.0
3.3
+V
CC (V)
720
718
716
714
712
710
THEORY OF OPERATION
The TSC2046E is a classic successive approximation
register (SAR) analog-to-digital converter (ADC). The
architecture is based on capacitive redistribution, which
inherently includes a sample-and-hold function. The
converter is fabricated on a 0.6
µm CMOS process.
The basic operation of the TSC2046E is shown in
Figure 1. The device features an internal 2.5V reference
and uses an external clock. Operation is maintained from
a single supply of 2.7V to 5.25V. The internal reference can
be overdriven with an external, low-impedance source
between 1V and +VCC. The value of the reference voltage
directly sets the input range of the converter.
The analog input (X-, Y-, and Z-Position coordinates,
auxiliary input, battery voltage, and chip temperature)
to the converter is provided via a multiplexer. A unique
configuration of low on-resistance touch panel driver
switches allows an unselected ADC input channel to
provide power and the accompanying pin to provide
ground for an external device, such as a touch screen.
By maintaining a differential input to the converter and
a differential reference architecture, it is possible to
negate the error from each touch panel driver switch’s
on-resistance (if this is a source of error for the
particular measurement).
+V
CC
+V
CC
X+
Y+
X
Y
V
BAT
AUX
B1
C1
D1
E1
G2
G3
G6
E7
G4
G5
A2
A3
A4
A5
A6
B7
C7
D7
DCLK
CS
DIN
BUSY
DOUT
PENIRQ
IOVDD
V
REF
Serial/Conversion Clock
Chip Select
Serial Data In
Converter Status
Serial Data Out
+
1
µF
to
10
µF
(Optional)
+2.7V to +5V
TSC2046E
Auxiliary Input
To Battery
Voltage
Regulator
Touch
Screen
0.1
µF
Pen Interrupt
GND
GND
NOTE: VFBGA package and pin names shown.
Figure 1. Basic Operation of the TSC2046E


Numéro de pièce similaire - TSC2046EIPW

FabricantNo de pièceFiches techniqueDescription
logo
Burr-Brown (TI)
TSC2046EIPW BURR-BROWN-TSC2046EIPW Datasheet
554Kb / 23P
   Low Voltage I/O TOUCH SCREEN CONTROLLER
logo
Texas Instruments
TSC2046EIPWG4 TI1-TSC2046EIPWG4 Datasheet
1Mb / 32P
[Old version datasheet]   Low-Voltage I/O TOUCH SCREEN CONTROLLER
logo
Burr-Brown (TI)
TSC2046EIPWR BURR-BROWN-TSC2046EIPWR Datasheet
554Kb / 23P
   Low Voltage I/O TOUCH SCREEN CONTROLLER
logo
Texas Instruments
TSC2046EIPWRG4 TI1-TSC2046EIPWRG4 Datasheet
1Mb / 32P
[Old version datasheet]   Low-Voltage I/O TOUCH SCREEN CONTROLLER
More results

Description similaire - TSC2046EIPW

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TSC2046E-Q1 TI1-TSC2046E-Q1 Datasheet
803Kb / 28P
[Old version datasheet]   LOW-VOLTAGE I/O TOUCH SCREEN CONTROLLER
logo
Burr-Brown (TI)
TSC2046 BURR-BROWN-TSC2046 Datasheet
554Kb / 23P
   Low Voltage I/O TOUCH SCREEN CONTROLLER
logo
SHENZHEN FUMAN ELECTRON...
TSC2046S FUMAN-TSC2046S Datasheet
611Kb / 21P
   Low Voltage I/O Touch Screen Controller
logo
Texas Instruments
TSC2046 TI1-TSC2046_16 Datasheet
1Mb / 32P
[Old version datasheet]   Low-Voltage I/O TOUCH SCREEN CONTROLLER
logo
AiT Semiconductor Inc.
A8946 AITSEMI-A8946 Datasheet
753Kb / 24P
   TOUCH SCREEN DRIVER 4-WIRE RESISTANCE, LOW-VOLTAGE I/O INTERFACE
REV1.3
logo
Integrated Device Techn...
MK712 IDT-MK712 Datasheet
418Kb / 21P
   TOUCH SCREEN CONTROLLER
logo
Texas Instruments
ADS7843 TI1-ADS7843 Datasheet
652Kb / 18P
[Old version datasheet]   TOUCH SCREEN CONTROLLER
logo
Burr-Brown (TI)
ADS7843 BURR-BROWN-ADS7843 Datasheet
163Kb / 12P
   TOUCH SCREEN CONTROLLER
ADS7846 BURR-BROWN-ADS7846 Datasheet
520Kb / 23P
   TOUCH-SCREEN CONTROLLER
logo
Asahi Kasei Microsystem...
AK4182 AKM-AK4182 Datasheet
190Kb / 18P
   Touch Screen Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com