Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DER-121 Fiches technique(PDF) 4 Page - Power Integrations, Inc.

No de pièce DER-121
Description  13.1 W AC-DC Flyback Converter Using TNY268P
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  POWERINT [Power Integrations, Inc.]
Site Internet  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

DER-121 Fiches technique(HTML) 4 Page - Power Integrations, Inc.

  DER-121 Datasheet HTML 1Page - Power Integrations, Inc. DER-121 Datasheet HTML 2Page - Power Integrations, Inc. DER-121 Datasheet HTML 3Page - Power Integrations, Inc. DER-121 Datasheet HTML 4Page - Power Integrations, Inc. DER-121 Datasheet HTML 5Page - Power Integrations, Inc. DER-121 Datasheet HTML 6Page - Power Integrations, Inc. DER-121 Datasheet HTML 7Page - Power Integrations, Inc. DER-121 Datasheet HTML 8Page - Power Integrations, Inc. DER-121 Datasheet HTML 9Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
DER-121
13.1 W adapter – TNY268
November 3, 2005
Page 4 of 24
Power Integrations
Tel: +1 408 414 9200 Fax: +1 408 414 9201
www.powerint.com
2
Power Supply Specification
Description
Symbol
Min
Typ
Max
Units
Comment
Input
Voltage
VIN
90
264
VAC
2 Wire – no P.E.
Frequency
fLINE
47
50/60
63
Hz
No-load Input Power (264 VAC)
0.3
W
Output
Output Voltage 1
VOUT1
5
5.25
5.5
V
± 5%
Output Ripple Voltage 1
VRIPPLE1
50
mV
20 MHz bandwidth
Output Current 1
IOUT1
0
2.5
A
Total Output Power
Continuous Output Power
POUT
13.1
W
Efficiency
η
70
%
Measured at POUT (13.1 W), 25
oC
CEC Efficiency (115 VAC and
230 VAC)
Avg.
η
72.2
%
Avg. Eff. At 25%, 50%, 75% and
100% load
Environmental
Conducted EMI
Meets CISPR22B / EN55022B
Safety
Designed to meet IEC950, UL1950
Class II
Surge
6
kV
100 kHz ring wave, 200 A short
circuit current, differential and
common mode
Ambient Temperature
TAMB
0
40
oC
Free convection, sea level


Numéro de pièce similaire - DER-121

FabricantNo de pièceFiches techniqueDescription
logo
Power Integrations, Inc...
DER-120 POWERINT-DER-120 Datasheet
1Mb / 25P
   22 W Triple Output Flyback Converter using DPA424R
More results

Description similaire - DER-121

FabricantNo de pièceFiches techniqueDescription
logo
Power Integrations, Inc...
DER-60 POWERINT-DER-60 Datasheet
626Kb / 25P
   8.75 W Power Supply using TNY268P
DI-51 POWERINT-DI-51 Datasheet
54Kb / 2P
   5 W Flyback DC-DC Converter
DI-29 POWERINT-DI-29 Datasheet
66Kb / 2P
   25 W Flyback DC-DC Converter
DER-120 POWERINT-DER-120 Datasheet
1Mb / 25P
   22 W Triple Output Flyback Converter using DPA424R
EPR-29 POWERINT-EPR-29 Datasheet
2Mb / 36P
   Engineering Prototype Report for EP-29 - Multiple Output 11 W (15.5 W peak) AC-DC Power Supply using TNY268P
logo
PREMO CORPORATION S.L
P215 PREMO-P215_14 Datasheet
109Kb / 5P
   AC-DC Flyback planar xfmr 15 W
logo
STMicroelectronics
STEVAL-ISA182V1 STMICROELECTRONICS-STEVAL-ISA182V1 Datasheet
212Kb / 4P
   8.4 W / 30 W peak power offline flyback converter using VIPER38HD
October 2016 Rev 1
logo
Power Integrations, Inc...
EPR-68 POWERINT-EPR-68 Datasheet
2Mb / 28P
   Engineering Prototype Report for EP 68 - 6.6 W DC-DC Flyback Converter Using DPA-Switch- (DPA423G)
logo
Fairchild Semiconductor
AN-9737 FAIRCHILD-AN-9737 Datasheet
390Kb / 11P
   Design Guideline for Single-Stage Flyback AC-DC Converter Using FL6961 for LED Lighting
logo
MORNSUN Science& Techno...
LH20-10B03 MORNSUN-LH20-10B03_15 Datasheet
1Mb / 8P
   20(25)W, AC-DC converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com