Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDA3566A Fiches technique(PDF) 9 Page - NXP Semiconductors

No de pièce TDA3566A
Description  PAL/NTSC decoder
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA3566A Fiches technique(HTML) 9 Page - NXP Semiconductors

Back Button TDA3566A Datasheet HTML 5Page - NXP Semiconductors TDA3566A Datasheet HTML 6Page - NXP Semiconductors TDA3566A Datasheet HTML 7Page - NXP Semiconductors TDA3566A Datasheet HTML 8Page - NXP Semiconductors TDA3566A Datasheet HTML 9Page - NXP Semiconductors TDA3566A Datasheet HTML 10Page - NXP Semiconductors TDA3566A Datasheet HTML 11Page - NXP Semiconductors TDA3566A Datasheet HTML 12Page - NXP Semiconductors TDA3566A Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
February 1994
9
Philips Semiconductors
Product specification
PAL/NTSC decoder
TDA3566A
I28
output current
15
mA
Reference part
∆f
phase-locked loop catching range
note 6
500
Hz
∆ϕ
phase shift for 400 Hz deviation of the
oscillator frequency
note 6
5
deg
TCosc
oscillator temperature coefficient with
respect to oscillator frequency
note 6
−2
−3
Hz/K
∆f
osc
frequency deviation when supply
voltage increases from 10 to 13.2 V
note 6
40
100
Hz
R26
input resistance
280
400
520
C26
input capacitance
10
pF
ACC generation (pin 2; note )7
V2
control voltage at nominal input signal
4.5
V
V2
control voltage without chrominance
input
2
V
∆V2
colour-on/off voltage
175
300
425
mV
V2
colour-on voltage
3.1
3.5
3.9
V
∆V2
colour-on identification voltage
1.2
1.5
1.8
V
change in burst amplitude with
temperature
0.1
0.25
%/K
V3
voltage at pin 3 at nominal input signal
4.7
V
Demodulator part
V23(p-p)
amplitude of burst signal (peak-to-peak
value) between pins 23 and 27
note 8
45
63
81
mV
|Z22, 23|
input impedance between pins 22 or 23
and 27
0.7
1.0
1.3
k
RATIO OF DEMODULATED SIGNALS FOR EQUIVALENT INPUT SIGNALS AT PINS
22 AND 23
(B
−Y)/(R−Y)
1.78
± 10%
(G
−Y)/(R−Y)
no (B
−Y) signal −
−0.51 ± 10% −
(G
−Y)/(B−Y)
no (R
−Y) signal −
−0.19 ± 25% −
α
17
frequency response between 0 and
1 MHz
−3
dB
α
cr
cross-talk between colour difference
signals
40
dB
∆ϕ
phase difference between (R
−Y) and
(B
−Y) reference signals
85
90
95
deg
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
V
17
V
13
---------
V
15
V
13
---------
V
15
V
17
---------


Numéro de pièce similaire - TDA3566A

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
TDA3560 PHILIPS-TDA3560 Datasheet
421Kb / 10P
   PAL DECODER
January 1980
TDA3561A PHILIPS-TDA3561A Datasheet
165Kb / 14P
   PAL decoder
September 1982
logo
STMicroelectronics
TDA3562 STMICROELECTRONICS-TDA3562 Datasheet
195Kb / 9P
   PAL/NTSC ONE-CHIP DECODER
TDA3562A STMICROELECTRONICS-TDA3562A Datasheet
195Kb / 9P
   PAL/NTSC ONE-CHIP DECODER
logo
NXP Semiconductors
TDA3563 PHILIPS-TDA3563 Datasheet
495Kb / 10P
   NTSC DECODER
December 1982
More results

Description similaire - TDA3566A

FabricantNo de pièceFiches techniqueDescription
logo
Sony Corporation
CXA1219 SONY-CXA1219 Datasheet
509Kb / 11P
   NTSC/PAL Decoder
CXA1218S SONY-CXA1218S Datasheet
704Kb / 15P
   NTSC/PAL Decoder
logo
Intersil Corporation
HMP8116 INTERSIL-HMP8116 Datasheet
182Kb / 43P
   NTSC/PAL Video Decoder
HMP8117 INTERSIL-HMP8117 Datasheet
269Kb / 45P
   NTSC/PAL Video Decoder
logo
Texas Instruments
TVP5020 TI-TVP5020 Datasheet
387Kb / 87P
[Old version datasheet]   NTSC/PAL VIDEO DECODER
logo
List of Unclassifed Man...
M51271FP ETC1-M51271FP Datasheet
36Kb / 3P
   NTSC/PAL CHROMA DECODER
logo
Intersil Corporation
HMP8117 INTERSIL-HMP8117_07 Datasheet
563Kb / 45P
   NTSC/PAL Video Decoder
logo
Harris Corporation
HMP8112 HARRIS-HMP8112 Datasheet
563Kb / 40P
   NTSC/PAL Video Decoder
logo
Texas Instruments
TVP5010 TI1-TVP5010 Datasheet
264Kb / 59P
[Old version datasheet]   NTSC/PAL Video Decoder
logo
Intersil Corporation
HMP8115 INTERSIL-HMP8115 Datasheet
183Kb / 43P
   NTSC/PAL Video Decoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com