Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDA3561A Fiches technique(PDF) 7 Page - NXP Semiconductors

No de pièce TDA3561A
Description  PAL decoder
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA3561A Fiches technique(HTML) 7 Page - NXP Semiconductors

Back Button TDA3561A Datasheet HTML 3Page - NXP Semiconductors TDA3561A Datasheet HTML 4Page - NXP Semiconductors TDA3561A Datasheet HTML 5Page - NXP Semiconductors TDA3561A Datasheet HTML 6Page - NXP Semiconductors TDA3561A Datasheet HTML 7Page - NXP Semiconductors TDA3561A Datasheet HTML 8Page - NXP Semiconductors TDA3561A Datasheet HTML 9Page - NXP Semiconductors TDA3561A Datasheet HTML 10Page - NXP Semiconductors TDA3561A Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
September 1982
7
Philips Semiconductors
Product specification
PAL decoder
TDA3561A
Input current brightness control
I11
<
50
µA
Variation of black level with temperature
∆V
typ.
0,35
mV/K
<
1,0
mV/K
Variation of black level with contrast control
∆V
typ.
10
mV
<
200
mV
Relative spread between the R, G and B output signals
<
10
%
Relative black-level variation between the three channels
typ.
0
mV
during variation of contrast and supply voltage
<
20
mV
Differential black-level drift over a
temperature range of 40
°C
typ.
0
mV
<
20
mV
Blanking level at the RGB outputs
typ.
2,1
V
1,9 to 2,3
V
Difference in blanking level
of the three channels
typ.
0
mV
Differential blanking level drift
over a temperature range of 40
°C
typ.
0
mV
Tracking of output black level
with supply voltage
typ.
1,1
Signal-to-noise ratio of output signals;
note 11
S/N
>
62
dB
Residual 4,4 MHz signal at RGB outputs
typ.
40
mV
(peak-to-peak value)
<
150
mV
Residual 8,8 MHz signal and higher harmonics
typ.
75
mV
at the RGB outputs (peak-to-peak value)
<
150
mV
Output impedance of RGB outputs
Z12,14,16-27
typ.
50
Frequency response of total luminance and
RGB amplifier circuits for f = 0 to 5 MHz
<−3dB
Signal insertion (pins 13,15 and 17)
Input signals (peak-to-peak value) for
V13,15,17-27(p-p)
typ.
1
V
an RGB output voltage of 5 V peak-to-peak
0,85 to 1,1
V
Difference between the black levels of the
RGB signals and the inserted signals
at the output; note 9
∆V
<
260
mV
Output rise time
tr
typ.
40
ns
<80
ns
Differential delay time for the three channels
td
typ.
0
ns
<40
ns
Input current
I13,15,17
<
10
µA
V
bl
V
bl
-----------
V
P
V
P
----------
×


Numéro de pièce similaire - TDA3561A

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
TDA3560 PHILIPS-TDA3560 Datasheet
421Kb / 10P
   PAL DECODER
January 1980
logo
STMicroelectronics
TDA3562 STMICROELECTRONICS-TDA3562 Datasheet
195Kb / 9P
   PAL/NTSC ONE-CHIP DECODER
TDA3562A STMICROELECTRONICS-TDA3562A Datasheet
195Kb / 9P
   PAL/NTSC ONE-CHIP DECODER
logo
NXP Semiconductors
TDA3563 PHILIPS-TDA3563 Datasheet
495Kb / 10P
   NTSC DECODER
December 1982
TDA3565 PHILIPS-TDA3565 Datasheet
116Kb / 12P
   PAL decoder
April 1986
More results

Description similaire - TDA3561A

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
TDA3565 PHILIPS-TDA3565 Datasheet
116Kb / 12P
   PAL decoder
April 1986
TDA3560 PHILIPS-TDA3560 Datasheet
421Kb / 10P
   PAL DECODER
January 1980
TDA4510 PHILIPS-TDA4510 Datasheet
69Kb / 9P
   PAL decoder
March 1986
TDA3566A PHILIPS-TDA3566A Datasheet
253Kb / 24P
   PAL/NTSC decoder
February 1994
logo
Sony Corporation
CXA1219 SONY-CXA1219 Datasheet
509Kb / 11P
   NTSC/PAL Decoder
CXA1218S SONY-CXA1218S Datasheet
704Kb / 15P
   NTSC/PAL Decoder
logo
Intersil Corporation
HMP8116 INTERSIL-HMP8116 Datasheet
182Kb / 43P
   NTSC/PAL Video Decoder
HMP8117 INTERSIL-HMP8117 Datasheet
269Kb / 45P
   NTSC/PAL Video Decoder
logo
Texas Instruments
TVP5020 TI-TVP5020 Datasheet
387Kb / 87P
[Old version datasheet]   NTSC/PAL VIDEO DECODER
logo
List of Unclassifed Man...
M51271FP ETC1-M51271FP Datasheet
36Kb / 3P
   NTSC/PAL CHROMA DECODER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com