Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STD60NF55L Fiches technique(PDF) 3 Page - STMicroelectronics

No de pièce STD60NF55L
Description  N-channel 55V - 0.012廓 - 60A - DPAK/IPAK STripFET??II Power MOSFET
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD60NF55L Fiches technique(HTML) 3 Page - STMicroelectronics

  STD60NF55L_06 Datasheet HTML 1Page - STMicroelectronics STD60NF55L_06 Datasheet HTML 2Page - STMicroelectronics STD60NF55L_06 Datasheet HTML 3Page - STMicroelectronics STD60NF55L_06 Datasheet HTML 4Page - STMicroelectronics STD60NF55L_06 Datasheet HTML 5Page - STMicroelectronics STD60NF55L_06 Datasheet HTML 6Page - STMicroelectronics STD60NF55L_06 Datasheet HTML 7Page - STMicroelectronics STD60NF55L_06 Datasheet HTML 8Page - STMicroelectronics STD60NF55L_06 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
STD60NF55L - STD60NF55L-1
Electrical ratings
3/14
1
Electrical ratings
Table 1.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VDS
Drain-source voltage (VGS = 0)
55
V
VGS
Gate- source voltage
± 15
V
ID
Drain current (continuous) at TC = 25°C
60
A
ID
Drain current (continuous) at TC = 100°C
42
A
IDM
(1)
1.
Pulse width limited by safe operating area.
Drain current (pulsed)
240
A
Ptot
Total dissipation at TC = 25°C
110
W
Derating Factor
0.73
W/°C
dv/dt(2)
2.
ISD ≤40A, di/dt ≤350A/µs, VDD ≤V(BR)DSS, Tj ≤TJMAX.
Peak diode recovery voltage slope
16
V/ns
EAS
(3)
3.
Starting Tj = 25
oC, I
D = 17.5A, VDD =24V
Single pulse avalanche energy
400
mJ
Tstg
Storage temperature
-55 to 175
°C
Tj
Max. operating junction temperature
Table 2.
Thermal data
Rthj-case
Thermal resistance junction-case max
1.36
°C/W
Rthj-amb
Thermal resistance junction-to ambient max
62.5
°C/W
TJ
Maximum lead temperature for soldering purpose
275
°C


Numéro de pièce similaire - STD60NF55L_06

FabricantNo de pièceFiches techniqueDescription
logo
VBsemi Electronics Co.,...
STD60NF55L-1 VBSEMI-STD60NF55L-1 Datasheet
979Kb / 7P
   N-Channel 60 V (D-S) MOSFET
logo
STMicroelectronics
STD60NF55LA STMICROELECTRONICS-STD60NF55LA Datasheet
324Kb / 14P
   N-channel 55V - 0.012廓 - 60A - DPAK STripFET??II Power MOSFET
STD60NF55LAT4 STMICROELECTRONICS-STD60NF55LAT4 Datasheet
324Kb / 14P
   N-channel 55V - 0.012廓 - 60A - DPAK STripFET??II Power MOSFET
More results

Description similaire - STD60NF55L_06

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
STD60NF55LA STMICROELECTRONICS-STD60NF55LA Datasheet
324Kb / 14P
   N-channel 55V - 0.012廓 - 60A - DPAK STripFET??II Power MOSFET
STD60NF55L STMICROELECTRONICS-STD60NF55L Datasheet
455Kb / 9P
   N-CHANNEL 55V - 0.012ohm - 60A DPAK STripFET??II POWER MOSFET
STD100NH02L STMICROELECTRONICS-STD100NH02L Datasheet
474Kb / 12P
   N-channel 24V - 0.0042 - 60A - DPAK - IPAK STripFET II Power MOSFET
STD90N02L STMICROELECTRONICS-STD90N02L_07 Datasheet
365Kb / 17P
   N-channel 25V - 0.0052廓 - 60A - DPAK - IPAK STripFET??III Power MOSFET
STD70NH02L STMICROELECTRONICS-STD70NH02L Datasheet
490Kb / 16P
   N-CHANNEL 24V - 0.0062 Ohm - 60A IPAK/DPAK STripFET II Power MOSFET
STD70N02L STMICROELECTRONICS-STD70N02L_07 Datasheet
376Kb / 17P
   N-channel 25V - 0.0068廓 - 60A - DPAK - IPAK STripFET??III Power MOSFET
STD100NH02L STMICROELECTRONICS-STD100NH02L_06 Datasheet
475Kb / 16P
   N-channel 24V - 0.0042ohm - 60A - DPAK - IPAK STripFET TM II Power MOSFET
logo
Texas Instruments
STD60NF3LL TI-STD60NF3LL_06 Datasheet
404Kb / 13P
[Old version datasheet]   N-channel 30V - 0.0075廓 - 60A - DPAK STripFET??II Power MOSFET
logo
STMicroelectronics
STD16NF06L STMICROELECTRONICS-STD16NF06L_07 Datasheet
362Kb / 14P
   N-channel 60V - 0.060廓 - 24A - DPAK/IPAK STripFET??II Power MOSFET
STD20NF06LT4 STMICROELECTRONICS-STD20NF06LT4 Datasheet
420Kb / 14P
   N-channel 60V - 0.032廓 - 24A - DPAK - IPAK STripFET??II Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com