Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

2812018 Fiches technique(PDF) 6 Page - List of Unclassifed Manufacturers

No de pièce 2812018
Description  Basic terminal block with screw connection, for component and fuse connectors, cross section: 0.2 - 4 mm², AWG: 28 - 12, width: 6.2 mm, color: gray
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

2812018 Fiches technique(HTML) 6 Page - List of Unclassifed Manufacturers

  2812018 Datasheet HTML 1Page - List of Unclassifed Manufacturers 2812018 Datasheet HTML 2Page - List of Unclassifed Manufacturers 2812018 Datasheet HTML 3Page - List of Unclassifed Manufacturers 2812018 Datasheet HTML 4Page - List of Unclassifed Manufacturers 2812018 Datasheet HTML 5Page - List of Unclassifed Manufacturers 2812018 Datasheet HTML 6Page - List of Unclassifed Manufacturers 2812018 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Tools
1205053
SZS 0,6X3,5
Screwdriver, bladed, matches all screw terminal blocks up to 4.0
mm² connection cross section, blade: 0.6 x 3.5 mm, without VDE
approval
UK 4-TG
Phoenix Contact GmbH & Co. KG
www.phoenixcontact.com
Jul 15, 2003
Page 6/7


Html Pages

1  2  3  4  5  6  7 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn