Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

2812018 Fiches technique(PDF) 5 Page - List of Unclassifed Manufacturers

No de pièce 2812018
Description  Basic terminal block with screw connection, for component and fuse connectors, cross section: 0.2 - 4 mm², AWG: 28 - 12, width: 6.2 mm, color: gray
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

2812018 Fiches technique(HTML) 5 Page - List of Unclassifed Manufacturers

  2812018 Datasheet HTML 1Page - List of Unclassifed Manufacturers 2812018 Datasheet HTML 2Page - List of Unclassifed Manufacturers 2812018 Datasheet HTML 3Page - List of Unclassifed Manufacturers 2812018 Datasheet HTML 4Page - List of Unclassifed Manufacturers 2812018 Datasheet HTML 5Page - List of Unclassifed Manufacturers 2812018 Datasheet HTML 6Page - List of Unclassifed Manufacturers 2812018 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Accessories
Item
Designation
Description
Assembly
3003224
ATP-UK
Separating plate, for visual and electrical separation of terminal
groups, width: 1.5 mm, color: Gray
3022218
CLIPFIX 35
Snap-on end bracket, for 35 mm NS 35/7.5 or NS 35/15
mounting rail, can be fitted with Zack strip ZB 8 and ZB 8/27,
terminal strip marker KLM 2 and KLM, width: 9.5 mm, color: gray
3003020
D-UK 4/10
Cover, width: 1.8 mm, color: gray
1201442
E/UK
End clamp, for supporting the electronic base, if mounted
vertically, 2 end clamps are required in each case
1201002
NS 32 GELOCHT METER
G-profile DIN rail, material: Steel, perforated, height 15 mm,
width 32 mm, length 2 m
1201015
NS 32 UNGELOCHT METER
G-profile DIN rail, material: Steel, unperforated, height 15 mm,
width 32 mm, length 2 m
1201028
NS 32-AL UNGELOCHT
METER
G rail 32 mm (NS 32)
1201358
NS 32-CU/ 35 QMM UNGEL.
METER
G-profile DIN rail, material: Copper, unperforated, height 15 mm,
width 32 mm, length 2 m
1201280
NS 32-CU/120 QMM UNGEL.
METER
G-profile DIN rail, deep-drawn, material: Copper, unperforated,
height 15 mm, width 32 mm, length 2 m
0801733
NS 35/ 7,5 GELOCHT METER DIN rail, material: Steel, perforated, height 7.5 mm, width 35
mm, length: 2 m
0801681
NS 35/ 7,5 UNGELOCHT
METER
DIN rail, material: Steel, unperforated, height 7.5 mm, width 35
mm, length: 2 m
0801762
NS 35/ 7,5-CU UNGELOCHT
METER
DIN rail, material: Copper, unperforated, height 7.5 mm, width
35 mm, length: 2 m
1201730
NS 35/15 GELOCHT METER
DIN rail, material: Steel, perforated, height 15 mm, width 35 mm,
length: 2 m
1201714
NS 35/15 UNGELOCHT
METER
DIN rail, material: Steel, unperforated, height 15 mm, width 35
mm, length: 2 m
1201798
NS 35/15-2,3 UNGELOCHT
METER
DIN rail, material: Steel, unperforated, 2.3 mm thick, height 15
mm, width 35 mm, length: 2 m
1201756
NS 35/15-AL UNGELOCHT
METER
DIN rail, deep-drawn, high profile, unperforated, 1.5 mm thick,
material: Aluminum, height 15 mm, width 35 mm, length 2 m
1201895
NS 35/15-CU UNGELOCHT
METER
DIN rail, material: Copper, unperforated, 1.5 mm thick, height 15
mm, width 35 mm, length: 2 m
Bridges
0201155
EB 2- 6
Insertion bridge, 2-pos., fully insulated
0201142
EB 3- 6
Insertion bridge, 3-pos., fully insulated
0201139
EB 10- 6
Insertion bridge, 10-pos., divisible, fully insulated
Marking
1007222
SBS 6:UNBEDRUCKT
Marker cards for modular terminal blocks, color: white
1050499
ZB 6:SO/CMS
Zack strip, 10-section, divisible, special printing, marking
according to customer requirements
UK 4-TG
Phoenix Contact GmbH & Co. KG
www.phoenixcontact.com
Jul 15, 2003
Page 5/7


Html Pages

1  2  3  4  5  6  7