Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

TDA2616 Datasheet(Fiches technique) 4 Page - NXP Semiconductors

Numéro de pièce TDA2616
Description  2 x 12 W hi-fi audio power amplifiers with mute
Télécharger  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo 

TDA2616 Datasheet(HTML) 4 Page - NXP Semiconductors

 
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
July 1994
4
Philips Semiconductors
Product specification
2 x 12 W hi-fi audio power amplifiers with
mute
TDA2616/TDA2616Q
PINNING
SYMBOL
PIN
DESCRIPTION
−INV1
1
non-inverting input 1
MUTE
2
mute input
1/2VP/GND
3
1/2 supply voltage or ground
OUT1
4
output 1
−V
P
5
supply voltage (negative)
OUT2
6
output 2
+VP
7
supply voltage (positive)
INV1, 2
8
inverting inputs 1 and 2
−INV2
9
non-inverting input 2
Fig.2 Pin configuration.
handbook, halfpage
MCD372 - 1
1
2
3
4
5
6
7
8
9
P
+ V
OUT2
MUTE
INV2
TDA2616
/ GND
P
V
INV1
INV1, 2
OUT1
1/2 V
P
FUNCTIONAL DESCRIPTION
The TDA2616 is a hi-fi stereo amplifier designed for mains
fed applications, such as stereo radio and TV. The circuit
is optimally designed for symmetrical power supplies, but
is also well-suited to asymmetrical power supply systems.
An output power of 2
× 12 W (THD = 0.5%) can be
delivered into an 8
Ω load with a symmetrical power supply
of
±16 V. The gain is internally fixed at 30 dB, thus offering
a low gain spread and a very good gain balance between
the two amplifiers (0.2 dB).
A special feature is the input mute circuit. This circuit
disconnects the non-inverting inputs when the supply
voltage drops below
±6 V, while the amplifier still retains its
DC operating adjustment. The circuit features suppression
of unwanted signals at the inputs, during switch-on and
switch-off.
The mute circuit can also be activated via pin 2. When a
current of 300
µA is present at pin 2, the circuit is in the
mute condition.
The device is provided with two thermal protection circuits.
One circuit measures the average temperature of the
crystal and the other measures the momentary
temperature of the power transistors. These control
circuits attack at temperatures in excess of +150
°C, so a
crystal operating temperature of max. +150
°C can be
used without extra distortion.
With the derating value of 2.5 K/W, the heatsink can be
calculated as follows:
at RL = 8 Ω and VP = ±16 V, the measured maximum
dissipation is 14.6 W.
With a maximum ambient temperature of +65
°C, the
thermal resistance of the heatsink is:
The internal metal block has the same potential as pin 5.
R
th
150
65
14.6
----------------------
2.5
3.3 K/W.
==


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn