Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

TDA2616 Datasheet(Fiches technique) 6 Page - NXP Semiconductors

Numéro de pièce TDA2616
Description  2 x 12 W hi-fi audio power amplifiers with mute
Télécharger  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo 

TDA2616 Datasheet(HTML) 6 Page - NXP Semiconductors

Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
July 1994
6
Philips Semiconductors
Product specification
2 x 12 W hi-fi audio power amplifiers with
mute
TDA2616/TDA2616Q
CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supply
±VP
supply voltage range
16
21
V
IORM
repetitive peak output current
2.2
A
Operating position; note 1
±VP
supply voltage range
7.5
16
21
V
IP
total quiescent current
RL = ∞
18
40
70
mA
PO
output power
THD = 0.5%
10
12
W
THD = 10%
12
15
W
THD
total harmonic distortion
PO = 6 W
0.15
0.2
%
B
power bandwidth
THD = 0.5%; note 2
20 to
20 000
Hz
Gv
voltage gain
29
30
31
dB
G
v
gain unbalance
0.2
1
dB
Vno
noise output voltage
note 3
70
140
µV
Z
i
input impedance
14
20
26
k
SVRR
supply voltage ripple rejection
note 4
40
60
dB
α
channel separation
RS = 0
46
70
dB
Ibias
input bias current
0.3
−µA
∆V
GND
DC output offset voltage
30
200
mV
∆V
4-6
DC output offset voltage
between two channels
4
150
mV
MUTE POSITION (AT I
MUTE ≥ 300 µA)
VO
output voltage
VI = 600 mV
0.3
1.0
mV
Z2-7
mute input impedance
note 7
6.7
9
11.3
k
IP
total quiescent current
RL = ∞
18
40
70
mA
Vno
noise output voltage
note 3
70
140
µV
SVRR
supply voltage ripple rejection
note 4
40
55
dB
∆V
GND
DC output offset voltage
40
200
mV
∆V
off
offset voltage with respect to operating
position
4
150
mV
I2
current if pin 2 is connected to pin 5
−−
8.2
mA
Mute position; note 5
±VP
supply voltage range
2
5.8
V
IP
total quiescent current
RL = ∞
930
40
mA
VO
output voltage
VI = 600 mV
0.3
1.0
mV
Vno
noise output voltage
note 3
70
140
µV
SVRR
supply voltage ripple rejection
note 4
40
55
dB


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn