Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDA1596T Fiches technique(PDF) 10 Page - NXP Semiconductors

No de pièce TDA1596T
Description  IF amplifier/demodulator for FM radio receivers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA1596T Fiches technique(HTML) 10 Page - NXP Semiconductors

Back Button TDA1596T Datasheet HTML 6Page - NXP Semiconductors TDA1596T Datasheet HTML 7Page - NXP Semiconductors TDA1596T Datasheet HTML 8Page - NXP Semiconductors TDA1596T Datasheet HTML 9Page - NXP Semiconductors TDA1596T Datasheet HTML 10Page - NXP Semiconductors TDA1596T Datasheet HTML 11Page - NXP Semiconductors TDA1596T Datasheet HTML 12Page - NXP Semiconductors TDA1596T Datasheet HTML 13Page - NXP Semiconductors TDA1596T Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
April 1991
10
Philips Semiconductors
Product specification
IF amplifier/demodulator for
FM radio receivers
TDA1596
OPERATING CHARACTERISTICS
f = 10.7 MHz; V18(rms) = 1 mV; deviation (∆f) = 22.5 kHz; modulation frequency (fm) = 400 Hz; de-emphasis
(pin 4) = 50
µs; test circuit as per Fig.3; tuned circuit (Q
L = 19) aligned for symmetrical stop pulses; Tamb = +25 °C;
unless otherwise specified
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT
AF output voltage (RMS value)
at V18(rms) = 10 mV
V4(rms)
180
200
220
mV
Start of limiting (FM, mute-off);
(RMS value) (Fig.11)
V18(rms)
14
22
35
µV
Dependence of signal-to-noise ratio
(in noise frequency band 250 Hz to
15 kHz, unweighted) on input voltage
for S/N = 26 dB
V18(rms)
15
−µV
for S/N = 46 dB
V18(rms)
60
−µV
at V18(rms) = 10 mV; ∆f = 75 kHz
S/N
82
dB
THD (FM, mute-on) at V18(rms) = 10 mV;
∆f = 75 kHz; f
m = 1 kHz; without
detuning; without de-emphasis;
I7 = 0 mA
THD
0.1
0.3
%
Dynamic mute attenuation (Fig.12)
with fm = 100 kHz; ∆f = 75 kHz
α
D
16
dB
Slope of attenuation curve
α
D∆f
0.8
dB/kHz
THD (FM, mute-on) at V18(rms) = 10 mV;
∆f = 75 kHz; f
m = 1 kHz;
detuning
≤ ± 25 kHz without
de-emphasis; I7 = 0 mA (Fig.13)
THD
−−
0.6
%
THD (FM, mute-off and compensated via
pin 3) at V18(rms) = 10 mV;
∆f = 75 kHz; f
m = 1 kHz;
V7 = V5
THD
0.07
0.25
%
Voltage range at pin 3 for THD
compensation
V3
0
V5
V
AM suppression (FM, mute-off) with
amplitude modulation at 30%;
input voltage range V18 = 300 µV
to 100 mV (Fig.14)
65
dB
Power supply ripple rejection
= 20log [
∆V
1/∆V4]33
36
dB
Mute attenuation (FM-off)
= 20log [V4(FM-on/V4(FM-off)]60
−−
dB
α
D
20
V
4 FMmute
off
()
V
4 FM mute
,
on
()
------------------------------------------------------
log
=


Numéro de pièce similaire - TDA1596T

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
TDA1596T PHILIPS-TDA1596T Datasheet
400Kb / 22P
   IF amplifier/demodulator for FM radio receivers
April 1991
More results

Description similaire - TDA1596T

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
TDA1596T PHILIPS-TDA1596T Datasheet
400Kb / 22P
   IF amplifier/demodulator for FM radio receivers
April 1991
TDA1599 PHILIPS-TDA1599 Datasheet
262Kb / 22P
   IF amplifier/demodulator for FM radio receivers
May 1994
TDA1597 PHILIPS-TDA1597 Datasheet
200Kb / 24P
   IF amplifier/demodulator for FM radio receivers
1997 Feb 27
TDA1593 PHILIPS-TDA1593 Datasheet
107Kb / 20P
   IF amplifier/demodulator for FM car radio receivers
1996 Oct 10
TEA6850 PHILIPS-TEA6850 Datasheet
268Kb / 20P
   IF filter / amplifier / demodulator for FM radio receivers
July 1994
logo
Sanyo Semicon Device
LA1150N SANYO-LA1150N Datasheet
220Kb / 5P
   FM IF Amplifier for Car Radio
logo
TEMIC Semiconductors
TBA120T TEMIC-TBA120T Datasheet
78Kb / 4P
   FM IF amplifier and demodulator
logo
List of Unclassifed Man...
TBA129 ETC-TBA129 Datasheet
78Kb / 4P
   FM IF AMPLIFIER WITH DEMODULATOR
logo
NXP Semiconductors
TDA1576 PHILIPS-TDA1576 Datasheet
128Kb / 16P
   FM/IF amplifier/demodulator circuit
1998 Nov 18
TDA1576T PHILIPS-TDA1576T Datasheet
110Kb / 16P
   FM/IF amplifier/demodulator circuit
1998 Nov 18
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com