Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDA1560Q Fiches technique(PDF) 10 Page - NXP Semiconductors

No de pièce TDA1560Q
Description  40 W car radio high power amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA1560Q Fiches technique(HTML) 10 Page - NXP Semiconductors

Back Button TDA1560Q Datasheet HTML 6Page - NXP Semiconductors TDA1560Q Datasheet HTML 7Page - NXP Semiconductors TDA1560Q Datasheet HTML 8Page - NXP Semiconductors TDA1560Q Datasheet HTML 9Page - NXP Semiconductors TDA1560Q Datasheet HTML 10Page - NXP Semiconductors TDA1560Q Datasheet HTML 11Page - NXP Semiconductors TDA1560Q Datasheet HTML 12Page - NXP Semiconductors TDA1560Q Datasheet HTML 13Page - NXP Semiconductors TDA1560Q Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
1996 May 14
10
Philips Semiconductors
Product specification
40 W car radio high power amplifier
TDA1560Q
Table 1
Values of capacitors C1, C2 and Ck and frequency roll off
fat
−3dB
(Hz)
C1, C2
(
µF)
Ck
(nF)
10
4700
560
20
3300
270
30
2200
180
40
2200
150
50
1500
100
60
1500
82
70
1000
68
Fig.5 Common mode rejection ratio measurements.
handbook, full pagewidth
TDA1560Q
R L
output 1 ( )
output 2 ( )
ground
+VP
VP
7
11
9
6,12
input ( )
input ( )
2
3
1
MCD330 - 1


Numéro de pièce similaire - TDA1560Q

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
TDA1561 PHILIPS-TDA1561 Datasheet
244Kb / 24P
   2 x 23 W high efficiency car radio power amplifier
1997 Aug 14
TDA1561Q PHILIPS-TDA1561Q Datasheet
244Kb / 24P
   2 x 23 W high efficiency car radio power amplifier
1997 Aug 14
TDA1562 PHILIPS-TDA1562 Datasheet
124Kb / 20P
   70 W high efficiency power amplifier with diagnostic facility
1998 Apr 07
TDA1562Q PHILIPS-TDA1562Q Datasheet
124Kb / 20P
   70 W high efficiency power amplifier with diagnostic facility
1998 Apr 07
TDA1562Q NXP-TDA1562Q Datasheet
129Kb / 24P
   70 W high efficiency power amplifier with diagnostic facility
2003 Feb 12
More results

Description similaire - TDA1560Q

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
TDA1020 PHILIPS-TDA1020 Datasheet
69Kb / 9P
   12 W car radio power amplifier
November 1982
TDA8571J PHILIPS-TDA8571J Datasheet
256Kb / 20P
   4 x 40 W BTL quad car radio power amplifier
1998 Mar 13
TDA1516CQ PHILIPS-TDA1516CQ Datasheet
68Kb / 10P
   24 W BTL car radio power amplifier
July 1994
TDA1565TH PHILIPS-TDA1565TH Datasheet
236Kb / 27P
   High efficiency 2 x 40 W / 2 ohm stereo car radio power amplifier
2004 Jan 27
logo
STMicroelectronics
TDA7391PD STMICROELECTRONICS-TDA7391PD_11 Datasheet
243Kb / 12P
   32 W bridge car radio amplifier
TDA2003AH STMICROELECTRONICS-TDA2003AH Datasheet
589Kb / 19P
   10 W car radio audio amplifier
TDA2003AV STMICROELECTRONICS-TDA2003AV Datasheet
589Kb / 19P
   10 W car radio audio amplifier
TDA7391PD STMICROELECTRONICS-TDA7391PD_08 Datasheet
171Kb / 11P
   32 W bridge car radio amplifier
TDA2003A STMICROELECTRONICS-TDA2003A Datasheet
589Kb / 19P
   10 W car radio audio amplifier
TDA2003LG STMICROELECTRONICS-TDA2003LG Datasheet
197Kb / 8P
   10 W car radio audio amplifier
September 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com