Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

TDA1556Q Datasheet(Fiches technique) 4 Page - NXP Semiconductors

Numéro de pièce TDA1556Q
Description  2 x 22 W stereo BTL differential amplifier with speaker protection and dynamic distortion detector
Télécharger  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo 

TDA1556Q Datasheet(HTML) 4 Page - NXP Semiconductors

 
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
July 1994
4
Philips Semiconductors
Product specification
2 x 22 W stereo BTL differential amplifier
with speaker protection and dynamic
TDA1556Q
PINNING
SYMBOL
PIN
DESCRIPTION
IN1A
1
input signal 1A
IN1B
2
input signal 1B
n.c.
3
not connected
DDD
4
dynamic distortion detector
Vp1
5
positive supply voltage 1
OUT1A
6
output signal 1A
GND1
7
power ground 1
OUT1B
8
output signal 1B
n.c.
9
not connected
OUT2A
10
output signal 2A
GND2
11
power ground 2
OUT2B
12
output signal 2B
VP2
13
positive supply voltage 2
M/SB
14
mute/stand-by switch
LSP
15
loudspeaker protection
IN2A
16
input signal 2B
IN2B
17
input signal 2A
Fig.2 Pin configuration.
handbook, halfpage
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
IN 1A
IN 1B
n.c.
DDD
OUT 1A
GND 1
OUT 1B
n.c.
GND 2
OUT 2B
M/SB
LSP
IN 2A
IN 2B
MLA381 - 1
TDA1556Q
OUT 2A
VP2
V P1
THERMAL RESISTANCE
SYMBOL
PARAMETER
THERMAL
RESISTANCE
Rth j-a
from junction to ambient
in free air
40 K/W
Rth j-c
from junction to case
(see Figs 3 and 4)
1.5 K/W
Fig.3 Thermal resistance.
handbook, halfpage
2.8
K/W
0.1
K/W
2.8
K/W
virtual
junction
output 1
output 2
case
MLA382


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn