Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDA1553CQ Fiches technique(PDF) 10 Page - NXP Semiconductors

No de pièce TDA1553CQ
Description  2 x 22 W stereo BTL car radio power amplifier with loudspeaker protection and 3-state mode switch
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA1553CQ Fiches technique(HTML) 10 Page - NXP Semiconductors

Back Button TDA1553CQ Datasheet HTML 2Page - NXP Semiconductors TDA1553CQ Datasheet HTML 3Page - NXP Semiconductors TDA1553CQ Datasheet HTML 4Page - NXP Semiconductors TDA1553CQ Datasheet HTML 5Page - NXP Semiconductors TDA1553CQ Datasheet HTML 6Page - NXP Semiconductors TDA1553CQ Datasheet HTML 7Page - NXP Semiconductors TDA1553CQ Datasheet HTML 8Page - NXP Semiconductors TDA1553CQ Datasheet HTML 9Page - NXP Semiconductors TDA1553CQ Datasheet HTML 10Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
1995 Dec 15
10
Philips Semiconductors
Product specification
2
× 22 W stereo BTL car radio power amplifier with
loudspeaker protection and 3-state mode switch
TDA1553CQ
SOLDERING
Introduction
There is no soldering method that is ideal for all IC
packages. Wave soldering is often preferred when
through-hole and surface mounted components are mixed
on one printed-circuit board. However, wave soldering is
not always suitable for surface mounted ICs, or for
printed-circuits with high population densities. In these
situations reflow soldering is often used.
This text gives a very brief insight to a complex technology.
A more in-depth account of soldering ICs can be found in
our
“IC Package Databook” (order code 9398 652 90011).
Soldering by dipping or by wave
The maximum permissible temperature of the solder is
260
°C; solder at this temperature must not be in contact
with the joint for more than 5 seconds. The total contact
time of successive solder waves must not exceed
5 seconds.
The device may be mounted up to the seating plane, but
the temperature of the plastic body must not exceed the
specified maximum storage temperature (Tstg max). If the
printed-circuit board has been pre-heated, forced cooling
may be necessary immediately after soldering to keep the
temperature within the permissible limit.
Repairing soldered joints
Apply a low voltage soldering iron (less than 24 V) to the
lead(s) of the package, below the seating plane or not
more than 2 mm above it. If the temperature of the
soldering iron bit is less than 300
°C it may remain in
contact for up to 10 seconds. If the bit temperature is
between 300 and 400
°C, contact may be up to 5 seconds.
DEFINITIONS
LIFE SUPPORT APPLICATIONS
These products are not designed for use in life support appliances, devices, or systems where malfunction of these
products can reasonably be expected to result in personal injury. Philips customers using or selling these products for
use in such applications do so at their own risk and agree to fully indemnify Philips for any damages resulting from such
improper use or sale.
Data sheet status
Objective specification
This data sheet contains target or goal specifications for product development.
Preliminary specification
This data sheet contains preliminary data; supplementary data may be published later.
Product specification
This data sheet contains final product specifications.
Limiting values
Limiting values given are in accordance with the Absolute Maximum Rating System (IEC 134). Stress above one or
more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation
of the device at these or at any other conditions above those given in the Characteristics sections of the specification
is not implied. Exposure to limiting values for extended periods may affect device reliability.
Application information
Where application information is given, it is advisory and does not form part of the specification.


Numéro de pièce similaire - TDA1553CQ

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
TDA1553 PHILIPS-TDA1553 Datasheet
89Kb / 10P
   2 x 22 W BTL stereo car radio power amplifier with loudspeaker protection
July 1994
TDA1553Q PHILIPS-TDA1553Q Datasheet
89Kb / 10P
   2 x 22 W BTL stereo car radio power amplifier with loudspeaker protection
July 1994
More results

Description similaire - TDA1553CQ

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
TDA1553Q PHILIPS-TDA1553Q Datasheet
89Kb / 10P
   2 x 22 W BTL stereo car radio power amplifier with loudspeaker protection
July 1994
TDA1557Q NXP-TDA1557Q Datasheet
67Kb / 10P
   2 x 22 W BTL stereo car radio power amplifier with speaker protection
May 1992
TDA1552Q PHILIPS-TDA1552Q Datasheet
83Kb / 10P
   2 x 22 W BTL stereo car radio power amplifier
July 1994
TDA1552Q-N4112 PHILIPS-TDA1552Q-N4112 Datasheet
66Kb / 10P
   2 x 22 W BTL stereo car radio power amplifier
July 1994
TDA1519A PHILIPS-TDA1519A Datasheet
141Kb / 14P
   22 W BTL or 2 x 11 W stereo car radio power amplifier
May 1992
TDA1551Q PHILIPS-TDA1551Q Datasheet
112Kb / 17P
   2 x 22 W BTL car radio power amplifier with diagnostic facility
July 1994
TDA1519B PHILIPS-TDA1519B Datasheet
118Kb / 12P
   12 W BTL or 2 x 6 W stereo car radio power amplifier
May 1992
TDA1515BQ PHILIPS-TDA1515BQ Datasheet
80Kb / 10P
   24 W BTL or 2 x 12 W stereo car radio power amplifier
July 1994
TDA1510AQ PHILIPS-TDA1510AQ Datasheet
96Kb / 11P
   24 W BTL or 2 x 12 W stereo car radio power amplifier
January 1992
TDA8563AQ PHILIPS-TDA8563AQ Datasheet
152Kb / 20P
   2 x 40 W/2 ohm stereo BTL car radio power amplifier with diagnostic facility
1997 Feb 20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com