Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDA1541 Fiches technique(PDF) 11 Page - NXP Semiconductors

No de pièce TDA1541
Description  Dual 16-bit DAC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA1541 Fiches technique(HTML) 11 Page - NXP Semiconductors

Back Button TDA1541 Datasheet HTML 4Page - NXP Semiconductors TDA1541 Datasheet HTML 5Page - NXP Semiconductors TDA1541 Datasheet HTML 6Page - NXP Semiconductors TDA1541 Datasheet HTML 7Page - NXP Semiconductors TDA1541 Datasheet HTML 8Page - NXP Semiconductors TDA1541 Datasheet HTML 9Page - NXP Semiconductors TDA1541 Datasheet HTML 10Page - NXP Semiconductors TDA1541 Datasheet HTML 11Page - NXP Semiconductors TDA1541 Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
November 1985
11
Philips Semiconductors
Product specification
Dual 16-bit DAC
TDA1541
PACKAGE OUTLINE
UNIT
A
max.
1
2
b1
(1)
(1)
(1)
cD
E
w
eMH
L
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
EIAJ
mm
inches
DIMENSIONS (inch dimensions are derived from the original mm dimensions)
SOT117-1
92-11-17
95-01-14
A
min.
A
max.
b
Z
max.
M E
e 1
1.7
1.3
0.53
0.38
0.32
0.23
36.0
35.0
14.1
13.7
3.9
3.4
0.25
2.54
15.24
15.80
15.24
17.15
15.90
1.7
5.1
0.51
4.0
0.066
0.051
0.020
0.014
0.013
0.009
1.41
1.34
0.56
0.54
0.15
0.13
0.01
0.10
0.60
0.62
0.60
0.68
0.63
0.067
0.20
0.020
0.16
051G05
MO-015AH
MH
c
(e )
1
ME
A
L
A1
w M
b1
e
D
A2
Z
28
1
15
14
b
E
pin 1 index
0
5
10 mm
scale
Note
1. Plastic or metal protrusions of 0.25 mm maximum per side are not included.
handbook, full pagewidth
DIP28: plastic dual in-line package; 28 leads (600 mil)
SOT117-1


Numéro de pièce similaire - TDA1541

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
TDA1541A PHILIPS-TDA1541A Datasheet
138Kb / 12P
   Stereo high performance 16-bit DAC
February 1991
TDA1541A/N2 PHILIPS-TDA1541A/N2 Datasheet
138Kb / 12P
   Stereo high performance 16-bit DAC
February 1991
TDA1541A/N2/R1 PHILIPS-TDA1541A/N2/R1 Datasheet
138Kb / 12P
   Stereo high performance 16-bit DAC
February 1991
TDA1541A/N2/S1 PHILIPS-TDA1541A/N2/S1 Datasheet
138Kb / 12P
   Stereo high performance 16-bit DAC
February 1991
More results

Description similaire - TDA1541

FabricantNo de pièceFiches techniqueDescription
logo
Micro Analog systems
MAS9316 MAS-MAS9316 Datasheet
141Kb / 8P
   16-BIT DAC
logo
Analog Devices
AD1866RZ AD-AD1866RZ Datasheet
183Kb / 12P
   Single Supply Dual 16-Bit Audio DAC
REV. 0
AD9176 AD-AD9176_V01 Datasheet
2Mb / 151P
   Dual, 16-Bit, 12.6 GSPS RF DAC
AD1866 AD-AD1866 Datasheet
251Kb / 12P
   Single Supply Dual 16-Bit Audio DAC
REV. 0
AD1866 AD-AD1866_15 Datasheet
183Kb / 12P
   Single Supply Dual 16-Bit Audio DAC
REV. 0
logo
Linear Technology
LTC1668 LINER-LTC1668 Datasheet
728Kb / 16P
   16-Bit, 50Msps DAC
logo
Texas Instruments
DAC161P997-DIE TI-DAC161P997-DIE_15 Datasheet
103Kb / 5P
[Old version datasheet]   Single-Wire 16-Bit DAC
logo
Analog Devices
AD7846 AD-AD7846 Datasheet
616Kb / 16P
   16-Bit Voltage Output DAC
REV. E
AD9172 AD-AD9172 Datasheet
2Mb / 144P
   Dual, 16-Bit, 12.6 GSPS RF DAC with Channelizers
AD9173 AD-AD9173 Datasheet
2Mb / 142P
   Dual, 16-Bit, 12.6 GSPS RF DAC with Channelizers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com