Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDA1519CTH Fiches technique(PDF) 10 Page - NXP Semiconductors

No de pièce TDA1519CTH
Description  22WBTL or 2 x 11Wstereo power amplifier
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA1519CTH Fiches technique(HTML) 10 Page - NXP Semiconductors

Back Button TDA1519CTH Datasheet HTML 6Page - NXP Semiconductors TDA1519CTH Datasheet HTML 7Page - NXP Semiconductors TDA1519CTH Datasheet HTML 8Page - NXP Semiconductors TDA1519CTH Datasheet HTML 9Page - NXP Semiconductors TDA1519CTH Datasheet HTML 10Page - NXP Semiconductors TDA1519CTH Datasheet HTML 11Page - NXP Semiconductors TDA1519CTH Datasheet HTML 12Page - NXP Semiconductors TDA1519CTH Datasheet HTML 13Page - NXP Semiconductors TDA1519CTH Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
2000 Mar 08
10
Philips Semiconductors
Product specification
22 W BTL or 2
× 11 W stereo power
amplifier
TDA1519C
APPLICATION INFORMATION
Fig.6 Stereo application diagram (SOT131-2 and SOT354-1).
handbook, full pagewidth
2200
µF
1000
µF
100
µF
100
nF
220 nF
60 k
input
reference
voltage
40 dB
+
1
220 nF
60 k
40 dB
+
9
54
6
inverting input
non-inverting input
internal
1/2 VP
VP
power
ground
2
signal
ground
TDA1519C
38
7
standby switch
MGL493
Fig.7 BTL application diagram (SOT131-2 and SOT354-1).
handbook, full pagewidth
2200
µF
100
nF
220 nF
60 k
RL = 4 Ω
input
reference
voltage
40 dB
+
1
60 k
40 dB
+
9
54
6
non-inverting input
to pin 9
internal
1/2 VP
VP
power
ground
2
signal
ground
TDA1519C
38
7
standby switch
MGL494
to pin 1


Numéro de pièce similaire - TDA1519CTH

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
TDA1519CTH NXP-TDA1519CTH Datasheet
1Mb / 22P
   22 W BTL or 2 x 11 W stereo power amplifier
2004 Jan 28
More results

Description similaire - TDA1519CTH

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
TDA1554Q PHILIPS-TDA1554Q Datasheet
96Kb / 11P
   4 x 11 W single-ended or 2 x 22 W power amplifier
May 1992
TDA1554Q NXP-TDA1554Q Datasheet
97Kb / 11P
   4 x 11 W single-ended or 2 x 22 W power amplifier
May 1992
TDA1519CJ NXP-TDA1519CJ Datasheet
1Mb / 22P
   22 W BTL or 2 x 11 W stereo power amplifier
2004 Jan 28
TDA1517ATW PHILIPS-TDA1517ATW Datasheet
132Kb / 20P
   8 W BTL or 2 x 4 W SE power amplifier
2001 Apr 17
logo
Sanyo Semicon Device
STK459 SANYO-STK459 Datasheet
32Kb / 1P
   Power Amplifier 2 x 15W
logo
STMicroelectronics
TDA7379 STMICROELECTRONICS-TDA7379 Datasheet
587Kb / 7P
   4 X 13 - 2 X 38W AUDIO POWER AMPLIFIER 2 X 13 1 X 38W AUDIO POWER AMPLIFIER
logo
NXP Semiconductors
TDA1558Q PHILIPS-TDA1558Q Datasheet
100Kb / 11P
   2 x 22 W or 4 x 11 W single-ended car radio power amplifier
May 1992
logo
Qorvo, Inc
QPA2610 QORVO-QPA2610 Datasheet
991Kb / 24P
   2 Watt X-Band Power Amplifier
logo
NXP Semiconductors
TDA1519B PHILIPS-TDA1519B Datasheet
118Kb / 12P
   12 W BTL or 2 x 6 W stereo car radio power amplifier
May 1992
TDA1516BQ PHILIPS-TDA1516BQ Datasheet
95Kb / 11P
   24 W BTL or 2 x 12 watt stereo car radio power amplifier
July 1994
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com