Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDA1310AT Fiches technique(PDF) 3 Page - NXP Semiconductors

No de pièce TDA1310AT
Description  Stereo Continuous Calibration DAC CC-DAC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA1310AT Fiches technique(HTML) 3 Page - NXP Semiconductors

  TDA1310AT Datasheet HTML 1Page - NXP Semiconductors TDA1310AT Datasheet HTML 2Page - NXP Semiconductors TDA1310AT Datasheet HTML 3Page - NXP Semiconductors TDA1310AT Datasheet HTML 4Page - NXP Semiconductors TDA1310AT Datasheet HTML 5Page - NXP Semiconductors TDA1310AT Datasheet HTML 6Page - NXP Semiconductors TDA1310AT Datasheet HTML 7Page - NXP Semiconductors TDA1310AT Datasheet HTML 8Page - NXP Semiconductors TDA1310AT Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
May 1994
3
Philips Semiconductors
Preliminary specification
Stereo Continuous Calibration DAC
(CC-DAC)
TDA1310A
QUICK REFERENCE DATA
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VDD
supply voltage
3
5.0
5.5
V
IDD
supply current
VDD = 5 V at code 0000H
3.0
4.0
mA
IFS
full scale output current
VDD = 5 V
0.9
1.0
1.1
mA
VDD =3V
0.6
mA
(THD+N)/S
total harmonic distortion
plus noise-to-signal ratio
at 0 dB signal level
−−65
−61
dB
0.05
0.08
%
at
−60 dB signal level
−−30
−24
dB
36
%
at
−60 dB signal level;
A-weighted
−−33
dB
2.2
%
at
−60 dB signal level;
A-weighted;
R3 =R4=11 k
Ω;
(see Fig.1); IFS =2mA
1.7
%
S/N
signal-to-noise ratio at
bipolar zero
A-weighted at code 0000H
86
92
dB
A-weighted; IFS = 2 mA;
R3 =R4=11 k
Ω; see Fig.1
95
dB
tCS
current settling time to
±1 LSB
0.2
−µs
BR
input bit rate at data input
−−
18.4
Mbits/s
fclk
clock frequency at clock
input BCK
−−
18.4
MHz
TCFS
full scale temperature
coefficient at analog
outputs (IOL; IOR)
−±400 × 10−6
Tamb
operating ambient
temperature
−40
+85
°C
Ptot
total power dissipation
VDD = 5 V at code 0000H
15
20
mW
VDD = 3 V at code 0000H
6.0
mW


Numéro de pièce similaire - TDA1310AT

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
TDA1311A PHILIPS-TDA1311A Datasheet
133Kb / 20P
   Stereo Continuous Calibration DAC CC-DAC
1995 Dec 18
TDA1311AT PHILIPS-TDA1311AT Datasheet
133Kb / 20P
   Stereo Continuous Calibration DAC CC-DAC
1995 Dec 18
TDA1312 PHILIPS-TDA1312 Datasheet
61Kb / 13P
   Stereo continuous calibration DAC CC-DAC
July 1993
TDA1312A PHILIPS-TDA1312A Datasheet
61Kb / 13P
   Stereo continuous calibration DAC CC-DAC
July 1993
TDA1312AT PHILIPS-TDA1312AT Datasheet
61Kb / 13P
   Stereo continuous calibration DAC CC-DAC
July 1993
More results

Description similaire - TDA1310AT

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
TDA1387T PHILIPS-TDA1387T Datasheet
140Kb / 16P
   Stereo Continuous Calibration DAC CC-DAC
1995 Dec 11
TDA1311A PHILIPS-TDA1311A Datasheet
133Kb / 20P
   Stereo Continuous Calibration DAC CC-DAC
1995 Dec 18
TDA1312A PHILIPS-TDA1312A Datasheet
61Kb / 13P
   Stereo continuous calibration DAC CC-DAC
July 1993
TDA1313 PHILIPS-TDA1313 Datasheet
76Kb / 15P
   Stereo continuous calibration DAC CC-DAC
July 1993
TDA1545A PHILIPS-TDA1545A Datasheet
126Kb / 20P
   Stereo continuous calibration DAC
1997 Sep 04
TDA1546T PHILIPS-TDA1546T Datasheet
327Kb / 40P
   Bitstream Continuous Calibration DAC with digital sound processing BCC-DAC
January 1995
logo
List of Unclassifed Man...
AL1201 ETC-AL1201 Datasheet
134Kb / 9P
   stereo DAC
logo
Micronas
DAC3550A MICRONAS-DAC3550A Datasheet
626Kb / 35P
   DAC 3550A STEREO AUDIO DAC
logo
NXP Semiconductors
TDA1549T PHILIPS-TDA1549T Datasheet
227Kb / 20P
   Stereo 4fs data input up-sampling filter with bitstream continuous calibration DAC BCC-DAC1
August 1994
TDA1388 PHILIPS-TDA1388 Datasheet
138Kb / 24P
   Bitstream continuous calibration filter-DAC for CD-ROM audio applications
1996 Jul 17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com