Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDA1310A Fiches technique(PDF) 10 Page - NXP Semiconductors

No de pièce TDA1310A
Description  Stereo Continuous Calibration DAC CC-DAC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA1310A Fiches technique(HTML) 10 Page - NXP Semiconductors

Back Button TDA1310A Datasheet HTML 6Page - NXP Semiconductors TDA1310A Datasheet HTML 7Page - NXP Semiconductors TDA1310A Datasheet HTML 8Page - NXP Semiconductors TDA1310A Datasheet HTML 9Page - NXP Semiconductors TDA1310A Datasheet HTML 10Page - NXP Semiconductors TDA1310A Datasheet HTML 11Page - NXP Semiconductors TDA1310A Datasheet HTML 12Page - NXP Semiconductors TDA1310A Datasheet HTML 13Page - NXP Semiconductors TDA1310A Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
May 1994
10
Philips Semiconductors
Preliminary specification
Stereo Continuous Calibration DAC
(CC-DAC)
TDA1310A
APPLICATION INFORMATION
Remark: the graphs are constructed from average measurement values of a small amount of engineering samples,
therefore no guarantee for typical values is implied.
Fig.6
Total harmonic distortion as a function
of supply voltage (4fs).
Measured with a 1 kHz sinewave generated at a
sample frequency (fs) = 192 kHz.
(1) Measured within the specified operation supply voltage range
(3 to 5.5 V).
(2) Measured outside the specified operating supply voltage range
(2 to 3 V and 5.5 to 6 V).
Fig.7
Total harmonic distortion as a function
of signal level (4fs).
Measured with a 1 kHz sinewave generated at a
sample frequency (fs) = 192 kHz.


Numéro de pièce similaire - TDA1310A

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
TDA1311A PHILIPS-TDA1311A Datasheet
133Kb / 20P
   Stereo Continuous Calibration DAC CC-DAC
1995 Dec 18
TDA1311AT PHILIPS-TDA1311AT Datasheet
133Kb / 20P
   Stereo Continuous Calibration DAC CC-DAC
1995 Dec 18
TDA1312 PHILIPS-TDA1312 Datasheet
61Kb / 13P
   Stereo continuous calibration DAC CC-DAC
July 1993
TDA1312A PHILIPS-TDA1312A Datasheet
61Kb / 13P
   Stereo continuous calibration DAC CC-DAC
July 1993
TDA1312AT PHILIPS-TDA1312AT Datasheet
61Kb / 13P
   Stereo continuous calibration DAC CC-DAC
July 1993
More results

Description similaire - TDA1310A

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
TDA1387T PHILIPS-TDA1387T Datasheet
140Kb / 16P
   Stereo Continuous Calibration DAC CC-DAC
1995 Dec 11
TDA1311A PHILIPS-TDA1311A Datasheet
133Kb / 20P
   Stereo Continuous Calibration DAC CC-DAC
1995 Dec 18
TDA1312A PHILIPS-TDA1312A Datasheet
61Kb / 13P
   Stereo continuous calibration DAC CC-DAC
July 1993
TDA1313 PHILIPS-TDA1313 Datasheet
76Kb / 15P
   Stereo continuous calibration DAC CC-DAC
July 1993
TDA1545A PHILIPS-TDA1545A Datasheet
126Kb / 20P
   Stereo continuous calibration DAC
1997 Sep 04
TDA1546T PHILIPS-TDA1546T Datasheet
327Kb / 40P
   Bitstream Continuous Calibration DAC with digital sound processing BCC-DAC
January 1995
logo
List of Unclassifed Man...
AL1201 ETC-AL1201 Datasheet
134Kb / 9P
   stereo DAC
logo
Micronas
DAC3550A MICRONAS-DAC3550A Datasheet
626Kb / 35P
   DAC 3550A STEREO AUDIO DAC
logo
NXP Semiconductors
TDA1549T PHILIPS-TDA1549T Datasheet
227Kb / 20P
   Stereo 4fs data input up-sampling filter with bitstream continuous calibration DAC BCC-DAC1
August 1994
TDA1388 PHILIPS-TDA1388 Datasheet
138Kb / 24P
   Bitstream continuous calibration filter-DAC for CD-ROM audio applications
1996 Jul 17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com