Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM134H-6 Fiches technique(PDF) 8 Page - Linear Technology

No de pièce LM134H-6
Description  Constant Current Source and Temperature Sensor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LINER [Linear Technology]
Site Internet  http://www.linear.com
Logo LINER - Linear Technology

LM134H-6 Fiches technique(HTML) 8 Page - Linear Technology

Back Button LM134H-6 Datasheet HTML 4Page - Linear Technology LM134H-6 Datasheet HTML 5Page - Linear Technology LM134H-6 Datasheet HTML 6Page - Linear Technology LM134H-6 Datasheet HTML 7Page - Linear Technology LM134H-6 Datasheet HTML 8Page - Linear Technology LM134H-6 Datasheet HTML 9Page - Linear Technology LM134H-6 Datasheet HTML 10Page - Linear Technology LM134H-6 Datasheet HTML 11Page - Linear Technology LM134H-6 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
LM134 Series
8
TYPICAL APPLICATIO S
TA06
V+
V
R
LM334
VIN
R3
100
R2
300
R1
15k
R4
4.5k
2N4250
VOUT = 10mV/°K
ZOUT ≤ 2Ω
C1
0.0022
TA07
V+
V
R
LM334
VIN ≥ VREF + 200mV
R2
120
R1
1.5k
Q1
2N4250
VOUT = VZ + 64mV AT 25°C
IOUT ≤ 3mA
C1
0.1
LT1009
VZ
+
TA05
V+
V
R
LM334
VIN
–VIN
RSET
R1*
C1*
*SELECT R1 AND C1 FOR OPTIMUM STABILITY
2N2905
TA08
V+
V
R
LM334
VIN
–VIN
RSET
68k
1
µA
LM4250
V+
V
R
LM134**
C1
0.001
100k
VIN ≥ 1.8V
VOUT = 1.2V
IOUT ≤ 200µA
2N4250
R1
33k
1N457**
R1*
≈6k
1%
R2*
680
1%
SELECT RATIO OF R1 TO R2 FOR ZERO TEMPERATURE DRIFT
LM134 AND DIODE SHOULD BE ISOTHERMAL
*
**
TA09
TA10
V+
V
R
LM334
VIN
VOUT
RSET
VZ
Higher Output Current
Low Output Impedance Thermometer
Low Input Voltage Reference Driver
Micropower Bias
1.2V Regulator with 1.8V Minimum Input
Zener Biasing
Alternate Trimming Technique
Buffer for Photoconductive Cell
High Precision Low TC Current Source
V
V+
R
R1*
LM334
RSET
TA11
VIN
–VIN
*FOR
±10% ADJUSTMENT, SELECT RSET
10% HIGH AND MAKE R1
≈ 3RSET
V
V+
R
LM334
TA12
1.5V
1.37V
R2
TA13
V+
V
R
LM334
R2*
R1
6.8k
ISET ≥ 50µA
+
LT1004-1.2
(1.235V)
*ISET =
+ 10
µA
ISET TC = 0.016%/°C + 33nA/°C
REGULATION
≈ 0.001%/V


Numéro de pièce similaire - LM134H-6

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM134H NSC-LM134H Datasheet
273Kb / 14P
   3-Terminal Adjustable Current Sources
LM134H NSC-LM134H Datasheet
755Kb / 14P
   3-Terminal Adjustable Current Sources
logo
Texas Instruments
LM134H TI-LM134H Datasheet
1Mb / 26P
[Old version datasheet]   LM134/LM234/LM334 3-Terminal Adjustable Current Sources
LM134H TI-LM134H Datasheet
1Mb / 26P
[Old version datasheet]   LM134/LM234/LM334 3-Terminal Adjustable Current Sources
LM134H TI1-LM134H Datasheet
1Mb / 25P
[Old version datasheet]   LM134/LM234/LM334 3-Terminal Adjustable Current Sources
More results

Description similaire - LM134H-6

FabricantNo de pièceFiches techniqueDescription
logo
Linear Technology
LM134 LINER-LM134_15 Datasheet
166Kb / 12P
   Constant Current Source and Temperature Sensor
LM334S8 LINER-LM334S8 Datasheet
110Kb / 2P
   Constant Current Source and Temperature Sensor
logo
NXP Semiconductors
PSSI2021SAY PHILIPS-PSSI2021SAY Datasheet
51Kb / 8P
   Constant current source
2001 May 07
logo
ON Semiconductor
AND8109 ONSEMI-AND8109 Datasheet
32Kb / 2P
   LED CONSTANT CURRENT SOURCE SCHEME
January, 2003 ??Rev. 0
logo
List of Unclassifed Man...
AN103 ETC1-AN103 Datasheet
53Kb / 5P
   The FET Constant-Current Source/Limiter
logo
Nexperia B.V. All right...
PSSI2021SAY NEXPERIA-PSSI2021SAY Datasheet
188Kb / 13P
   Constant current source in SOT353 package
Rev. 03 - 27 August 2009
logo
TEKTRONIX, INC.
6220 TEKTRONIX-6220 Datasheet
461Kb / 5P
   DC Current Source AC and DC Current Source
logo
BCD Semiconductor Manuf...
AP4313 BCDSEMI-AP4313_10 Datasheet
685Kb / 12P
   CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
logo
Seaward Electronics Inc...
SE1052 SEAWARD-SE1052 Datasheet
288Kb / 8P
   Constant Voltage and Constant Current Controller
logo
Diodes Incorporated
AP4305 DIODES-AP4305 Datasheet
451Kb / 10P
   CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com