Moteur de recherche de fiches techniques de composants électroniques |
|
TDA1010A Fiches technique(PDF) 2 Page - NXP Semiconductors |
|
TDA1010A Fiches technique(HTML) 2 Page - NXP Semiconductors |
2 / 22 page November 1982 2 Philips Semiconductors Product specification 6 W audio power amplifier in car applications 10 W audio power amplifier in mains-fed TDA1010A The TDA1010A is a monolithic integrated class-B audio amplifier circuit in a 9-lead single in-line (SIL) plastic package. The device is primarily developed as a 6 W car radio amplifier for use with 4 Ω and 2 Ω load impedances. The wide supply voltage range and the flexibility of the IC make it an attractive proposition for record players and tape recorders with output powers up to 10 W. Special features are: • single in-line (SIL) construction for easy mounting • separated preamplifier and power amplifier • high output power • low-cost external components • good ripple rejection • thermal protection QUICK REFERENCE DATA PACKAGE OUTLINE 9-lead SIL; plastic (SOT110B); SOT110-1; 1996 Sepetember 06. Supply voltage range VP 6 to 24 V Repetitive peak output current IORM max. 3 A Output power at pin 2; dtot = 10% VP = 14,4 V; RL = 2 Ω Po typ. 6,4 W VP = 14,4 V; RL = 4 Ω Po typ. 6,2 W VP = 14,4 V; RL = 8 Ω Po typ. 3,4 W VP = 14,4 V; RL = 2 Ω; with additional bootstrap resistor of 220 Ω between pins 3 and 4 Po typ. 9 W Total harmonic distortion at Po = 1 W; RL = 4 Ω dtot typ. 0,2 % Input impedance preamplifier (pin 8) Zi typ. 30 k Ω power amplifier (pin 6) Z i typ. 20 k Ω Total quiescent current at VP = 14,4 V Itot typ. 31 mA Sensitivity for Po = 5,8 W; RL = 4 Ω Vi typ. 10 mV Operating ambient temperature Tamb −25 to + 150 °C Storage temperature Tstg −55 to + 150 °C |
Numéro de pièce similaire - TDA1010A |
|
Description similaire - TDA1010A |