Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TIP551 Fiches technique(PDF) 1 Page - List of Unclassifed Manufacturers

No de pièce TIP551
Description  4 Channels of Isolated 16 bit D/A Conversion
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

TIP551 Fiches technique(HTML) 1 Page - List of Unclassifed Manufacturers

  TIP551 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TEWS TECHNOLOGIES GmbH
Am Bahnhof 7
25469 Halstenbek / Germany
Phone: +49-(0)4101-4058-0
Fax: +49-(0)4101-4058-19
e-mail: info@tews.com
www.tews.com
TEWS TECHNOLOGIES LLC
1 E. Liberty Street, Sixth Floor
Reno, Nevada 89504 / USA
Phone: +1 (775) 686 6077
Fax: +1 (775) 686 6024
e-mail: usasales@tews.com
www.tews.com
The Embedded I/O Company
TEWS TECHNOLOGIES GmbH keeps the right to change technical specification without further notice
06/2002
IndustryPack is a registered trademark of SBS Technologies, Inc.
Application Information
The TIP551 is an IndustryPack
 compatible module and
offers 4 channels of isolated 16 bit analog outputs. Settling
time to 0.003% is 10µs typical. The programmable output
voltage range is +/-10V or 0-10V selectable by jumper. The
DAC clears to 0V in both unipolar and bipolar output. The
isolated DAC and the output buffer are powered by an on
board DC/DC converter.
Each
TIP551
is
factory
calibrated.
The
calibration
information is stored in the Identification-PROM unique to
each IP.
For
First-Time-Buyers
the
engineering
documentation
TIP551-ED
is
recommended.
The
engineering
documentation includes TIP551-DOC, schematics and data
sheets.
Driver support (TIP551-SW-xx) for different operating
systems is available.
Technical Information
! Interface according to IndustryPack specification
! Identification-PROM supports auto-configuration
! Single Size IndustryPack
! 4 channels of isolated 16 bit analog output
! Full-scale output range +/-10 V or 0-10V selectable by
jumper
! Factory calibrated, calibration information in
Identification-PROM unique to each IP
!
Operating temperature -40°C to +85°C
ID-PROM
Control &
Interface
DC/DC
Converter
16 bit DAC
16 bit DAC
16 bit DAC
16 bit DAC
Order Information
TIP551-10
4 Channels of Isolated 16 bit Analog Output
TIP551-DOC
User Documentation
TIP551-ED
Engineering Documentation, includes
TIP551-DOC
TIP551-SW-12
OS-9 Software Support
TIP551-SW-32
pSOS Software Support
TIP551-SW-42
VxWorks Software Support
TIP551-SW-62
Windows NT 4.0 Software Support
TIP551-SW-72
LynxOS Software Support
TIP551-SW-82
LiNUX Software Support
TIP551-SW-92
QNX 4 Software Support
TIP551-SW-95
QNX 6 Software Support
TIP551 4 Channels of Isolated 16 bit D/A Conversion


Numéro de pièce similaire - TIP551

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
TIP550 ETC1-TIP550 Datasheet
74Kb / 1P
   Channels of Isolated 12 bit D/A Conversion
TIP550-10 ETC1-TIP550-10 Datasheet
74Kb / 1P
   Channels of Isolated 12 bit D/A Conversion
TIP550-11 ETC1-TIP550-11 Datasheet
74Kb / 1P
   Channels of Isolated 12 bit D/A Conversion
TIP550-DOC ETC1-TIP550-DOC Datasheet
74Kb / 1P
   Channels of Isolated 12 bit D/A Conversion
TIP550-ED ETC1-TIP550-ED Datasheet
74Kb / 1P
   Channels of Isolated 12 bit D/A Conversion
More results

Description similaire - TIP551

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
TIP501 ETC2-TIP501 Datasheet
78Kb / 1P
   16 Channels of Isolated 16 bit A/D Conversion
TIP550 ETC1-TIP550 Datasheet
74Kb / 1P
   Channels of Isolated 12 bit D/A Conversion
logo
ATMEL Corporation
AT83C5111 ATMEL-AT83C5111_14 Datasheet
898Kb / 86P
   10-bit, 8 Channels A/D Converter
logo
ADL Embedded Solutions
104-AIO16-16E ADL-104-AIO16-16E Datasheet
458Kb / 2P
   16-bit, 16-channel A/D with 12-bit D/A
logo
Agilent(Hewlett-Packard...
HCPL-7860 HP-HCPL-7860 Datasheet
346Kb / 28P
   Isolated 15-bit A/D Converter
logo
Sanyo Semicon Device
LC7880M SANYO-LC7880M Datasheet
228Kb / 6P
   16 bit D/A CONVERTER
LC78866V SANYO-LC78866V Datasheet
138Kb / 6P
   16-bit A/D Converter?
LC78865M SANYO-LC78865M Datasheet
119Kb / 6P
   16-bit A/D Converter
logo
Analog Devices
AD7701 AD-AD7701_15 Datasheet
301Kb / 20P
   16-Bit A/D Converter
Rev. E
logo
ADL Embedded Solutions
104-AIO16-16W ADL-104-AIO16-16W Datasheet
458Kb / 2P
   16-bit, High-Speed, 16-channel A/D with 12-bit D/A
More results


Html Pages

1


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com