Moteur de recherche de fiches techniques de composants électroniques |
|
UF4002-TB Fiches technique(PDF) 3 Page - Won-Top Electronics |
|
UF4002-TB Fiches technique(HTML) 3 Page - Won-Top Electronics |
3 / 4 page UF4001 – UF4007 3 of 4 © 2006 Won-Top Electronics MARKING INFORMATION TAPING SPECIFICATIONS PACKAGING INFORMATION Packaging Reel Diameter / Box Size (mm) Quantity (PCS) Carton Size (mm) Quantity (PCS) Approx. Gross Weight (KG) TAPE & REEL 330 5,000 370 x 370 x 420 25,000 13.0 TAPE & BOX 255 x 75 x 150 5,000 400 x 273 x 415 50,000 21.0 BULK 198 x 84 x 20 1,000 459 x 214 x 256 50,000 19.5 Note: 1. Paper reel, white or gray color. Core material: plastic or metal. 2. Components are packed in accordance with EIA standard RS-296-E. TAPE & REEL Cathode = Polarity Band UF400x = Device Number x = 1, 2, 3, 4, 5, 6 or 7 WTE = Manufacturer’s Logo UF40 0x WTE 0.8mm MAX 5mm 1.2mm MAX 0.8mm MAX 6mm 52.4mm Cathode Tape: Red Anode Tape: White 330mm Product ID Label Inspection Hole (both ends) 80±5mm TAPE & BOX 255mm Product ID Label 150mm 75mm BULK 198mm 84mm 20mm |
Numéro de pièce similaire - UF4002-TB |
|
Description similaire - UF4002-TB |