Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UF1603FCT Fiches technique(PDF) 2 Page - Won-Top Electronics

No de pièce UF1603FCT
Description  16A GLASS PASSIVATED DUAL ULTRAFAST RECTIFIER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  WTE [Won-Top Electronics]
Site Internet  http://www.wontop.com
Logo WTE - Won-Top Electronics

UF1603FCT Fiches technique(HTML) 2 Page - Won-Top Electronics

  UF1603FCT Datasheet HTML 1Page - Won-Top Electronics UF1603FCT Datasheet HTML 2Page - Won-Top Electronics UF1603FCT Datasheet HTML 3Page - Won-Top Electronics UF1603FCT Datasheet HTML 4Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
UF1600FCT – UF1608FCT
2 of 4
© 2006 Won-Top Electronics

50V DC
Approx
50 NI (Non-inductive)
10 NI
1.0
NI
Oscilloscope
(Note 1)
Pulse
Generator
(Note 2)
Device
Under
Test
trr
Set time base for 5/10ns/cm
+0.5A
0A
-0.25A
-1.0A
Notes:
1. Rise Time = 7.0ns max. Input Impedance = 1.0M , 22pF.
2. Rise Time = 10ns max. Input Impedance = 50 .
Fig. 5 Reverse Recovery Time Characteristic and Test Circuit
(+)
(+)
(-)
(-)
0
225
1
10
100
NUMBER OF CYCLES AT 60Hz
Fig. 3 Maximum Non-Repetitive Surge Current
8.3 ms single half-sine-wave
JEDEC method
75
150
10
100
400
0.1
1.0
10
100
V , REVERSE VOLTAGE (V)
Fig. 4 Typical Junction Capacitance
R
T = 25 C
f = 1.0MHz
j
°
UF1606FCT -
UF1608FCT
0
4
8
0
50
100
150
T , CASE TEMPERATURE ( C)
Fig. 1 Forward Current Derating Curve
C
°
12
16
20
0.1
1.0
10
100
0
0.6
1.2
1.8
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig. 2 Typical Forward Characteristics
F
Pulse width = 300 s
2% duty cycle
µ
1600 - 1602
1603 - 1604
1606 - 1608
UF1600FCT -
UF1604FCT


Numéro de pièce similaire - UF1603FCT

FabricantNo de pièceFiches techniqueDescription
logo
Pan Jit International I...
UF1603FCT PANJIT-UF1603FCT Datasheet
56Kb / 2P
   ISOLATION ULTRAFST SWITCHING RECTIFIER(VOLTAGE- 50 to 800 Volts CURRENT - 16.0 Amperes)
logo
Won-Top Electronics
UF1603FCT WTE-UF1603FCT Datasheet
49Kb / 3P
   16A ISOLATION ULTRAFAST GLASS PASSIVATED RECTIFIER
logo
Pan Jit International I...
UF1603FCT PANJIT-UF1603FCT Datasheet
45Kb / 2P
   ISOLATION ULTRAFAST RECOVERY RECTIFIERS
UF1603FCT PANJIT-UF1603FCT Datasheet
95Kb / 2P
   ULTRAFAST RECOVERY RECTIFIERS
logo
Yea Shin Technology Co....
UF1603FCT YEASHIN-UF1603FCT Datasheet
41Kb / 2P
   ISOLATION UL TRAFAST RECOVERY RECTIFIERS 50 to 800 Volts 16 AmperesCURRENT
More results

Description similaire - UF1603FCT

FabricantNo de pièceFiches techniqueDescription
logo
Won-Top Electronics
UF1600CT WTE-UF1600CT_06 Datasheet
61Kb / 4P
   16A GLASS PASSIVATED DUAL ULTRAFAST RECTIFIER
UF1600CT WTE-UF1600CT Datasheet
49Kb / 3P
   16A ULTRAFAST GLASS PASSIVATED RECTIFIER
UF1600FCT WTE-UF1600FCT Datasheet
49Kb / 3P
   16A ISOLATION ULTRAFAST GLASS PASSIVATED RECTIFIER
ER1600CT WTE-ER1600CT_06 Datasheet
61Kb / 4P
   16A GLASS PASSIVATED DUAL SUPERFAST RECTIFIER
U16D05C WTE-U16D05C Datasheet
59Kb / 4P
   16A GLASS PASSIVATED DUAL SUPEFAST RECTIFIER
ER1600FCT WTE-ER1600FCT_06 Datasheet
54Kb / 4P
   16A GLASS PASSIVATED DUAL SUPERFAST RECTIFIER
logo
Frontier Electronics.
FEF160-02CT FRONTIER-FEF160-02CT Datasheet
130Kb / 2P
   16A DUAL FAST EFFICIENT GLASS PASSIVATED RECTIFIER
logo
Won-Top Electronics
UF1000CT WTE-UF1000CT_06 Datasheet
57Kb / 4P
   10A GLASS PASSIVATED DUAL ULTRAFAST RECTIFIER
UF1000FCT WTE-UF1000FCT_06 Datasheet
50Kb / 4P
   10A GLASS PASSIVATED DUAL ULTRAFAST RECTIFIER
H30D05C WTE-H30D05C Datasheet
55Kb / 4P
   30A GLASS PASSIVATED DUAL ULTRAFAST RECTIFIER
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com