Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

UF800 Fiches technique(PDF) 3 Page - Won-Top Electronics

No de pièce UF800
Description  8.0A GLASS PASSIVATED ULTRAFAST RECTIFIER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  WTE [Won-Top Electronics]
Site Internet  http://www.wontop.com
Logo WTE - Won-Top Electronics

UF800 Fiches technique(HTML) 3 Page - Won-Top Electronics

  UF800_06 Datasheet HTML 1Page - Won-Top Electronics UF800_06 Datasheet HTML 2Page - Won-Top Electronics UF800_06 Datasheet HTML 3Page - Won-Top Electronics UF800_06 Datasheet HTML 4Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
UF800 – UF808
3 of 4
© 2006 Won-Top Electronics
MARKING INFORMATION
PACKAGING INFORMATION
Tube Size
L x W x H (mm)
Quantity
(PCS)
Inner Box Size
L x W x H (mm)
Quantity
(PCS)
Carton Size
L x W x H (mm)
Quantity
(PCS)
Approx. Gross Weight
(KG)
525 x 31 x 6
50
555 x 145 x 95
2,000
572 x 306 x 218
8,000
19.0
RECOMMENDED SCREW MOUNTING ARRANGEMENT
Note: 1. Anti-static tube, water clear color.
BULK
WTE
= Manufacturer’s Logo
UF80x
= Device Number
x
= 0, 1, 2, 3, 4, 6 or 8
Polarity
= As Marked on Body
Plain Washer
Insulating Bushing
Rectifier
Insulator
Heatsink
Compression Washer
4-40 HEX Nut
Recommended isolated mounting when
screw is at heatsink potential. 4-40
hardware is used.
Screw should not be tightened with any
type of air-forced torque or equipment
that may cause high impact on device
package. The insulating bushing inside
the mounting hole will insure the screw
threads do not contact the metal base.
The interface should apply a layer of
thermal grease or a highly conductive
thermal pad for better heat dissipation.
4-40 PAN or HEX Head Screw
WTE
UF80x


Html Pages

1  2  3  4 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
GBJ8005_1 8.0A GLASS PASSIVATED BRIDGE RECTIFIER 1  2  3  Diodes Incorporated
B40C800DM Glass Passivated Ultrafast Bridge Rectifier 1  2  3  4  Vishay Siliconix
GBU8005_1 8.0A GLASS PASSIVATED BRIDGE RECTIFIER 1  2  3  Diodes Incorporated
GBU8A_06 8.0A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER 1  2  3  4  Won-Top Electronics
ER800_06 8.0A GLASS PASSIVATED SUPERFAST RECTIFIER 1  2  3  4  Won-Top Electronics
H30D05C 30A GLASS PASSIVATED DUAL ULTRAFAST RECTIFIER 1  2  3  4  Won-Top Electronics
ER800F_06 8.0A GLASS PASSIVATED SUPERFAST RECTIFIER 1  2  3  4  Won-Top Electronics
GBJ8A 8.0A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER 1  2  3  4  Won-Top Electronics
KBPC800G_06 8.0A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER 1  2  3  4  Won-Top Electronics
BYD187Z SURFACE MOUNT GLASS PASSIVATED JUNCTION ULTRAFAST EFFICIENT RECTIFIER 1  2  Zowie Technology Corporation