Moteur de recherche de fiches techniques de composants électroniques |
|
SS1040FL-T1 Fiches technique(PDF) 2 Page - Won-Top Electronics |
|
SS1040FL-T1 Fiches technique(HTML) 2 Page - Won-Top Electronics |
2 / 4 page SS1020FL – SS10100FL 2 of 4 © 2006 Won-Top Electronics 0 0.2 0.4 0.6 0.8 1.0 10 40 60 80 100 120 140 T , TERMINAL TEMPERATURE (ºC) T Fig. 1 Forward Current Derating Curve Single Pulse Half-Wave 60 Hz Resistive or Inductive Load 0.01 0.1 1 10 0.001 0.0001 0 1.0 0.6 0.8 0.4 0.2 V , INSTANTANEOUS FORWARD VOLTAGE (V) F Fig. 2 Typical Forward Characteristics T = 100ºC A T = 75ºC A T = 25ºC A T = 0ºC A T = 125ºC A T = -65ºC A V , REVERSE VOLTAGE (V) R Fig. 4 Typical Total Capacitance 1000 10 100 0 10 20 30 40 f = 1MHz 0 5 10 15 20 25 1 10 100 NUMBER OF CYCLES AT 60 Hz Fig. 3 Maximum Non-Repetitive Peak Fwd Surge Current 8.3ms Single Half Sine-Wave JEDEC Method |
Numéro de pièce similaire - SS1040FL-T1 |
|
Description similaire - SS1040FL-T1 |