Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SS1040 Fiches technique(PDF) 1 Page - Won-Top Electronics

No de pièce SS1040
Description  SURFACE MOUNT SCHOTTKY BARRIER DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  WTE [Won-Top Electronics]
Site Internet  http://www.wontop.com
Logo WTE - Won-Top Electronics

SS1040 Fiches technique(HTML) 1 Page - Won-Top Electronics

  SS1040 Datasheet HTML 1Page - Won-Top Electronics SS1040 Datasheet HTML 2Page - Won-Top Electronics SS1040 Datasheet HTML 3Page - Won-Top Electronics SS1040 Datasheet HTML 4Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SS1040
1 of 4
© 2006 Won-Top Electronics
Pb
SS1040
SURFACE MOUNT SCHOTTKY BARRIER DIODE
Features
!
Low Turn-on Voltage
!
Fast Switching
A
!
PN Junction Guard Ring for Transient and
ESD Protection
!
Designed for Surface Mount Application
C
!
Plastic Material – UL Recognition Flammability
D
Classification 94V-O
B
                 
E
Mechanical Data
H
!
Case: SOD-123, Molded Plastic
G
!
Terminals: Plated Leads Solderable per
J
MIL-STD-202, Method 208
!
Polarity: Cathode Band
!
Weight: 0.01 grams (approx.)
!
Marking: G5
!
Lead Free: For RoHS / Lead Free Version,
Add “-LF” Suffix to Part Number, See Page 4
Maximum Ratings @T
A=25°C unless otherwise specified
Characteristic
Symbol
SS1040
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
40
V
Forward Continuous Current (Note 1)
IF
1.0
A
Non-Repetitive Peak Forward Surge Current
8.3ms Single half sine-wave superimposed on
rated load (JEDEC Method)
IFSM
25
A
Power Dissipation (Note 1)
Pd
450
mW
Typical Thermal Resistance, Junction to Ambient Air (Note 1)
RJA
222
°C/W
Operating and Storage Temperature Range
Tj, TSTG
-65 to +125
°C
Electrical Characteristics @T
A=25°C unless otherwise specified
Characteristic
Symbol
SS1040
Unit
Forward Voltage Drop
@IF = 1.0A
VFM
0.55
V
Peak Reverse Leakage Current @ DC Blocking Voltage
IRM
500
µA
Typical Junction Capacitance (VR = 4V DC, f = 1MHz)
Cj
50
pF
Note: 1. Valid provided that terminals are kept at ambient temperature.
WTE
POWER SEMICONDUCTORS
SOD-123
Dim
Min
Max
A
3.6
3.9
B
2.5
2.8
C
1.4
1.8
D
0.5
0.7
E
—0.2
G
0.4
H
0.95
1.35
J
—0.12
All Dimensions in mm


Numéro de pièce similaire - SS1040

FabricantNo de pièceFiches techniqueDescription
logo
Pan Jit International I...
SS1040 PANJIT-SS1040 Datasheet
60Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER
logo
Diotech Company.
SS1040 DIOTECH-SS1040 Datasheet
613Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Formosa MS
SS1040 FORMOSA-SS1040 Datasheet
122Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Foshan Blue Rocket Elec...
SS1040 FOSHAN-SS1040 Datasheet
515Kb / 6P
   Schottky Diode in a SOD-123 Plastic Package
logo
Shanghai Leiditech Elec...
SS1040C LEIDITECH-SS1040C Datasheet
505Kb / 2P
   Schottky rectifiers
More results

Description similaire - SS1040

FabricantNo de pièceFiches techniqueDescription
logo
Guangdong Kexin Industr...
SD101AWS KEXIN-SD101AWS Datasheet
36Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
SD103BWS KEXIN-SD103BWS Datasheet
34Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
SEMTECH ELECTRONICS LTD...
BAS40 SEMTECH_ELEC-BAS40 Datasheet
119Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Weitron Technology
WSD751H WEITRON-WSD751H Datasheet
309Kb / 3P
   Surface Mount Schottky Barrier Diode
logo
GTM CORPORATION
GD751SD GTM-GD751SD Datasheet
134Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
GS400SD GTM-GS400SD Datasheet
148Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
GS402SD GTM-GS402SD Datasheet
163Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Taiwan Semiconductor Co...
BAT46W TSC-BAT46W Datasheet
29Kb / 1P
   Surface Mount Schottky Barrier Diode
logo
Diodes Incorporated
SDMK0340L DIODES-SDMK0340L_08 Datasheet
107Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
Rev. 10 - 2 June 2008
SDMG0340L DIODES-SDMG0340L_08 Datasheet
125Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
Rev. 12 - 2 July 2008
SDM10K45 DIODES-SDM10K45_10 Datasheet
79Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
Rev. 15 - 2 June 2010
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com