Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SS1040 Fiches technique(PDF) 2 Page - Won-Top Electronics

No de pièce SS1040
Description  SURFACE MOUNT SCHOTTKY BARRIER DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  WTE [Won-Top Electronics]
Site Internet  http://www.wontop.com
Logo WTE - Won-Top Electronics

SS1040 Fiches technique(HTML) 2 Page - Won-Top Electronics

  SS1040 Datasheet HTML 1Page - Won-Top Electronics SS1040 Datasheet HTML 2Page - Won-Top Electronics SS1040 Datasheet HTML 3Page - Won-Top Electronics SS1040 Datasheet HTML 4Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SS1040
2 of 4
© 2006 Won-Top Electronics
0
0.2
0.4
0.6
0.8
1.0
10
40
60
80
100
120
140
T , TERMINAL TEMPERATURE (ºC)
T
Fig. 1 Forward Current Derating Curve
Single Pulse Half-Wave
60 Hz Resistive or Inductive Load
0.01
0.1
1
10
0.001
0.0001
0
1.0
0.6
0.8
0.4
0.2
V , INSTANTANEOUS FORWARD VOLTAGE (V)
F
Fig. 2 Typical Forward Characteristics
T = 100ºC
A
T = 75ºC
A
T = 25ºC
A
T = 0ºC
A
T = 125ºC
A
T = -65ºC
A
V , REVERSE VOLTAGE (V)
R
Fig. 4 Typical Total Capacitance
1000
10
100
0
10
20
30
40
f = 1MHz
0
5
10
15
20
25
1
10
100
NUMBER OF CYCLES AT 60 Hz
Fig. 3 Maximum Non-Repetitive Peak Fwd Surge Current
8.3ms Single Half Sine-Wave
JEDEC Method


Numéro de pièce similaire - SS1040

FabricantNo de pièceFiches techniqueDescription
logo
Pan Jit International I...
SS1040 PANJIT-SS1040 Datasheet
60Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER
logo
Diotech Company.
SS1040 DIOTECH-SS1040 Datasheet
613Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Formosa MS
SS1040 FORMOSA-SS1040 Datasheet
122Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Foshan Blue Rocket Elec...
SS1040 FOSHAN-SS1040 Datasheet
515Kb / 6P
   Schottky Diode in a SOD-123 Plastic Package
logo
Shanghai Leiditech Elec...
SS1040C LEIDITECH-SS1040C Datasheet
505Kb / 2P
   Schottky rectifiers
More results

Description similaire - SS1040

FabricantNo de pièceFiches techniqueDescription
logo
Guangdong Kexin Industr...
SD101AWS KEXIN-SD101AWS Datasheet
36Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
SD103BWS KEXIN-SD103BWS Datasheet
34Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
SEMTECH ELECTRONICS LTD...
BAS40 SEMTECH_ELEC-BAS40 Datasheet
119Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Weitron Technology
WSD751H WEITRON-WSD751H Datasheet
309Kb / 3P
   Surface Mount Schottky Barrier Diode
logo
GTM CORPORATION
GD751SD GTM-GD751SD Datasheet
134Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
GS400SD GTM-GS400SD Datasheet
148Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
GS402SD GTM-GS402SD Datasheet
163Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Taiwan Semiconductor Co...
BAT46W TSC-BAT46W Datasheet
29Kb / 1P
   Surface Mount Schottky Barrier Diode
logo
Diodes Incorporated
SDMK0340L DIODES-SDMK0340L_08 Datasheet
107Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
Rev. 10 - 2 June 2008
SDMG0340L DIODES-SDMG0340L_08 Datasheet
125Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
Rev. 12 - 2 July 2008
SDM10K45 DIODES-SDM10K45_10 Datasheet
79Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
Rev. 15 - 2 June 2010
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com