Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI4410DY Fiches technique(PDF) 1 Page - International Rectifier

No de pièce SI4410DY
Description  HEXFET Power MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IRF [International Rectifier]
Site Internet  http://www.irf.com
Logo IRF - International Rectifier

SI4410DY Fiches technique(HTML) 1 Page - International Rectifier

  SI4410DY Datasheet HTML 1Page - International Rectifier SI4410DY Datasheet HTML 2Page - International Rectifier SI4410DY Datasheet HTML 3Page - International Rectifier SI4410DY Datasheet HTML 4Page - International Rectifier SI4410DY Datasheet HTML 5Page - International Rectifier SI4410DY Datasheet HTML 6Page - International Rectifier SI4410DY Datasheet HTML 7Page - International Rectifier SI4410DY Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Parameter
Max.
Units
VDS
Drain- Source Voltage
30
V
ID @ TA = 25°C
Continuous Drain Current, VGS @ 10V
±10
ID @ TA = 70°C
Continuous Drain Current, VGS @ 10V
±8.0
A
IDM
Pulsed Drain Current

±50
PD @TA = 25°C
Power Dissipation
ƒ
2.5
PD @TA = 70°C
Power Dissipation
ƒ
1.6
Linear Derating Factor
0.02
W/°C
dv/dt
Peak Diode Recovery dv/dt
…
5.0
V/ns
EAS
Single Pulse Avalanche Energy
„
400
mJ
VGS
Gate-to-Source Voltage
± 20
V
TJ, TSTG
Junction and Storage Temperature Range
-55 to + 150
°C
l N-Channel MOSFET
l Low On-Resistance
l Low Gate Charge
l Surface Mount
l Logic Level Drive
11/22/99
Si4410DY
HEXFET® Power MOSFET
Parameter
Max.
Units
RθJA
Maximum Junction-to-Ambient
ƒ
50
°C/W
Thermal Resistance
This N-channel HEXFET® Power MOSFET is produced
using International Rectifier's advanced HEXFET power
MOSFET technology. The low on-resistance and low gate
charge inherent to this technology make this device ideal
for low voltage or battery driven power conversion
applications
The SO-8 package with copper leadframe offers enhanced
thermal characteristics that allow power dissipation of
greater that 800mW in typical board mount applications.
VDSS = 30V
RDS(on) = 0.0135Ω
Description
To p V ie w
8
1
2
3
4
5
6
7
D
D
D
D
G
S
A
S
S
A
Absolute Maximum Ratings
W
www.irf.com
1
PD - 91853C
SO-8


Numéro de pièce similaire - SI4410DY

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
SI4410DY PHILIPS-SI4410DY Datasheet
266Kb / 13P
   N-channel enhancement mode field-effect transistor
Rev. 02-05 July 2001
logo
Fairchild Semiconductor
SI4410DY FAIRCHILD-SI4410DY Datasheet
239Kb / 3P
   Single N-Channel Logic Level PowerTrench MOSFET
logo
Vishay Siliconix
SI4410DY VISHAY-SI4410DY Datasheet
61Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. L, 03-May-04
logo
NXP Semiconductors
SI4410DY NXP-SI4410DY Datasheet
376Kb / 12P
   N-channel TrenchMOS logic level FET
Rev. 03 ??4 December 2009
logo
Guangdong Kexin Industr...
SI4410DY KEXIN-SI4410DY Datasheet
1Mb / 4P
   N-Channel MOSFET
More results

Description similaire - SI4410DY

FabricantNo de pièceFiches techniqueDescription
logo
International Rectifier
IRF7316 IRF-IRF7316 Datasheet
237Kb / 7P
   HEXFET POWER MOSFET
IRF6215 IRF-IRF6215 Datasheet
125Kb / 8P
   HEXFET Power MOSFET
IRF530NS IRF-IRF530NS Datasheet
618Kb / 10P
   HEXFET Power MOSFET
IRLMS2002 IRF-IRLMS2002 Datasheet
95Kb / 8P
   HEXFET Power MOSFET
IRFH5301PBF IRF-IRFH5301PBF Datasheet
309Kb / 8P
   HEXFET Power MOSFET
IRLR8726PBF IRF-IRLR8726PBF_09 Datasheet
360Kb / 11P
   HEXFET Power MOSFET
IRLML2502GPBF IRF-IRLML2502GPBF Datasheet
180Kb / 8P
   HEXFET Power MOSFET
IRF7304QPBF IRF-IRF7304QPBF_10 Datasheet
248Kb / 9P
   HEXFET POWER MOSFET
IRFS3107-7PPBF IRF-IRFS3107-7PPBF Datasheet
320Kb / 9P
   HEXFET Power MOSFET
IRFH5106PBF IRF-IRFH5106PBF Datasheet
339Kb / 8P
   HEXFET Power MOSFET
IRFH5406PBF IRF-IRFH5406PBF Datasheet
305Kb / 8P
   HEXFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com