Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SB16100CT Fiches technique(PDF) 2 Page - Won-Top Electronics

No de pièce SB16100CT
Description  16A DUAL SCHOTTKY BARRIER RECTIFIER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  WTE [Won-Top Electronics]
Site Internet  http://www.wontop.com
Logo WTE - Won-Top Electronics

SB16100CT Fiches technique(HTML) 2 Page - Won-Top Electronics

  SB16100CT Datasheet HTML 1Page - Won-Top Electronics SB16100CT Datasheet HTML 2Page - Won-Top Electronics SB16100CT Datasheet HTML 3Page - Won-Top Electronics SB16100CT Datasheet HTML 4Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SB1620CT – SB16100CT
2 of 4
© 2006 Won-Top Electronics
0
4
8
12
16
20
10
40
60
80
100
120
140150
T , CASE TEMPERATURE (º C)
Fig. 1 Forward Current Derating Curve
C
Single Pulse Half-Wave
60 Hz Resistive or Inductive Load
100
1000
2000
0.1
1.0
10
100
V , REVERSE VOLTAGE (V)
Fig. 4 Typical Junction Capacitance
R
T = 25ºC
j
f = 1MHz
0
30
60
90
120
150
1
10
100
NUMBER OF CYCLES AT 60 Hz
Fig. 3 Maximum Non-Repetitive Peak Fwd Surge Current
8.3ms Single Half Sine-Wave
JEDEC Method
1
10
20
40
0
0.5
1.0
1.5
2.0
2.5
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig. 2 Typical Forward Characteristics
F
T = 25ºC
Pulse Width = 300 s
2% Duty Cycle
j
µ
1620CT - 1645CT
1650CT - 1660CT
1680CT - 16100CT


Numéro de pièce similaire - SB16100CT

FabricantNo de pièceFiches techniqueDescription
logo
Pan Jit International I...
SB16100CT PANJIT-SB16100CT Datasheet
57Kb / 2P
   16 AMPERE SCHOTTKY BARRIER RECTIFIERS(VOLTAGE - 20 to 100 Volts CURRENT - 16.0 Amperes)
logo
Won-Top Electronics
SB16100CT WTE-SB16100CT Datasheet
39Kb / 3P
   16A SCHOTTKY BARRIER RECTIFIER
logo
PACELEADER INDUSTRIAL
SB16100CT PACELEADER-SB16100CT Datasheet
302Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Formosa MS
SB16100CT FORMOSA-SB16100CT Datasheet
107Kb / 6P
   Schottky Barrier Rectifier
logo
SUNMATE electronic Co.,...
SB16100CT SUNMATE-SB16100CT Datasheet
514Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
More results

Description similaire - SB16100CT

FabricantNo de pièceFiches techniqueDescription
logo
Won-Top Electronics
S16D30C WTE-S16D30C Datasheet
81Kb / 4P
   16A DUAL SCHOTTKY BARRIER RECTIFIER
SB1620FCT WTE-SB1620FCT_06 Datasheet
49Kb / 4P
   16A DUAL SCHOTTKY BARRIER RECTIFIER
logo
Diodes Incorporated
MBR1635 DIODES-MBR1635_15 Datasheet
160Kb / 4P
   16A SCHOTTKY BARRIER RECTIFIER
logo
Won-Top Electronics
SB1630PT WTE-SB1630PT Datasheet
49Kb / 3P
   16A SCHOTTKY BARRIER RECTIFIER
logo
Diodes Incorporated
SBL1630 DIODES-SBL1630 Datasheet
66Kb / 2P
   16A SCHOTTKY BARRIER RECTIFIER
DS23045 Rev. C-2
logo
Won-Top Electronics
SB1620CT WTE-SB1620CT Datasheet
39Kb / 3P
   16A SCHOTTKY BARRIER RECTIFIER
SB1630 WTE-SB1630 Datasheet
48Kb / 3P
   16A SCHOTTKY BARRIER RECTIFIER
SB16150CT WTE-SB16150CT_08 Datasheet
51Kb / 4P
   16A HIGH VOLTAGE DUAL SCHOTTKY BARRIER RECTIFIER
SB16150FCT WTE-SB16150FCT_08 Datasheet
51Kb / 4P
   16A HIGH VOLTAGE DUAL SCHOTTKY BARRIER RECTIFIER
logo
Diodes Incorporated
SBL1630PT DIODES-SBL1630PT_15 Datasheet
63Kb / 3P
   16A SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com