Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SAA8112HL Fiches technique(PDF) 25 Page - NXP Semiconductors

No de pièce SAA8112HL
Description  Digital camera signal processor and microcontroller
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA8112HL Fiches technique(HTML) 25 Page - NXP Semiconductors

Back Button SAA8112HL Datasheet HTML 21Page - NXP Semiconductors SAA8112HL Datasheet HTML 22Page - NXP Semiconductors SAA8112HL Datasheet HTML 23Page - NXP Semiconductors SAA8112HL Datasheet HTML 24Page - NXP Semiconductors SAA8112HL Datasheet HTML 25Page - NXP Semiconductors SAA8112HL Datasheet HTML 26Page - NXP Semiconductors SAA8112HL Datasheet HTML 27Page - NXP Semiconductors SAA8112HL Datasheet HTML 28Page - NXP Semiconductors SAA8112HL Datasheet HTML 29Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 40 page
background image
2000 Jan 18
25
Philips Semiconductors
Product specification
Digital camera signal processor and
microcontroller
SAA8112HL
Table 15 Register OUTF_AVSC (address: 0x50H)
X = don’t care.
BIT
PARAMETER
76543210
DESCRIPTION
AVSYNC (HREF) period (in CLK1 cycles during active video)
1111
2560 CLK1 cycles when AVVALID (PXQ) is high
1110
1920 CLK1 cycles
1101
1280 CLK1 cycles
1100
960 CLK1 cycles
1011
640 CLK1 cycles
1010
480 CLK1 cycles
1001
320 CLK1 cycles
1000
240 CLK1 cycles
0111
160 CLK1 cycles
0110
120 CLK1 cycles
0101
80 CLK1 cycles
0100
60 CLK1 cycles
0011
40 CLK1 cycles
0010
30 CLK1 cycles
0001
20 CLK1 cycles
0000
15 CLK1 cycles
output format select code
1
1
1
IEEE-1394 4:4:4 mode (IEEE-1384 camera mode_0)
1
1
0
IEEE-1394 4:2:2 mode (IEEE-1384 camera mode_1 and mode_3)
1
0
1
IEEE-1394 4:1:1 mode (IEEE-1384 camera mode_2)
1
0
0
IEEE-1394 4:0:0 (B and W) mode (IEEE-1384 camera mode_5)
0
X
X
standard 4:2:2 mode
X
MSB of SY (VS) duration


Numéro de pièce similaire - SAA8112HL

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
SAA8110G PHILIPS-SAA8110G Datasheet
232Kb / 36P
   Digital Signal Processor DSP for cameras
1997 Jun 13
SAA8113HL PHILIPS-SAA8113HL Datasheet
155Kb / 44P
   Digital PC-camera signal processor
1999 Sep 27
SAA8115HL PHILIPS-SAA8115HL Datasheet
177Kb / 56P
   Digital camera USB interface
2000 Jan 27
SAA8116 PHILIPS-SAA8116 Datasheet
237Kb / 60P
   Digital PC-camera signal processor including microcontroller and USB interface
2001 May 04
SAA8116ET PHILIPS-SAA8116ET Datasheet
237Kb / 60P
   Digital PC-camera signal processor including microcontroller and USB interface
2001 May 04
More results

Description similaire - SAA8112HL

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
SAA8116 PHILIPS-SAA8116 Datasheet
237Kb / 60P
   Digital PC-camera signal processor including microcontroller and USB interface
2001 May 04
SAA8116HL PHILIPS-SAA8116HL Datasheet
105Kb / 20P
   Digital PC-camera signal processor, microcontroller andUSB interface
2000 Apr 13
logo
Hitachi Semiconductor
HD49815TF HITACHI-HD49815TF Datasheet
91Kb / 25P
   Digital Camera Signal Processor
logo
Renesas Technology Corp
HD49815TF RENESAS-HD49815TF Datasheet
278Kb / 22P
   Digital Camera Signal Processor
logo
NXP Semiconductors
SAA9750H PHILIPS-SAA9750H Datasheet
114Kb / 24P
   Camera Digital Signal Processor CAMDSP
1996 Feb 16
SAA8113HL PHILIPS-SAA8113HL Datasheet
155Kb / 44P
   Digital PC-camera signal processor
1999 Sep 27
logo
SONiX Technology Compan...
SN9C2038AF SONIX-SN9C2038AF Datasheet
666Kb / 8P
   1.3M PIXELS DIGITAL STILL CAMERA SIGNAL PROCESSOR
logo
Zoran Corporation
ZR36470 ZORAN-ZR36470 Datasheet
81Kb / 2P
   Digital Camera Processor
logo
Samsung semiconductor
KS7301B SAMSUNG-KS7301B Datasheet
359Kb / 34P
   DIGITAL CAMERA PROCESSOR
logo
STMicroelectronics
STV0684 STMICROELECTRONICS-STV0684 Datasheet
487Kb / 49P
   Digital Camera Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com