Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

ER1600CT Fiches technique(PDF) 1 Page - Won-Top Electronics

No de pièce ER1600CT
Description  16A GLASS PASSIVATED DUAL SUPERFAST RECTIFIER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  WTE [Won-Top Electronics]
Site Internet  http://www.wontop.com
Logo WTE - Won-Top Electronics

ER1600CT Fiches technique(HTML) 1 Page - Won-Top Electronics

  ER1600CT_06 Datasheet HTML 1Page - Won-Top Electronics ER1600CT_06 Datasheet HTML 2Page - Won-Top Electronics ER1600CT_06 Datasheet HTML 3Page - Won-Top Electronics ER1600CT_06 Datasheet HTML 4Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
ER1600CT – ER1606CT
1 of 4
© 2006 Won-Top Electronics
Pb
ER1600CT – ER1606CT
16A GLASS PASSIVATED DUAL SUPERFAST RECTIFIER
Features
!
Glass Passivated Die Construction
B
!
Super-Fast Switching
!
Low Forward Voltage Drop
C
!
Low Reverse Leakage Current
!
High Surge Current Capability
G
A
!
Plastic Material has UL Flammability
Classification 94V-O
PIN1
2
3
                D
Mechanical Data
F
E
!
Case: TO-220, Molded Plastic
!
Terminals: Plated Leads Solderable per
P
MIL-STD-202, Method 208
!
Polarity: See Diagram
I
!
Weight: 2.24 grams (approx.)
!
Mounting Position: Any
H
L
!
Mounting Torque: 11.5 cm-kg (10 in-lbs) Max.
!
Lead Free: For RoHS / Lead Free Version,
Add “-LF” Suffix to Part Number, See Page 4
PIN 1 -
+
J
PIN 3 -
Case, PIN 2
K
Maximum Ratings and Electrical Characteristics @T
A=25°C unless otherwise specified
Single Phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristic
Symbol
ER
1600CT
ER
1601CT
ER
1601ACT
ER
1602CT
ER
1603CT
ER
1604CT
ER
1606CT
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
50
100
150
200
300
400
600
V
RMS Reverse Voltage
VR(RMS)
35
70
105
140
210
280
420
V
Average Rectified Output Current
@TC = 105°C
IO
16
A
Non-Repetitive Peak Forward Surge Current 8.3ms
Single half sine-wave superimposed on rated load
(JEDEC Method)
IFSM
125
A
Forward Voltage
@IF = 8.0A
VFM
0.95
1.3
1.7
V
Peak Reverse Current
@TA = 25°C
At Rated DC Blocking Voltage
@TA = 125°C
IRM
10
500
µA
Reverse Recovery Time (Note 1)
trr
35
50
nS
Typical Junction Capacitance (Note 2)
Cj
80
60
pF
Operating and Storage Temperature Range
Tj, TSTG
-65 to +150
°C
Note: 1. Measured with IF = 0.5A, IR = 1.0A, IRR = 0.25A.
2. Measured at 1.0 MHz and applied reverse voltage of 4.0V D.C.
WTE
POWER SEMICONDUCTORS
TO-220
Dim
Min
Max
A
13.90
15.90
B
9.80
10.70
C
2.54
3.43
D
3.56
4.56
E
12.70
14.73
F
0.51
0.96
G
3.55 Ø
4.09 Ø
H
5.75
6.85
I
4.16
5.00
J
2.03
2.92
K
0.30
0.65
L
1.14
1.40
P
2.29
2.79
All Dimensions in mm


Html Pages

1  2  3  4 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
ER1000CT_06 10A GLASS PASSIVATED DUAL SUPERFAST RECTIFIER 1  2  3  4  Won-Top Electronics
ER1000FCT_06 10A GLASS PASSIVATED DUAL SUPERFAST RECTIFIER 1  2  3  4  Won-Top Electronics
ER800_06 8.0A GLASS PASSIVATED SUPERFAST RECTIFIER 1  2  3  4  Won-Top Electronics
ER800F_06 8.0A GLASS PASSIVATED SUPERFAST RECTIFIER 1  2  3  4  Won-Top Electronics
ER1000_06 10A GLASS PASSIVATED SUPERFAST RECTIFIER 1  2  3  4  Won-Top Electronics
ER1000F_06 10A GLASS PASSIVATED SUPERFAST RECTIFIER 1  2  3  4  Won-Top Electronics
W005G_1 1.5A GLASS PASSIVATED BRIDGE RECTIFIER 1  2  3  Diodes Incorporated
GBJ25005_1 25A GLASS PASSIVATED BRIDGE RECTIFIER 1  2  3  Diodes Incorporated
1N5400G_1 3.0A GLASS PASSIVATED RECTIFIER 1  2  3  Diodes Incorporated
EF10C01C-G Glass Passivated Efficient Fast Recovery Rectifier 1  2  Comchip Technology

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn