Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

ER1000CT Fiches technique(PDF) 3 Page - Won-Top Electronics

No de pièce ER1000CT
Description  10A GLASS PASSIVATED DUAL SUPERFAST RECTIFIER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  WTE [Won-Top Electronics]
Site Internet  http://www.wontop.com
Logo WTE - Won-Top Electronics

ER1000CT Fiches technique(HTML) 3 Page - Won-Top Electronics

  ER1000CT_06 Datasheet HTML 1Page - Won-Top Electronics ER1000CT_06 Datasheet HTML 2Page - Won-Top Electronics ER1000CT_06 Datasheet HTML 3Page - Won-Top Electronics ER1000CT_06 Datasheet HTML 4Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
ER1000CT – ER1006CT
3 of 4
© 2006 Won-Top Electronics
MARKING INFORMATION
PACKAGING INFORMATION
Tube Size
L x W x H (mm)
Quantity
(PCS)
Inner Box Size
L x W x H (mm)
Quantity
(PCS)
Carton Size
L x W x H (mm)
Quantity
(PCS)
Approx. Gross Weight
(KG)
525 x 31 x 6
50
555 x 145 x 95
2,000
572 x 306 x 218
8,000
19.0
RECOMMENDED SCREW MOUNTING ARRANGEMENT
Note: 1. Anti-static tube, water clear color.
BULK
WTE
= Manufacturer’s Logo
ER100xCT
= Device Number
x
= 0, 1, 1A, 2, 3, 4 or 6
Polarity
= As Marked on Body
Plain Washer
Insulating Bushing
Rectifier
Insulator
Heatsink
Compression Washer
4-40 HEX Nut
Recommended isolated mounting when
screw is at heatsink potential. 4-40
hardware is used.
Screw should not be tightened with any
type of air-forced torque or equipment
that may cause high impact on device
package. The insulating bushing inside
the mounting hole will insure the screw
threads do not contact the metal base.
The interface should apply a layer of
thermal grease or a highly conductive
thermal pad for better heat dissipation.
4-40 PAN or HEX Head Screw
WTE
ER100xCT


Html Pages

1  2  3  4 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
ER1000_06 10A GLASS PASSIVATED SUPERFAST RECTIFIER 1  2  3  4  Won-Top Electronics
GBJ10005_1 10A GLASS PASSIVATED BRIDGE RECTIFIER 1  2  3  Diodes Incorporated
ER800_06 8.0A GLASS PASSIVATED SUPERFAST RECTIFIER 1  2  3  4  Won-Top Electronics
ER800F_06 8.0A GLASS PASSIVATED SUPERFAST RECTIFIER 1  2  3  4  Won-Top Electronics
GBU10005_1 10A GLASS PASSIVATED BRIDGE RECTIFIER 1  2  3  Diodes Incorporated
KBP005G_1 1.5A GLASS PASSIVATED BRIDGE RECTIFIER 1  2  3  Diodes Incorporated
GBU6005_1 6.0A GLASS PASSIVATED BRIDGE RECTIFIER 1  2  3  Diodes Incorporated
GBU8A_06 8.0A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER 1  2  3  4  Won-Top Electronics
GBJ1502-G Glass Passivated SINGLE PHASE BRIDGE Rectifier 1  2  Comchip Technology
UF20C01CF-G Glass Passivated Ultra Fast Recovery Rectifier 1  2  Comchip Technology

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn