Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

ER1000CT Fiches technique(PDF) 2 Page - Won-Top Electronics

No de pièce ER1000CT
Description  10A GLASS PASSIVATED DUAL SUPERFAST RECTIFIER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  WTE [Won-Top Electronics]
Site Internet  http://www.wontop.com
Logo WTE - Won-Top Electronics

ER1000CT Fiches technique(HTML) 2 Page - Won-Top Electronics

  ER1000CT_06 Datasheet HTML 1Page - Won-Top Electronics ER1000CT_06 Datasheet HTML 2Page - Won-Top Electronics ER1000CT_06 Datasheet HTML 3Page - Won-Top Electronics ER1000CT_06 Datasheet HTML 4Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ER1000CT – ER1006CT
2 of 4
© 2006 Won-Top Electronics

30
60
90
0
120
150
180
1
10
100
NUMBER OF CYCLES AT 60Hz
Fig. 3 Max Non-Repetitive Surge Current
8.3 ms single half-sine-wave
JEDEC method
10
100
400
0.1
1.0
10
100
V , REVERSE VOLTAGE (V)
Fig. 4 Typical Junction Capacitance
R
1003 - 1006
1000 - 1002
0
2
4
6
8
10
0
50
100
150
T , CASE TEMPERATURE ( C)
Fig. 1 Forward Current Derating Curve
C
°
0.1
1.0
10
100
0.2
0.6
1.0
1.4
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig. 2 Typical Forward Characteristics
F
Pulse width = 300 s
2% duty cycle
µ
1006
1003 - 1004
1000 - 1002


Html Pages

1  2  3  4 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
ER1000_06 10A GLASS PASSIVATED SUPERFAST RECTIFIER 1  2  3  4  Won-Top Electronics
GBJ10005_1 10A GLASS PASSIVATED BRIDGE RECTIFIER 1  2  3  Diodes Incorporated
ER800_06 8.0A GLASS PASSIVATED SUPERFAST RECTIFIER 1  2  3  4  Won-Top Electronics
ER800F_06 8.0A GLASS PASSIVATED SUPERFAST RECTIFIER 1  2  3  4  Won-Top Electronics
GBU10005_1 10A GLASS PASSIVATED BRIDGE RECTIFIER 1  2  3  Diodes Incorporated
KBP005G_1 1.5A GLASS PASSIVATED BRIDGE RECTIFIER 1  2  3  Diodes Incorporated
GBU6005_1 6.0A GLASS PASSIVATED BRIDGE RECTIFIER 1  2  3  Diodes Incorporated
GBU8A_06 8.0A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER 1  2  3  4  Won-Top Electronics
GBJ1502-G Glass Passivated SINGLE PHASE BRIDGE Rectifier 1  2  Comchip Technology
UF20C01CF-G Glass Passivated Ultra Fast Recovery Rectifier 1  2  Comchip Technology