Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

ER1000 Fiches technique(PDF) 2 Page - Won-Top Electronics

No de pièce ER1000
Description  10A GLASS PASSIVATED SUPERFAST RECTIFIER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  WTE [Won-Top Electronics]
Site Internet  http://www.wontop.com
Logo WTE - Won-Top Electronics

ER1000 Fiches technique(HTML) 2 Page - Won-Top Electronics

  ER1000_06 Datasheet HTML 1Page - Won-Top Electronics ER1000_06 Datasheet HTML 2Page - Won-Top Electronics ER1000_06 Datasheet HTML 3Page - Won-Top Electronics ER1000_06 Datasheet HTML 4Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ER1000 – ER1006
2 of 4
© 2006 Won-Top Electronics

30
60
90
0
120
150
180
1
10
100
NUMBER OF CYCLES AT 60Hz
Fig. 3 Max Non-Repetitive Surge Current
8.3 ms single half-sine-wave
JEDEC method
10
100
400
0.1
1.0
10
100
V , REVERSE VOLTAGE (V)
Fig. 4 Typical Junction Capacitance
R
1003 - 1006
1000 - 1002
0
2
4
6
8
10
0
50
100
150
T , CASE TEMPERATURE ( C)
Fig. 1 Forward Current Derating Curve
C
°
0.1
1.0
10
100
0.2
0.6
1.0
1.4
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig. 2 Typical Forward Characteristics
F
Pulse width = 300 s
2% duty cycle
µ
1006
1003 - 1004
1000 - 1002


Html Pages

1  2  3  4 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
GBJ10005_1 10A GLASS PASSIVATED BRIDGE RECTIFIER 1  2  3  Diodes Incorporated
ER800_06 8.0A GLASS PASSIVATED SUPERFAST RECTIFIER 1  2  3  4  Won-Top Electronics
ER800F_06 8.0A GLASS PASSIVATED SUPERFAST RECTIFIER 1  2  3  4  Won-Top Electronics
GBU10005_1 10A GLASS PASSIVATED BRIDGE RECTIFIER 1  2  3  Diodes Incorporated
SF161D GLASS PASSIVATED SUPER FAST RECTIFIER 1  2  Rectron Semiconductor
S5AC_1 5.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER 1  2  3  Diodes Incorporated
GBJ6005 6.0A GLASS PASSIVATED BRIDGE RECTIFIER 1  2  3  Diodes Incorporated
UG1001_1 1.0A ULTRA-FAST GLASS PASSIVATED RECTIFIER 1  2  3  Diodes Incorporated
SF51G 5 Amp High Efficiency Glass Passivated Rectifier 50 to 600 Volts 1  Micro Commercial Components
SF20C01C-G Glass Passivated Super Fast Recovery Rectifier 1  2  Comchip Technology

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn